Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV2011 Datasheet (PDF) - Texas Instruments

LMV2011 Datasheet PDF - Texas Instruments
Part # LMV2011
Download  LMV2011 Download
File Size   1047.44 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMV2011 High Precision, Rail-to-Rail Output Operational Amplifier

LMV2011 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMV2011 Datasheet PDF - Texas Instruments

Part # LMV2011
Download  LMV2011 Click to download

File Size   1047.44 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMV2011 High Precision, Rail-to-Rail Output Operational Amplifier

LMV2011 Datasheet (HTML) - Texas Instruments


LMV2011 Product details

1FEATURES
2• (For Vs = 5V, Typical Unless Otherwise Noted)
• Low Ensured Vos Over Temperature 35μV
• Low Noise with no 1/f 35nV/√Hz
• High CMRR 130dB
• High PSRR 120dB
• High AVOL 130dB
• Wide Gain-Bandwidth Product 3MHz
• High Slew Rate 4V/μs
• Low Supply Current 930μA
• Rail-to-Rail Output 30mV
• No External Capacitors Required

APPLICATIONS
• Precision Instrumentation Amplifiers
• Thermocouple Amplifiers
• Strain Gauge Bridge Amplifier

DESCRIPTION
The LMV2011 is a new precision amplifier that offers
unprecedented accuracy and stability at an affordable
price and is offered in a miniature (5-pin SOT-23)
package and in an 8-lead SOIC package. This device
utilizes patented techniques to measure and
continually correct the input offset error voltage. The result is an amplifier which is ultra stable over time
and temperature. It has excellent CMRR and PSRR
ratings, and does not exhibit the familiar 1/f voltage
and current noise increase that plagues traditional
amplifiers. The combination of the LMV2011
characteristics makes it a good choice for transducer
amplifiers, high gain configurations, ADC buffer
amplifiers, DAC I-V conversion, and any other 2.7V-
5V application requiring precision and long term
stability.
Other useful benefits of the LMV2011 are rail-to-rail
output, a low supply current of 930μA, and wide gain-
bandwidth product of 3MHz. These extremely
versatile features found in the LMV2011 provide high
performance and ease of use.




Similar Part No. - LMV2011

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV2011 NSC-LMV2011 Datasheet
582Kb / 15P
High Precision, Rail-to-Rail Output Operational Amplifier
logo
Texas Instruments
LMV2011 TI-LMV2011 Datasheet
1Mb / 24P
LMV2011 High Precision, Rail-to-Rail Output Operational Amplifier
logo
National Semiconductor ...
LMV2011 NSC-LMV2011 Datasheet
485Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
LMV2011MA NSC-LMV2011MA Datasheet
582Kb / 15P
High Precision, Rail-to-Rail Output Operational Amplifier
LMV2011MA NSC-LMV2011MA Datasheet
485Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
More results


Similar Description - LMV2011

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP2011 NSC-LMP2011 Datasheet
688Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
LMV2011 NSC-LMV2011 Datasheet
582Kb / 15P
High Precision, Rail-to-Rail Output Operational Amplifier
logo
Intersil Corporation
LMP2015 INTERSIL-LMP2015 Datasheet
511Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
December 18, 2007
logo
National Semiconductor ...
LMP2014MT NSC-LMP2014MT_05 Datasheet
978Kb / 14P
Quad High Precision, Rail-to-Rail Output Operational Amplifier
LMP2011 NSC-LMP2011_08 Datasheet
502Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
LMV2011 NSC-LMV2011_08 Datasheet
485Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
logo
Texas Instruments
LMV2011 TI-LMV2011 Datasheet
1Mb / 24P
LMV2011 High Precision, Rail-to-Rail Output Operational Amplifier
logo
National Semiconductor ...
LMV2011 NSC-LMV2011_14 Datasheet
1Mb / 24P
High Precision, Rail-to-Rail Output Operational Amplifier
logo
Texas Instruments
LMC2001 TI1-LMC2001 Datasheet
655Kb / 15P
High Precision, 6MHz Rail-To-Rail Output Operational Amplifier
LMP2014MT TI1-LMP2014MT Datasheet
1Mb / 21P
Quad High Precision, Rail-to-Rail Output Operational Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com