Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMZ13610 Datasheet (PDF) - Texas Instruments

LMZ13610 Datasheet PDF - Texas Instruments
Part # LMZ13610
Download  LMZ13610 Download
File Size   1007.55 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMZ13610 10-A SIMPLE SWITCHER® Power Module With 36-V Maximum Input Voltage

LMZ13610 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMZ13610 Datasheet PDF - Texas Instruments

Part # LMZ13610
Download  LMZ13610 Click to download

File Size   1007.55 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMZ13610 10-A SIMPLE SWITCHER® Power Module With 36-V Maximum Input Voltage

LMZ13610 Datasheet (HTML) - Texas Instruments


LMZ13610 Product details

1 Features
1• Integrated Shielded Inductor
• Simple PCB Layout
• Fixed Switching Frequency (350 kHz)
• Flexible Start-up Sequencing Using External Soft-
Start, Tracking and Precision Enable
• Protection Against Inrush Currents and Faults
Such as Input UVLO and Output Short Circuit
• Junction Temperature Range –40°C to 125°C
• Single Exposed Pad and Standard Pinout for Easy
Mounting and Manufacturing
• Fully Enabled for WEBENCH® Power Designer
• Pin Compatible With LMZ22010/08,
LMZ12010/08, LMZ23610/08/06H, and
LMZ13608/06H
• Performance Benefits
– High Efficiency Reduces System Heat
Generation
– Low Radiated Emissions (EMI) Tested to
EN55022 Class B Standard
– Only 7 External Components
– Low Output Voltage Ripple
– No External Heat Sink Required
• Electrical Specifications
– 50-W Maximum Total Output Power
– Up to 10-A Output Current
– Input Voltage Range 6 V to 36 V
– Output Voltage Range 0.8 V to 6 V
– Efficiency up to 92%
NOTE: EN 55022:2006, +A1:2007, FCC Part 15 Subpart B,
Tested on Evaluation Board with EMI Configuration

2 Applications
• Point-of-load Conversions from 12-V and 24-V
Input Rail
• Time-Critical Projects
• Space Constrained / High Thermal Requirement
Applications
• Negative Output Voltage Applications
(See AN-2027 SNVA425)

3 Description
The LMZ13610 SIMPLE SWITCHER® power module
is an easy-to-use step-down DC-DC solution capable
of driving up to 10-A load. The LMZ13610 is available
in an innovative package that enhances thermal
performance and allows for hand or machine
soldering.
The LMZ13610 can accept an input voltage rail
between 6 V and 36 V and can deliver an adjustable
and highly accurate output voltage as low as 0.8 V. The LMZ13610 only requires two external resistors
and three external capacitors to complete the power
solution. The LMZ13610 is a reliable and robust
design with the following protection features: thermal
shutdown, input undervoltage lockout, output over- voltage protection, short circuit protection, output
current limit, and allows start-up into a prebiased
output.




Similar Part No. - LMZ13610

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ13610 TI1-LMZ13610 Datasheet
1Mb / 24P
SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
LMZ13610 TI1-LMZ13610 Datasheet
1Mb / 27P
10A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
LMZ13610 TI1-LMZ13610 Datasheet
1Mb / 35P
10A SIMPLE SWITCHER Power Module
LMZ13610TZ TI1-LMZ13610TZ Datasheet
1Mb / 24P
SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
LMZ13610TZ TI1-LMZ13610TZ Datasheet
1Mb / 35P
10A SIMPLE SWITCHER Power Module
More results


Similar Description - LMZ13610

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMZ12010 NSC-LMZ12010 Datasheet
1Mb / 22P
10A SIMPLE SWITCHER Power Module with 20V Maximum Input Voltage
LMZ22005 NSC-LMZ22005 Datasheet
1Mb / 22P
5A SIMPLE SWITCHER Power Module with 20V Maximum Input Voltage
LMZ23605TZ NSC-LMZ23605TZ Datasheet
1Mb / 22P
5A SIMPLE SWITCHER Power Module with 36V Maximum Input Voltage
logo
Texas Instruments
LMZ10504 TI-LMZ10504_15 Datasheet
1Mb / 35P
4A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage
LMZ10505 TI-LMZ10505_15 Datasheet
1Mb / 36P
5A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage
LMZ12002 TI-LMZ12002_15 Datasheet
1Mb / 31P
2A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
LMZ22003 TI-LMZ22003_15 Datasheet
1Mb / 33P
3A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
LMZ23605 TI-LMZ23605_15 Datasheet
1Mb / 33P
LMZ23605 5-A SIMPLE SWITCHER짰 Power Module With 36-V Maximum Input Voltage
LMZ22005 TI-LMZ22005_15 Datasheet
1Mb / 34P
5A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
LMZ23610 TI-LMZ23610_15 Datasheet
1Mb / 37P
10A SIMPLE SWITCHER Power Module With 36-V Maximum Input Voltage and Current Sharing
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com