Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMZ22008 Datasheet (PDF) - Texas Instruments

LMZ22008 Datasheet PDF - Texas Instruments
Part # LMZ22008
Download  LMZ22008 Download
File Size   1024.66 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMZ22008 8-A SIMPLE SWITCHER® Power Module With 20-V Maximum Input Voltage and Current Sharing

LMZ22008 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMZ22008 Datasheet PDF - Texas Instruments

Part # LMZ22008
Download  LMZ22008 Click to download

File Size   1024.66 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMZ22008 8-A SIMPLE SWITCHER® Power Module With 20-V Maximum Input Voltage and Current Sharing

LMZ22008 Datasheet (HTML) - Texas Instruments


LMZ22008 Product details

1 Features
1• Integrated Shielded Inductor
• Simple PCB Layout
• Frequency Synchronization Input (350 kHz to 600
kHz)
• Current Sharing Capability
• Flexible Start-up Sequencing Using External
Soft-Start, Tracking and Precision Enable
• Protection Against Inrush Currents and Faults
such as Input UVLO and Output Short Circuit
• Junction Temperature Range –40°C to 125°C
• Single Exposed Pad and Standard Pinout for Easy
Mounting and Manufacturing
• Fully Enabled for WEBENCH® Power Designer
• Pin Compatible With LMZ22010/06,
LMZ12010/08/06, LMZ23610/08/06, and
LMZ13610/08/06
• Electrical Specifications
– 40-W Maximum Total Output Power
– Up to 8-A Output Current
– Input Voltage Range 6 V to 20 V
– Output Voltage Range 0.8 V to 6 V
– Efficiency up to 92%
• Performance Benefits
– High Efficiency Reduces System Heat
Generation
– Low Radiated Emissions (EMI) Tested to
EN55022
– Only 7 External Components
– Low Output Voltage Ripple
– No External Heat Sink Required
– Simple Current Sharing for Higher Current
Applications
NOTE: EN 55022:2006, +A1:2007, FCC Part 15 Subpart B,
tested on Evaluation Board with EMI configuration.

2 Applications
• Point-of-load Conversions from 12-V Input Rail
• Time-Critical Projects
• Space Constrained and High Thermal
Requirement Applications
• Negative Output Voltage Applications
See AN-2027 SNVA425

3 Description
The LMZ22008 SIMPLE SWITCHER® power module
is an easy-to-use step-down DC-DC solution capable of driving up to 8-A load. The LMZ22008 is available
in an innovative package that enhances thermal
performance and allows for hand or machine
soldering.
The LMZ22008 can accept an input voltage rail
between 6 V and 20 V and deliver an adjustable and
highly accurate output voltage as low as 0.8 V. The
LMZ22008 only requires two external resistors and external capacitors to complete the power solution.
The LMZ22008 is a reliable and robust design with the following protection features: thermal shutdown,
programmable input undervoltage lockout, output
overvoltage protection, short circuit protection, output
current limit, and allows start-up into a prebiased output.
The sync input allows synchronization over the 314- to 600-kHz switching frequency range and up to 6
modules can be connected in parallel for higher load
currents.




Similar Part No. - LMZ22008

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ22008 TI1-LMZ22008 Datasheet
1Mb / 26P
8A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage and Current Sharing
LMZ22008 TI1-LMZ22008 Datasheet
1Mb / 27P
8A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
LMZ22008 TI-LMZ22008 Datasheet
1Mb / 36P
8A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage and Current Sharing
LMZ22008TZ TI1-LMZ22008TZ Datasheet
1Mb / 26P
8A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage and Current Sharing
LMZ22008TZ/NOPB TI-LMZ22008TZ/NOPB Datasheet
1Mb / 36P
8A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage and Current Sharing
More results


Similar Description - LMZ22008

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ22008 TI1-LMZ22008 Datasheet
1Mb / 26P
8A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage and Current Sharing
LMZ23608 TI1-LMZ23608 Datasheet
1Mb / 26P
8A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage and Current Sharing
LMZ31506 TI1-LMZ31506 Datasheet
837Kb / 30P
6A SIMPLE SWITCHER Power Module with 2.95V-14.5V Input and Current Sharing
LMZ23610 TI1-LMZ23610_14 Datasheet
1Mb / 32P
10A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage and Current Sharing
LMZ23608 TI1-LMZ23608_14 Datasheet
1Mb / 29P
8A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage and Current Sharing
LMZ12002 TI-LMZ12002_15 Datasheet
1Mb / 31P
2A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
LMZ22003 TI-LMZ22003_15 Datasheet
1Mb / 33P
3A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
LMZ22008 TI-LMZ22008_15 Datasheet
1Mb / 36P
8A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage and Current Sharing
LMZ22005 TI-LMZ22005_15 Datasheet
1Mb / 34P
5A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
LMZ23610 TI-LMZ23610_15 Datasheet
1Mb / 37P
10A SIMPLE SWITCHER Power Module With 36-V Maximum Input Voltage and Current Sharing
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com