Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMZ22010 Datasheet (PDF) - Texas Instruments

LMZ22010 Datasheet PDF - Texas Instruments
Part # LMZ22010
Download  LMZ22010 Download
File Size   1023.04 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMZ22010 10-A SIMPLE SWITCHER® Power Module With 20-V Maximum Input Voltage and Current Sharing

LMZ22010 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMZ22010 Datasheet PDF - Texas Instruments

Part # LMZ22010
Download  LMZ22010 Click to download

File Size   1023.04 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMZ22010 10-A SIMPLE SWITCHER® Power Module With 20-V Maximum Input Voltage and Current Sharing

LMZ22010 Datasheet (HTML) - Texas Instruments


LMZ22010 Product details

1 Features
1• Integrated Shielded Inductor
• Simple PCB Layout
• Frequency Synchronization Input (350 kHz to 600
kHz)
• Current Sharing Capability
• Flexible Start-up Sequencing Using External Soft-
Start, Tracking and Precision Enable
• Protection Against Inrush Currents and Faults
Such as Input UVLO and Output Short Circuit
• Junction Temperature Range –40°C to 125°C
• Single Exposed Pad and Standard Pinout for Easy
Mounting and Manufacturing
• Fully Enabled for WEBENCH® Power Designer
• Pin Compatible With LMZ22008/06,
LMZ12010/08/06, LMZ23610/08/06, and
LMZ13610/08/06
• Electrical Specifications
– 50-W Maximum Total Output Power
– Up to 10-A Output Current
– Input Voltage Range 6 V to 20 V
– Output Voltage Range 0.8 V to 6 V
– Efficiency up to 92%
• Performance Benefits
– High Efficiency Reduces System Heat
Generation
– Low Radiated Emissions (EMI) Tested to
EN55022
– Only 7 External Components
– Low Output Voltage Ripple
– No External Heat Sink Required
– Simple Current sharing for Higher Current
Applications
NOTE: EN 55022:2006, +A1:2007, FCC Part 15 Subpart B,
tested on Evaluation Board with EMI configuration.

2 Applications
• Point-of-load Conversions from 12-V Input Rail
• Time-Critical Projects
• Space Constrained and High Thermal
Requirement Applications
• Negative Output Voltage Applications
See AN-2027 SNVA425

3 Description
The LMZ22010 SIMPLE SWITCHER® power module
is an easy-to-use step-down DC-DC solution capable of driving up to 10-A load. The LMZ22010 is available
in an innovative package that enhances thermal
performance and allows for hand or machine
soldering.
The LMZ22010 can accept an input voltage rail
between 6 V and 20 V and can deliver an adjustable
and highly accurate output voltage as low as 0.8 V.
The LMZ22010 only requires two external resistors and external capacitors to complete the power
solution.
The LMZ22010 is a reliable and robust design with
the following protection features: thermal shutdown,
programmable input under-voltage lockout, output
over-voltage protection, short-circuit protection, output current limit, and allows startup into a pre-biased
output. The sync input allows synchronization over
the 314- to 600-kHz switching frequency range and
up to 6 modules can be connected in parallel for
higher load currents.




Similar Part No. - LMZ22010

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMZ22010 NSC-LMZ22010 Datasheet
2Mb / 16P
Sharing Evaluation Board power modules are easy-to-use DC-DC
logo
Texas Instruments
LMZ22010 TI1-LMZ22010 Datasheet
1Mb / 36P
10A SIMPLE SWITCHER Power Module
LMZ22010TZ TI1-LMZ22010TZ Datasheet
1Mb / 36P
10A SIMPLE SWITCHER Power Module
LMZ22010TZ/NOPB TI1-LMZ22010TZ/NOPB Datasheet
1Mb / 36P
10A SIMPLE SWITCHER Power Module
LMZ22010TZE TI1-LMZ22010TZE Datasheet
1Mb / 36P
10A SIMPLE SWITCHER Power Module
More results


Similar Description - LMZ22010

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ22008 TI1-LMZ22008 Datasheet
1Mb / 26P
8A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage and Current Sharing
LMZ23608 TI1-LMZ23608 Datasheet
1Mb / 26P
8A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage and Current Sharing
LMZ31506 TI1-LMZ31506 Datasheet
837Kb / 30P
6A SIMPLE SWITCHER Power Module with 2.95V-14.5V Input and Current Sharing
LMZ23610 TI1-LMZ23610_14 Datasheet
1Mb / 32P
10A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage and Current Sharing
LMZ23608 TI1-LMZ23608_14 Datasheet
1Mb / 29P
8A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage and Current Sharing
LMZ12002 TI-LMZ12002_15 Datasheet
1Mb / 31P
2A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
LMZ22003 TI-LMZ22003_15 Datasheet
1Mb / 33P
3A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
LMZ22008 TI-LMZ22008_15 Datasheet
1Mb / 36P
8A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage and Current Sharing
LMZ22005 TI-LMZ22005_15 Datasheet
1Mb / 34P
5A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
LMZ23610 TI-LMZ23610_15 Datasheet
1Mb / 37P
10A SIMPLE SWITCHER Power Module With 36-V Maximum Input Voltage and Current Sharing
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com