Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP38502-ADJ Datasheet (PDF) - Texas Instruments

LP38502-ADJ Datasheet PDF - Texas Instruments
Part # LP38502-ADJ
Download  LP38502-ADJ Download
File Size   1052.35 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP3850x-ADJ, LP3850xA-ADJ 1.5-A Flexcap Low-Dropout Linear Regulator for 2.7-V to 5.5-V Inputs

LP38502-ADJ Datasheet (PDF)

Go To PDF Page Download Datasheet
LP38502-ADJ Datasheet PDF - Texas Instruments

Part # LP38502-ADJ
Download  LP38502-ADJ Click to download

File Size   1052.35 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP3850x-ADJ, LP3850xA-ADJ 1.5-A Flexcap Low-Dropout Linear Regulator for 2.7-V to 5.5-V Inputs

LP38502-ADJ Datasheet (HTML) - Texas Instruments


LP38502-ADJ Product details

1 Features
1• Input Voltage: 2.7 V to 5.5 V
• Adjustable Output Voltage: 0.6 V to 5 V
• FlexCap: Stable with Ceramic, Tantalum, or
Aluminum Capacitors
• Stable with 10-μF Input and Output Capacitors
• Low Ground-Pin Current
• 25-nA Quiescent Current in Shutdown Mode
• Ensured Output Current of 1.5 A
• Ensured V ADJ Accuracy of ±1.5% at 25°C (A
Grade)
• Ensured Accuracy of ±3.5% at 25°C (STD)
• Overtemperature and Overcurrent Protection
• ENABLE Pin (LP38502)

2 Applications
• ASIC Power Supplies In:
– Printers, Graphics Cards, DVD Players
– Set Top Boxes, Copiers, Routers
• DSP and FPGA Power Supplies
• SMPS Regulator
• Conversion from 3.3-V or 5-V Rail

3 Description
TI's FlexCap low-dropout (LDO) linear regulators
feature unique compensation that allow use of any type of output capacitor with no limits on minimum or
maximum equivalent series resistance (ESR). The
LP38500 and LP38502 series of LDOs operates from
a 2.7-V to 5.5-V input supply. These ultra-low-dropout
linear regulators respond very quickly to step changes in load, making them suitable for low-voltage
microprocessor applications. Developed on a CMOS
process (utilizing a PMOS pass transistor) the
LP38500-ADJ and LP38502-ADJ have low quiescent
currents that changes little with load current.
• GND Pin Current: Typically 2 mA at 1.5-A load current.
• Disable Mode: Typically 25-nA quiescent current
when the EN pin is pulled low. (LP38502-ADJ)
• Simplified Compensation: Stable with any type of
output capacitor, regardless of ESR.
• Precision Output: A grade versions available with
1.5% VADJ tolerance (25°C) and 3% over line, load, and temperature.




Similar Part No. - LP38502-ADJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP38502-ADJ TI-LP38502-ADJ Datasheet
1Mb / 27P
LP3850x-ADJ, LP3850xA-ADJ 1.5-A Flexcap Low-Dropout Linear Regulatorfor 2.7-V to 5.5-V Inputs
More results


Similar Description - LP38502-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38501-ADJ NSC-LP38501-ADJ Datasheet
338Kb / 16P
3A FlexCap Low Dropout Linear Regulator for 2.7V to 5.5V Inputs
LP38500-ADJ NSC-LP38500-ADJ Datasheet
343Kb / 16P
1.5A FlexCap Low Dropout Linear Regulator for 2.7V to 5.5V Inputs
logo
Texas Instruments
LP38500-ADJ TI-LP38500-ADJ Datasheet
1Mb / 23P
LP38500/2-ADJ, LP38500A/2A-ADJ 1.5A FlexCap Low Dropout Linear Regulator for 2.7V to 5.5V Inputs
LP38502SDX-ADJ TI1-LP38502SDX-ADJ Datasheet
1Mb / 23P
LP38500/2-ADJ, LP38500A/2A-ADJ 1.5A FlexCap Low Dropout Linear Regulator for 2.7V to 5.5V Inputs
LP38501TS-ADJ TI1-LP38501TS-ADJ Datasheet
1Mb / 22P
LP38501/3-ADJ, LP38501A/3A-ADJ 3A FlexCap Low Dropout Linear Regulator for 2.7V to 5.5V Inputs
LP38501TJ-ADJ TI-LP38501TJ-ADJ Datasheet
383Kb / 18P
LP38501/3-ADJ, LP38501A/3A-ADJ 3A FlexCap Low Dropout Linear Regulator
LP38502-ADJ TI-LP38502-ADJ Datasheet
1Mb / 27P
LP3850x-ADJ, LP3850xA-ADJ 1.5-A Flexcap Low-Dropout Linear Regulatorfor 2.7-V to 5.5-V Inputs
LP38500-ADJ TI-LP38500-ADJ_15 Datasheet
1Mb / 28P
LP3850x-ADJ, LP3850xA-ADJ 1.5-A Flexcap Low-Dropout Linear Regulator for 2.7-V to 5.5-V Inputs
LP38501-ADJ TI-LP38501-ADJ_15 Datasheet
1Mb / 27P
LP3850x-ADJ, LP3850xA-ADJ 3-A FlexCap Low Dropout Linear Regulator for 2.7-V to 5.5-V Inputs
LP38503-ADJ TI-LP38503-ADJ_15 Datasheet
1Mb / 27P
LP3850x-ADJ, LP3850xA-ADJ 3-A FlexCap Low Dropout Linear Regulator for 2.7-V to 5.5-V Inputs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com