Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8551 Datasheet (PDF) - Texas Instruments

LP8551 Datasheet PDF - Texas Instruments
Part # LP8551
Download  LP8551 Download
File Size   1046.29 Kbytes
Page   46 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP8551 High-Efficiency LED Backlight Driver for Notebooks

LP8551 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP8551 Datasheet PDF - Texas Instruments

Part # LP8551
Download  LP8551 Click to download

File Size   1046.29 Kbytes
Page   46 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP8551 High-Efficiency LED Backlight Driver for Notebooks

LP8551 Datasheet (HTML) - Texas Instruments


LP8551 Product details

1 Features
1• High-Voltage DC/DC Boost Converter with
Integrated FET; Four Switching Frequency
Options: 156/312/625/1250 kHz
• 2.7-V to 22-V Input Voltage Range to Support 1x
to 5x Cell Li-Ion Batteries
• 50-mA High-Precision LED Current Sinks
• Adaptive LED Current Sink Headroom Control for
Maximum System Efficiency
• Programmable PWM Resolution 8 to 13 Bits
• I2C and PWM Input Duty Cycle Brightness Control
• PWM Output Frequency and LED Current Set
Through Resistors
• 4 LED Outputs with LED Fault (short/open)
Detection
• Low Input Voltage, Overtemperature, Overcurrent
Detection, and Shutdown
• Minimum Number of External Components

2 Applications
• Notebook and Tablet LCD Display LED Backlight
• LED Lighting

3 Description
The LP8551 is a white LED driver with integrated
boost converter. It has four adjustable current sinks
which can be controlled by PWM input or with I2C- compatible serial interface.
The boost converter has adaptive output voltage
control based on the LED driver voltages. This feature minimizes the power consumption by
adjusting the voltage to lowest sufficient level in all
conditions.
LED outputs have 8-bit current resolution and up to
13-bit PWM resolution to achieve smooth and precise
brightness control. Proprietary Phase Shift PWM
control is used for LED outputs to reduce peak current from the boost converter, thus making the
boost capacitors smaller. The Phase Shifting scheme
also eliminates audible noise.
Internal EEPROM is used for storing the configuration
data. This makes it possible to have minimum
external component count and make the solution very
small.
The LP8551 has safety features which make it
possible to detect LED outputs with open or short
fault. As well, low input voltage and boost overcurrent
conditions are monitored, and chip is turned off in
case of these events. Thermal de-rating function
prevents overheating of the device by reducing
backlight brightness when set temperature has been
reached.




Similar Part No. - LP8551

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8551 TI1-LP8551 Datasheet
186Kb / 6P
High-Efficiency LED Backlight Driver for Notebooks
LP8551 TI1-LP8551 Datasheet
1Mb / 47P
LP8551 High-Efficiency LED Backlight Driver for Notebooks
LP8551TLE/NOPB TI1-LP8551TLE/NOPB Datasheet
1Mb / 47P
LP8551 High-Efficiency LED Backlight Driver for Notebooks
LP8551TLX/NOPB TI1-LP8551TLX/NOPB Datasheet
1Mb / 47P
LP8551 High-Efficiency LED Backlight Driver for Notebooks
LP8551 TI1-LP8551_14 Datasheet
1Mb / 47P
LP8551 High-Efficiency LED Backlight Driver for Notebooks
More results


Similar Description - LP8551

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8545 TI1-LP8545 Datasheet
623Kb / 40P
High-Efficiency LED Backlight Driver for Notebooks
LP8550 TI1-LP8550 Datasheet
188Kb / 6P
High-Efficiency LED Backlight Driver for Notebooks
LP8551 TI1-LP8551 Datasheet
186Kb / 6P
High-Efficiency LED Backlight Driver for Notebooks
LP8552 TI1-LP8552 Datasheet
571Kb / 39P
High-Efficiency LED Backlight Driver for Notebooks
LP8553 TI1-LP8553 Datasheet
614Kb / 40P
High-Efficiency LED Backlight Driver for Notebooks
LP8545 TI1-LP8545_14 Datasheet
1Mb / 44P
High-Efficiency LED Backlight Driver for Notebooks
LP8550 TI1-LP8550_14 Datasheet
1Mb / 49P
LP8550 High-Efficiency LED Backlight Driver for Notebooks
LP8551 TI1-LP8551_14 Datasheet
1Mb / 47P
LP8551 High-Efficiency LED Backlight Driver for Notebooks
LP8552 TI1-LP8552_14 Datasheet
1Mb / 49P
LP8552 High-Efficiency LED Backlight Driver For Notebooks
LP8553 TI1-LP8553_14 Datasheet
1Mb / 42P
LP8553 High-Efficiency LED Backlight Driver for Notebooks
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com