Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC660 Datasheet (PDF) - Texas Instruments

LPC660 Datasheet PDF - Texas Instruments
Part # LPC660
Download  LPC660 Download
File Size   1026.0 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LPC660 Low Power CMOS Quad Operational Amplifier

LPC660 Datasheet (PDF)

Go To PDF Page Download Datasheet
LPC660 Datasheet PDF - Texas Instruments

Part # LPC660
Download  LPC660 Click to download

File Size   1026.0 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LPC660 Low Power CMOS Quad Operational Amplifier

LPC660 Datasheet (HTML) - Texas Instruments


LPC660 Product details

1FEATURES
2• Rail-to-rail output swing
• Micropower operation: (1 mW)
• Specified for 100 kΩ and 5 kΩ loads
• High voltage gain: 120 dB
• Low input offset voltage: 3 mV
• Low offset voltage drift: 1.3 μV/°C
• Ultra low input bias current: 2 fA
• Input common-mode includes V−
• Operation range from +5V to +15V
• Low distortion: 0.01% at 1 kHz
• Slew rate: 0.11 V/μs
• Full military temp. range available

APPLICATIONS
• High-impedance buffer
• Precision current-to-voltage converter
• Long-term integrator
• High-impedance preamplifier
• Active filter
• Sample-and-Hold circuit
• Peak detector

DESCRIPTION
The LPC660 CMOS Quad operational amplifier is
ideal for operation from a single supply. It features a
wide range of operating voltages from +5V to +15V
and features rail-to-rail output swing in addition to an
input common-mode range that includes ground.
Performance limitations that have plagued CMOS amplifiers in the past are not a problem with this
design. Input VOS, drift, and broadband noise as well
as voltage gain (into 100 kΩ and 5 kΩ) are all equal
to or better than widely accepted bipolar equivalents,
while the power supply requirement is typically less
than 1 mW.
This chip is built with National's advanced Double-
Poly Silicon-Gate CMOS process.
See the LPC662 datasheet for a Dual CMOS
operational amplifier and LPC661 datasheet for a
single CMOS operational amplifier with these same
features.




Similar Part No. - LPC660

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LPC660 NSC-LPC660 Datasheet
603Kb / 17P
Low Power CMOS Quad Operational Amplifier
logo
Texas Instruments
LPC660 TI1-LPC660 Datasheet
1Mb / 24P
LPC660 Low Power CMOS Quad Operational Amplifier
logo
National Semiconductor ...
LPC660AIM NSC-LPC660AIM Datasheet
603Kb / 17P
Low Power CMOS Quad Operational Amplifier
logo
Texas Instruments
LPC660AIM/NOPB TI1-LPC660AIM/NOPB Datasheet
1Mb / 24P
LPC660 Low Power CMOS Quad Operational Amplifier
LPC660AIMX/NOPB TI1-LPC660AIMX/NOPB Datasheet
1Mb / 24P
LPC660 Low Power CMOS Quad Operational Amplifier
More results


Similar Description - LPC660

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6024 NSC-LMC6024 Datasheet
315Kb / 14P
Low Power CMOS Quad Operational Amplifier
LMC6034 NSC-LMC6034 Datasheet
301Kb / 12P
CMOS Quad Operational Amplifier
LPC660 NSC-LPC660 Datasheet
603Kb / 17P
Low Power CMOS Quad Operational Amplifier
logo
STMicroelectronics
TS27L4C STMICROELECTRONICS-TS27L4C Datasheet
137Kb / 9P
PRECISION VERY LOW POWER CMOS QUAD OPERATIONAL AMPLIFIER
Jun-2003
logo
National Semiconductor ...
LMC660 NSC-LMC660_00 Datasheet
441Kb / 12P
CMOS Quad Operational Amplifier
LMC660 NSC-LMC660_06 Datasheet
873Kb / 14P
CMOS Quad Operational Amplifier
LMC660EP NSC-LMC660EP Datasheet
891Kb / 15P
CMOS Quad Operational Amplifier
logo
Texas Instruments
LMC6024 TI1-LMC6024 Datasheet
1Mb / 22P
Low Power CMOS Quad Operational Amplifier
LMC6034 TI1-LMC6034 Datasheet
1Mb / 22P
CMOS Quad Operational Amplifier
LPC660 TI1-LPC660 Datasheet
1Mb / 24P
LPC660 Low Power CMOS Quad Operational Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com