Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV542 Datasheet (PDF) - Texas Instruments

LPV542 Datasheet PDF - Texas Instruments
Part # LPV542
Download  LPV542 Download
File Size   1001.72 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LPV542 Dual Nanopower 1.8 V, 490nA, RRIO CMOS Operational Amplifier

LPV542 Datasheet (PDF)

Go To PDF Page Download Datasheet
LPV542 Datasheet PDF - Texas Instruments

Part # LPV542
Download  LPV542 Click to download

File Size   1001.72 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LPV542 Dual Nanopower 1.8 V, 490nA, RRIO CMOS Operational Amplifier

LPV542 Datasheet (HTML) - Texas Instruments


LPV542 Product details

1 Features
1• Wide Supply Range: 1.6 V to 5.5 V
• Low Supply Current: 490 nA (typical/channel)
• Good Offset Voltage: 3 mV (maximum/room)
• Good TcVos: 1μV/°C (typical)
• Gain-Bandwidth: 8 kHz (typical)
• Rail-to-Rail Input and Output pico•
Unity-Gain Stable
• Low Input Bias Current : 1 pA (typ)
• EMI Hardened
• Temperature Range: -40°C to 125°C
• Thin 3 mm x 3 mm x 0.45 mm X1SON package

2 Applications
• Wearables
• Personal Health Monitors
• Battery Packs
• Mobile Phones and Tablets
• Solar-Powered or Energy Harvested Systems
• PIR, Smoke, Gas, and Fire Detection Systems
• Battery Powered Internet of Things (IoT) Devices
• Remote Sensors
• Micropower Reference Buffer

3 Description
The LPV542 is an ultra-low-power, dual operational
amplifier that provides 8kHz of bandwidth from 490nA of quiescent current making it well suited for battery-
powered applications such as health and fitness
wearables, building automation, and remote sensing
nodes.
Each amplifier has a CMOS input stage with pico•
amp bias currents which reduces errors commonly introduced in megaohm feedback resistance
topologies such as photodiode and charge sense
applications. In addition, the input common-mode
range extends to the power supply rails and the
output swings to within 3 mV of the rails, maintaining
the widest dynamic range possible. Likewise, EMI
protection is designed into the LPV542 in order to
reduce system sensitivity to unwanted RF signals
from mobile phones, WiFi, radio transmitters, and tag
readers.
The LPV542 operates on a supply voltage as low as
1.6 V, ensuring continuous superior performance in
low battery situations. The device is available in an 8-
pad, low-profile, leadless 3 mm x 3 mm x 0.45 mm
X1SON package and a standard 8 pin VSSOP.




Similar Part No. - LPV542

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LPV542 TI-LPV542 Datasheet
1Mb / 29P
LPV542 Dual Nanopower 1.8 V, 490nA, RRIO CMOS Operational Amplifier
LPV542 TI1-LPV542 Datasheet
1Mb / 29P
RRIO CMOS Operational Amplifier
LPV542DGKR TI1-LPV542DGKR Datasheet
1Mb / 29P
RRIO CMOS Operational Amplifier
LPV542DGKT TI1-LPV542DGKT Datasheet
1Mb / 29P
RRIO CMOS Operational Amplifier
LPV542DNXR TI1-LPV542DNXR Datasheet
1Mb / 29P
RRIO CMOS Operational Amplifier
More results


Similar Description - LPV542

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LPV521 NSC-LPV521 Datasheet
1Mb / 22P
Nanopower, 1.8V, RRIO, CMOS Input, Operational Amplifier
logo
Texas Instruments
LPV521MGX TI-LPV521MGX Datasheet
1Mb / 29P
LPV521 Nanopower, 1.8V, RRIO, CMOS Input, Operational Amplifier
LPV542 TI-LPV542 Datasheet
1Mb / 29P
LPV542 Dual Nanopower 1.8 V, 490nA, RRIO CMOS Operational Amplifier
LPV521 TI-LPV521_15 Datasheet
1Mb / 33P
LPV521 NanoPower, 1.8-V, RRIO, CMOS Input, Operational Amplifier
LMV931-N TI1-LMV931-N Datasheet
1Mb / 40P
Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
LPV542 TI1-LPV542 Datasheet
1Mb / 29P
RRIO CMOS Operational Amplifier
OPA2314-Q1 TI1-OPA2314-Q1 Datasheet
1Mb / 28P
3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
LPV521 TI1-LPV521_16 Datasheet
1Mb / 34P
NanoPower, 1.8-V, RRIO, CMOS Input, Operational Amplifier
TLV522 TI1-TLV522 Datasheet
1Mb / 22P
TLV522 Dual Nanopower, 500nA, RRIO CMOS Operational Amplifier
TLV521 TI1-TLV521 Datasheet
1Mb / 27P
TLV521 NanoPower, 350nA, RRIO, CMOS Input, Operational Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com