Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV812 Datasheet (PDF) - Texas Instruments

LPV812 Datasheet PDF - Texas Instruments
Part # LPV812
Download  LPV812 Download
File Size   1027.01 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LPV811/LPV812 Precision 425 nA Nanopower Operational Amplifiers

LPV812 Datasheet (PDF)

Go To PDF Page Download Datasheet
LPV812 Datasheet PDF - Texas Instruments

Part # LPV812
Download  LPV812 Click to download

File Size   1027.01 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LPV811/LPV812 Precision 425 nA Nanopower Operational Amplifiers

LPV812 Datasheet (HTML) - Texas Instruments


LPV812 Product details

1 Features
1• Nanopower Supply Current: 425 nA/channel
• Offset Voltage: 300 μV (max)
• TcVos: 1 μV/°C
• Gain-Bandwidth: 8 kHz
• Unity-Gain Stable
• Low Input Bias Current : 100 fA
• Wide Supply Range: 1.6 V to 5.5 V
• Rail-to-Rail Output
• No Output Reversals
• EMI Protection
• Temperature Range: –40°C to 125°C
• Industry Standard Packages:
– Single in 5-pin SOT-23
– Dual in 8-pin VSSOP

2 Applications
• CO and O2 Gas Detectors (TIDA-0756)
• PIR Motion Detectors
• Current Sensing
• Thermostats
• IoT Remote Sensors
• Active RFID Readers and Tags
• Portable Medical Equipment

3 Description
The LPV811 (single) and LPV812 (dual) are a ultralow-
power precision operational amplifier family for
“Always ON” sensing applications in battery powered
wireless and low power wired equipment. With 8 kHz
of bandwidth from 425 nA of quiescent current and a
trimmed offset voltage to under 300μV, the LPV81x
amplifiers provide the required precision while
minimizing power consumption in equipment such as
gas detectors and portable electronic devices where
operational battery-life is critical.
In addition to being ultra-low-power, the LPV81x
amplifiers have CMOS input stages with fempto-amp
bias currents for impedance source applications. The
LPV81x amplifiers also feature a negative-rail sensing
input stage and a rail-to-rail output stage that swings
within millivolts of the rails, maintaining the widest
dynamic range possible. EMI protection is designed
into the LPV81x in order to reduce system sensitivity
to unwanted RF signals from mobile phones, WiFi,
radio transmitters, and tag readers.




Similar Part No. - LPV812

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LPV812 TI1-LPV812 Datasheet
251Kb / 12P
Nanopower Operational Amplifiers
LPV812 TI2-LPV812 Datasheet
986Kb / 28P
TLV8811,TLV8812 425 nA Precision Nanopower Op Amps for Cost-Optimized Systems
REVISED NOVEMBER 2016
LPV812 TI2-LPV812 Datasheet
1,001Kb / 30P
LPV801/LPV802 320 nA Nanopower Operational Amplifiers
REVISED NOVEMBER 2016
LPV812 TI2-LPV812 Datasheet
1Mb / 25P
LPV821, 650nA, Precision, Nanopower, Zero-Drift Amplifier
REVISED DECEMBER 2017
LPV812DGKR TI1-LPV812DGKR Datasheet
251Kb / 12P
Nanopower Operational Amplifiers
More results


Similar Description - LPV812

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
CA3440 HARRIS-CA3440 Datasheet
76Kb / 5P
63kHz, Nanopower, BiMOS Operational Amplifiers
logo
Motorola, Inc
LM11C MOTOROLA-LM11C Datasheet
359Kb / 6P
Precision Operational Amplifiers
logo
Texas Instruments
LPV801 TI1-LPV801 Datasheet
771Kb / 24P
Nanopower Operational Amplifiers
LPV811 TI1-LPV811 Datasheet
251Kb / 12P
Nanopower Operational Amplifiers
TLV8801 TI1-TLV8801 Datasheet
1Mb / 27P
TLV8801/TLV8802 320 nA Nanopower Operational Amplifiers for Cost-Optimized Systems
TLV8811 TI1-TLV8811 Datasheet
735Kb / 26P
425 nA Precision Nanopower Op Amps for Cost-Optimized Systems
TLV8544 TI1-TLV8544_17 Datasheet
1Mb / 32P
500-nA, RRIO, Nanopower Operational Amplifiers for Cost-Optimized Systems
TLV8544 TI1-TLV8544_18 Datasheet
1Mb / 35P
500-nA, RRIO, Nanopower Operational Amplifiers for Cost-Optimized Systems
TLV8544_018 TI1-TLV8544_018 Datasheet
1Mb / 37P
500-nA, RRIO, Nanopower Operational Amplifiers for Cost-Optimized Systems
TLV8544_1808 TI1-TLV8544_1808 Datasheet
2Mb / 42P
500-nA, RRIO, Nanopower Operational Amplifiers for Cost-Optimized Systems
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com