Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV802DGKT Datasheet (PDF) - Texas Instruments

LPV802DGKT Datasheet PDF - Texas Instruments
Part # LPV802DGKT
Download  LPV802DGKT Download
File Size   1001.49 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LPV801/LPV802 320 nA Nanopower Operational Amplifiers

LPV802DGKT Datasheet (PDF)

Go To PDF Page Download Datasheet
LPV802DGKT Datasheet PDF - Texas Instruments

Part # LPV802DGKT
Download  LPV802DGKT Click to download

File Size   1001.49 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LPV801/LPV802 320 nA Nanopower Operational Amplifiers

LPV802DGKT Datasheet (HTML) - Texas Instruments


LPV802DGKT Product details

1 Features
1• Nanopower Supply Current: 320 nA/channel
• Offset Voltage: 3.5 mV (max)
• TcVos: 1 μV/°C
• Unity Gain-Bandwidth: 8 kHz
• Wide Supply Range: 1.6 V to 5.5 V
• Low Input Bias Current : 0.1 pA
• Unity-Gain Stable
• Rail-to-Rail Output
• No Output Reversals
• EMI Protection
• Temperature Range: –40°C to 125°C
• Industry Standard Packages:
– Single in 5-pin SOT-23
– Dual in 8-pin VSSOP

2 Applications
• CO and O2 Gas Detectors (TIDA-00854)
• PIR Motion Detectors (TIDA-00489)
• Ionization Smoke Alarms
• Thermostats
• IoT Remote Sensors
• Active RFID Readers and Tags
• Portable Medical Equipment

3 Description
The LPV801 (single) and LPV802 (dual) comprise a
family of ultra-low-power operational amplifiers for
sensing applications in battery powered wireless and
low power wired equipment. With 8kHz of bandwidth
from 320nA of quiescent current, the LPV80x
amplifiers minimize power consumption in equipment
such as CO detectors, smoke detectors and PIR
motion detectors where operational battery-life is
critical.
In addition to being ultra-low-power, the LPV80x
amplifiers have CMOS input stages with typically
femto-amp bias currents. The LPV80x amplifiers also
feature a negative-rail sensing input stage and a railto-
rail output stage that is capable of swinging within
millivolts of the rails, maintaining the widest dynamic
range possible. EMI protection is designed into the
LPV80x in order to reduce system sensitivity to
unwanted RF signals from mobile phones, WiFi, radio
transmitters and tag readers.




Similar Part No. - LPV802DGKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LPV802DGKT TI1-LPV802DGKT Datasheet
771Kb / 24P
Nanopower Operational Amplifiers
More results


Similar Description - LPV802DGKT

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
CA3440 HARRIS-CA3440 Datasheet
76Kb / 5P
63kHz, Nanopower, BiMOS Operational Amplifiers
logo
Texas Instruments
LPV801 TI1-LPV801 Datasheet
771Kb / 24P
Nanopower Operational Amplifiers
LPV811 TI1-LPV811 Datasheet
251Kb / 12P
Nanopower Operational Amplifiers
TLV8801 TI1-TLV8801 Datasheet
1Mb / 27P
TLV8801/TLV8802 320 nA Nanopower Operational Amplifiers for Cost-Optimized Systems
logo
STMicroelectronics
TSU111 STMICROELECTRONICS-TSU111 Datasheet
1Mb / 30P
Nanopower (900 nA), high accuracy (150 µV) 5 V CMOS operational amplifier
14-Nov-2016
logo
Texas Instruments
TLV8544 TI1-TLV8544 Datasheet
307Kb / 18P
500 nA RRIO Nanopower Operational Amplifier for Cost-Optimized Systems
TLV8544 TI1-TLV8544_17 Datasheet
1Mb / 32P
500-nA, RRIO, Nanopower Operational Amplifiers for Cost-Optimized Systems
TLV8544 TI1-TLV8544_18 Datasheet
1Mb / 35P
500-nA, RRIO, Nanopower Operational Amplifiers for Cost-Optimized Systems
TLV8544_018 TI1-TLV8544_018 Datasheet
1Mb / 37P
500-nA, RRIO, Nanopower Operational Amplifiers for Cost-Optimized Systems
TLV8544_1808 TI1-TLV8544_1808 Datasheet
2Mb / 42P
500-nA, RRIO, Nanopower Operational Amplifiers for Cost-Optimized Systems
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com