Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0102 Datasheet (PDF) - Texas Instruments

LSF0102 Datasheet PDF - Texas Instruments
Part # LSF0102
Download  LSF0102 Download
File Size   1039.75 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LSF0102-Q1 Automotive 2-Channel Auto Bidirectional Multi-Voltage Level Translator

LSF0102 Datasheet (PDF)

Go To PDF Page Download Datasheet
LSF0102 Datasheet PDF - Texas Instruments

Part # LSF0102
Download  LSF0102 Click to download

File Size   1039.75 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LSF0102-Q1 Automotive 2-Channel Auto Bidirectional Multi-Voltage Level Translator

LSF0102 Datasheet (HTML) - Texas Instruments


LSF0102 Product details

1 Features
• AEC-Q100 qualified for automotive applications
– Temperature grade 1: –40°C ≤ TA ≤ 125°C
– Device HBM ESD Classification Level 2
– CDM ESD Classification Level C6
• Provides bidirectional voltage translation with no
direction Pin
• Supports open drain and push-pull applications
such as I2C, SPI, UART, MDIO, SDIO, and GPIO
• Supports up to 100 MHz up translation and greater
than 100 MHz down translation at
≤ 30pF cap load and up to 40 MHz up or down
translation at 50 pF cap load
• Enables bidirectional voltage level translation
between
– 0.95 V ↔ 1.8/2.5/3.3/5 V
– 1.2 V ↔ 1.8/2.5/3.3/5 V
– 1.8 V ↔ 2.5/3.3/5 V
– 2.5 V ↔ 3.3/5 V
– 3.3 V ↔ 5 V
• Low standby current
• 5 V tolerant I/O ports to support TTL
voltage levels
• Low ron provides less signal distortion
• High-impedance I/O pins when EN = low
• Flow-through pinout for ease of PCB trace routing
• Latch-up performance exceeds 100 mA per JESD
78, Class II

2 Applications
• Infotainment head unit
• Graphical cluster
• ADAS fusion
• ADAS front camera
• HEV battery management system

3 Description
The LSF0102-Q1 device is an auto bidirectional
voltage translator that translates among a wide range
of supplies without the need for a directional pin. The
LSF0102-Q1 supports up to 100 MHz up translation
and greater than 100 MHz down translation with
capacitive loads ≤ 30 pF. Additionally, the LSF0102-
Q1 supports up to 40 MHz up and down translation at
50 pF capacitance load, which enables the LSF0102-
Q1 device to support a wide variety of standard
interfaces commonly found in automotive applications
such as I2C, SPI, GPIO, SDIO, UART, and MDIO.
The LSF0102-Q1 device has 5-V tolerant data inputs.
This makes the device compatible with TTL voltage
levels. Furthermore, the LSF0102-Q1 supports mixedmode
voltage translation, allowing the device to up
translate and down translate to different supply levels
on each channel.




Similar Part No. - LSF0102

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LSF0102 TI1-LSF0102 Datasheet
1Mb / 39P
Channel Bidirectional Multi-Voltage Level Translator
LSF0102 TI1-LSF0102 Datasheet
405Kb / 18P
Automotive 2-Channel Auto Bidirectional Multi-Voltage Level Translator
LSF0102 TI-LSF0102 Datasheet
3Mb / 53P
LSF010x 1/2/8 Channel Auto-Bidirectional Multi-Voltage Level Translator for Open- Drain and Push-Pull Applications
REVISED DECEMBER 2022
LSF0102 TI-LSF0102 Datasheet
3Mb / 57P
LSF010x 1/2/8 Channel Auto-Bidirectional Multi-Voltage Level Translator for Open- Drain and Push-Pull Applications
REVISED DECEMBER 2022
logo
Nexperia B.V. All right...
LSF0102 NEXPERIA-LSF0102 Datasheet
240Kb / 15P
2-bit bidirectional multi-voltage level translator; open-drain; push-pull
Rev. 3 - 4 September 2020
More results


Similar Description - LSF0102

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LSF0101 TI1-LSF0101 Datasheet
1Mb / 39P
Channel Bidirectional Multi-Voltage Level Translator
LSF0204 TI1-LSF0204 Datasheet
1Mb / 32P
4-Bits Bidirectional Multi-Voltage Level Translator
TXS0102 TI1-TXS0102_16 Datasheet
1Mb / 33P
2-Bit Bidirectional Voltage-Level Translator
LSF0108-Q1 TI1-LSF0108-Q1 Datasheet
1Mb / 24P
Automotive 8-Channel Multi-Voltage Level Translator
LSF0102-Q1 TI1-LSF0102-Q1 Datasheet
405Kb / 18P
Automotive 2-Channel Auto Bidirectional Multi-Voltage Level Translator
LSF0204-Q1 TI1-LSF0204-Q1 Datasheet
477Kb / 21P
Automotive Qualified 4-Bit Auto-Bidirectional Multi-Voltage Level Translator
logo
Unisonic Technologies
UVXS0102 UTC-UVXS0102 Datasheet
220Kb / 11P
2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR
logo
Texas Instruments
LSF0108-Q1 TI-LSF0108-Q1_V01 Datasheet
1Mb / 31P
LSF0108-Q1 Automotive 8-Channel Multi-Voltage Level Translator
REVISED NOVEMBER 2022
LSF0108-Q1 TI-LSF0108-Q1_V02 Datasheet
1Mb / 35P
LSF0108-Q1 Automotive 8-Channel Multi-Voltage Level Translator
REVISED APRIL 2023
logo
Silicon Mitus, Inc.
SM5520 SILICONMITUS-SM5520 Datasheet
404Kb / 2P
2 Bits Bidirectional Voltage Level Translator
April 2021 Rev. 0.0.5
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com