Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3985IM5-2.7/NOPB.A Datasheet (PDF) - Texas Instruments

LP3985IM5-2.7/NOPB.A Datasheet PDF - Texas Instruments
Part # LP3985IM5-2.7/NOPB.A
Download  LP3985IM5-2.7/NOPB.A Download
File Size   1005.14 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP3985 Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator

LP3985IM5-2.7/NOPB.A Datasheet (PDF)

Go To PDF Page Download Datasheet
LP3985IM5-2.7/NOPB.A Datasheet PDF - Texas Instruments

Part # LP3985IM5-2.7/NOPB.A
Download  LP3985IM5-2.7/NOPB.A Click to download

File Size   1005.14 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP3985 Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator

LP3985IM5-2.7/NOPB.A Datasheet (HTML) - Texas Instruments


LP3985IM5-2.7/NOPB.A Product details

1 Features
1• Input Voltage: 2.5 V to 6 V
• 100-mV Maximum Dropout with 150-mA Load
• 150-mA Verified Output
• 50-dB PSRR at 1 kHz at VIN = VOUT + 0.2 V
• ≤ 1.5-μA Quiescent Current when Shut Down
• Fast Turn-On time: 200 μs (typ.)
• 30-μV RMS Output Noise (typical) over 10 Hz to 100
kHz
• −40°C to 125°C Junction Temperature Range for
Operation
• 2.5-V, 2.6-V, 2.7-V, 2.8-V, 2.85-V, 2.9-V, 3-V, 3.1-
V, 3.2-V, 3.3-V, 4.7-V, 4.75-V, 4.8-V and 5-V
Outputs Standard
• Logic Controlled Enable
• Stable with Ceramic and High-Quality Tantalum
Capacitors
• Fast Turnon
• Thermal Shutdown and Short-Circuit Current Limit

2 Applications
• CDMA Cellular Handsets
• Wideband CDMA Cellular Handsets
• GSM Cellular Handsets
• Portable Information Appliances

3 Description
The LP3985 is designed for portable and wireless
applications with demanding performance and space requirements. LP3985 performance is optimized for
battery-powered systems to deliver ultra low noise,
extremely low dropout voltage, and low quiescent
current. Regulator ground current increases only slightly in dropout, further prolonging the battery life.
The LP3985 is stable with a small 1-μF ±30%
ceramic or high-quality tantalum output capacitor. The
DSBGA requires the smallest possible PC board area
- the total application circuit area can be less than 2
mm x 2.5 mm, a fraction of a 1206 case size.
An optional external bypass capacitor reduces the
output noise without slowing down the load transient
response. Fast startup time is achieved by utilizing an
internal power-on circuit that actively pre-charges the
bypass capacitor.
Power supply rejection is better than 50 dB at low
frequencies and starts to roll off at 1 kHz. High power
supply rejection is maintained down to low input
voltage levels common to battery operated circuits.
The device is ideal for mobile phone and similar
battery-powered wireless applications. It provides up
to 150 mA, from a 2.5-V to 6-V input. The LP3985
consumes less than 1.5 μA in disable mode and has
fast turn-on time less than 200 μs.
The LP3985 is available with fixed output voltages
from 2.5 V to 5 V. Contact Texas Instruments Sales
for specific voltage option needs.




Similar Part No. - LP3985IM5-2.7/NOPB.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3985IM5-2.7/NOPB TI1-LP3985IM5-2.7/NOPB Datasheet
1Mb / 32P
Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
More results


Similar Description - LP3985IM5-2.7/NOPB.A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP500 ONSEMI-NCP500 Datasheet
121Kb / 20P
150 mA CMOS Low Noise Low-Dropout Voltage Regulator
January, 2004 ??Rev. 16
logo
Texas Instruments
37136 TI-37136 Datasheet
933Kb / 17P
Micropower 150 mA Low-Noise Low-Dropout Regulator
LP3985IM5-3.3 TI-LP3985IM5-3.3 Datasheet
1Mb / 29P
LP3985 Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
LP3985IM5X-2.5 TI-LP3985IM5X-2.5 Datasheet
1Mb / 29P
LP3985 Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
logo
ON Semiconductor
NCP500 ONSEMI-NCP500_15 Datasheet
171Kb / 18P
150 mA CMOS Low Noise Low-Dropout Voltage Regulator
June, 2015 ??Rev. 22
logo
Texas Instruments
LP3985 TI-LP3985_15 Datasheet
1Mb / 33P
LP3985 Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
LP3985 TI1-LP3985 Datasheet
1Mb / 33P
Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
LP3987 TI1-LP3987 Datasheet
1Mb / 21P
Micropower DSBGA 150-mA Ultra Low-Dropout CMOS Voltage Regulator
LP3988 TI1-LP3988 Datasheet
1Mb / 25P
Micropower, 150-mA Ultra-Low-Dropout CMOS Voltage Regulator
LP3985 TI1-LP3985_16 Datasheet
1Mb / 32P
Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com