Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDV301N Datasheet (PDF) - ON Semiconductor

FDV301N Datasheet PDF - ON Semiconductor
Part # FDV301N
Download  FDV301N Download
File Size   281.39 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Digital FET , N-Channel

FDV301N Datasheet (PDF)

Go To PDF Page Download Datasheet
FDV301N Datasheet PDF - ON Semiconductor

Part # FDV301N
Download  FDV301N Click to download

File Size   281.39 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Digital FET , N-Channel

FDV301N Datasheet (HTML) - ON Semiconductor


FDV301N Product details

General Description
This N-Channel logic level enhancement mode field effect transistor is produced using Fairchild's proprietary, high cell density, DMOS technology. This very high density process is especially tailored to minimize on-state resistance. This device has been designed especially for low voltage applications as a replacement for digital transistors. Since bias resistors are not required, this one N-channel FET can replace several different digital transistors, with different bias resistor values.

Features
25 V, 0.22 A continuous, 0.5 A Peak.
RDS(ON) = 5 W @ VGS= 2.7 V
RDS(ON) = 4 W @ VGS= 4.5 V.
Very low level gate drive requirements allowing direct operation in 3V circuits. VGS(th) < 1.06V.
Gate-Source Zener for ESD ruggedness. >6kV Human Body Model
Replace multiple NPN digital transistors with one DMOS FET.




Similar Part No. - FDV301N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDV301N FAIRCHILD-FDV301N Datasheet
97Kb / 5P
Digital FET , N-Channel
logo
Guangdong Kexin Industr...
FDV301N KEXIN-FDV301N Datasheet
1Mb / 4P
N-Channel MOSFET
logo
Guangdong Youtai Semico...
FDV301N UMW-FDV301N Datasheet
390Kb / 7P
Load Switch for Portable Applications
logo
EVER SEMICONDUCTOR CO.,...
FDV301N EVVOSEMI-FDV301N Datasheet
306Kb / 7P
MOSFET
Rev:2023A2
logo
VBsemi Electronics Co.,...
FDV301N-NL VBSEMI-FDV301N-NL Datasheet
1Mb / 9P
N-Channel 20 V (D-S) MOSFET
More results


Similar Description - FDV301N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDG313N FAIRCHILD-FDG313N Datasheet
713Kb / 8P
Digital FET, N-Channel
FDG6301N FAIRCHILD-FDG6301N Datasheet
226Kb / 8P
Dual N-Channel, Digital FET
FDV301N FAIRCHILD-FDV301N Datasheet
97Kb / 5P
Digital FET , N-Channel
FDV303N FAIRCHILD-FDV303N Datasheet
65Kb / 4P
Digital FET, N-Channel
FDG6313N FAIRCHILD-FDG6313N Datasheet
58Kb / 5P
Dual N-Channel, Digital FET
FDC6301N FAIRCHILD-FDC6301N_01 Datasheet
374Kb / 5P
Dual N-Channel , Digital FET
logo
Guangdong Kexin Industr...
KDV303N KEXIN-KDV303N Datasheet
264Kb / 4P
Digital FET, N-Channel
logo
Fairchild Semiconductor
FDG6301N_F085 FAIRCHILD-FDG6301N_F085 Datasheet
351Kb / 5P
Dual N-Channel, Digital FET
logo
Shenzhen Huazhimei Semi...
HM2302BWSR HMSEMI-HM2302BWSR Datasheet
199Kb / 5P
Dual N-Channel Digital FET
logo
ON Semiconductor
FDG6301N-F085 ONSEMI-FDG6301N-F085 Datasheet
640Kb / 6P
Dual N-Channel, Digital FET
September, 2019 - Rev. 3
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com