Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RB-15 Datasheet (PDF) - Multicomp Pro

RB-15 Datasheet PDF - Multicomp Pro
Part # RB-15
Download  RB-15 Download
File Size   154.08 Kbytes
Page   4 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description W Series Single Phase Bridge Rectifiers

RB-15 Datasheet (PDF)

Go To PDF Page Download Datasheet
RB-15 Datasheet PDF - Multicomp Pro

Part # RB-15
Download  RB-15 Click to download

File Size   154.08 Kbytes
Page   4 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description W Series Single Phase Bridge Rectifiers

RB-15 Datasheet (HTML) - Multicomp Pro


RB-15 Product details

Features:
• Surge overload ratings to 40 amperes peak.
• Ideal for printed circuit board.
• Reliable low cost construction technique results in inexpensive product.
• High temperature soldering
guaranteed : 250°C/10 seconds/0.375” (9.5mm)
lead length at lbs., (2.3kg) tension.




Similar Part No. - RB-15

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
RB-15 YANGJIE-RB-15 Datasheet
245Kb / 2P
SINGLE PHASE 1.5 AMPS. SILICON BRIDGE RECTIFIERS
logo
YENYO TECHNOLOGY Co., L...
RB-15 YENYO-RB-15 Datasheet
482Kb / 1P
Dimensions in inches and
logo
Multicomp Pro
RB-15 MULTICOMP-RB-15 Datasheet
182Kb / 4P
Single Phase Bridge Rectifiers
23/05/06 V1.0
logo
Recom International Pow...
RB-1505D RECOM-RB-1505D Datasheet
115Kb / 4P
ECONOLINE - DC/DC - CONVERTER
RB-1505D RECOM-RB-1505D Datasheet
111Kb / 4P
1 Watt SIP7 & DIP14 Single & Dual Output
More results


Similar Description - RB-15

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
GBPC15005 SIRECTIFIER-GBPC15005 Datasheet
70Kb / 2P
Single Phase Bridge Rectifiers
GBJ20005 SIRECTIFIER-GBJ20005 Datasheet
60Kb / 2P
Single Phase Bridge Rectifiers
GBJ10005 SIRECTIFIER-GBJ10005 Datasheet
113Kb / 2P
Single Phase Bridge Rectifiers
GBJ8005 SIRECTIFIER-GBJ8005 Datasheet
60Kb / 2P
Single Phase Bridge Rectifiers
logo
List of Unclassifed Man...
CP800 ETC2-CP800 Datasheet
220Kb / 3P
Single Phase Bridge Rectifiers
logo
SEMTECH ELECTRONICS LTD...
KBU4A SEMTECH_ELEC-KBU4A Datasheet
191Kb / 1P
SINGLE - PHASE BRIDGE RECTIFIERS
logo
KEC(Korea Electronics)
MB6M KEC-MB6M Datasheet
52Kb / 2P
Single-Phase Bridge Rectifiers
logo
DONGGUAN YOU FENG WEI E...
2W005M-2A-WOM YFWDIODE-2W005M-2A-WOM Datasheet
295Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIERS
logo
Sirectifier Semiconduct...
GBJ25005 SIRECTIFIER-GBJ25005_16 Datasheet
88Kb / 2P
Single Phase Bridge Rectifiers
S1PDB25005 SIRECTIFIER-S1PDB25005 Datasheet
137Kb / 2P
Single Phase Bridge Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com