Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA2670 Datasheet (PDF) - Texas Instruments

OPA2670 Datasheet PDF - Texas Instruments
Part # OPA2670
Download  OPA2670 Download
File Size   1035.82 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Single Port, High Output Current VDSL2 Line Driver with Power Control

OPA2670 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA2670 Datasheet PDF - Texas Instruments

Part # OPA2670
Download  OPA2670 Click to download

File Size   1035.82 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Single Port, High Output Current VDSL2 Line Driver with Power Control

OPA2670 Datasheet (HTML) - Texas Instruments


OPA2670 Product details

1FEATURES
23• WIDEBAND +12V OPERATION:
420MHz (G = +5V/V)
• HIGH OUTPUT CURRENT: 700mA
• OUTPUT VOLTAGE SWING: 9.4V PP into 10Ω
Single-Ended Load
• HIGH DIFFERENTIAL SLEW RATE: 5000V/ms
• LOW SUPPLY CURRENT: 30.5mA
• FLEXIBLE POWER CONTROL

APPLICATIONS
• POWER LINE MODEM
• xDSL LINE DRIVERS
• CABLE MODEM DRIVERS
• BROADBAND VIDEO LINE DRIVERS
• ARB LINE DRIVERS

DESCRIPTION
The OPA2670 provides the high output current and
low distortion required in emerging xDSL and Power
Line Modem driver applications. Operating on a
single +12V supply, the OPA2670 consumes a low
30.5mA quiescent current to deliver a very high
700mA output current. This output current supports
even the most demanding xDSL requirements with
greater than 450mA minimum output current (+25°C
minimum value) with low harmonic distortion. Differential driver applications deliver less than
–71dBc distortion at the peak upstream power levels
of full-rate ADSL. The high 420MHz bandwidth also
supports the most demanding VDSL2 line driver
requirements.
Power control features are included to allow system
power to be minimized. Two logic control lines allow
four quiescent power settings, including full power,
66% power, 33% power, and shutdown.




Similar Part No. - OPA2670

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2670 TI-OPA2670 Datasheet
717Kb / 25P
Single Port High Output Current VDSL2 Line Driver with Power Control
OPA2670IRGVR TI1-OPA2670IRGVR Datasheet
733Kb / 25P
Single Port, High Output Current VDSL2 Line Driver with Power Control
OPA2670IRGVT TI1-OPA2670IRGVT Datasheet
733Kb / 25P
Single Port, High Output Current VDSL2 Line Driver with Power Control
More results


Similar Description - OPA2670

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8398A AD-AD8398A Datasheet
87Kb / 2P
Single Port VDSL2 Line Driver with Shutdown
Rev. Sp0
logo
Intersil Corporation
ISL1539A INTERSIL-ISL1539A Datasheet
91Kb / 2P
Dual Port VDSL2 Line Driver
September 23, 2009
logo
Texas Instruments
OPA2670 TI-OPA2670 Datasheet
717Kb / 25P
Single Port High Output Current VDSL2 Line Driver with Power Control
OPA2670IRGVR TI1-OPA2670IRGVR Datasheet
733Kb / 25P
Single Port, High Output Current VDSL2 Line Driver with Power Control
logo
Intersil Corporation
ISL1550IRZ INTERSIL-ISL1550IRZ Datasheet
709Kb / 13P
Single Port, VDSL2 Differential Line Driver
March 16, 2012
ISL1550 INTERSIL-ISL1550 Datasheet
709Kb / 13P
Single Port, VDSL2 Differential Line Driver
March 16, 2012
logo
Analog Devices
AD8398A AD-AD8398A_16 Datasheet
375Kb / 13P
Single Port VDSL2 Line Driver with Shutdown
Rev. D
logo
Renesas Technology Corp
ISL1550 RENESAS-ISL1550 Datasheet
934Kb / 13P
Single Port, VDSL2 Differential Line Driver
logo
Analog Devices
AD8398A AD-AD8398A_17 Datasheet
368Kb / 12P
Single Port VDSL2 Line Driver with Shutdown
11/2017-Rev. D to Rev. E
logo
Renesas Technology Corp
ISL1539A RENESAS-ISL1539A Datasheet
2Mb / 23P
Dual Port VDSL2 Line Driver
September 23, 2009
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com