Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA2188AID.B Datasheet (PDF) - Texas Instruments

OPA2188AID.B Datasheet PDF - Texas Instruments
Part # OPA2188AID.B
Download  OPA2188AID.B Download
File Size   1037.79 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPA2188 0.03-μV/°C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers

OPA2188AID.B Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA2188AID.B Datasheet PDF - Texas Instruments

Part # OPA2188AID.B
Download  OPA2188AID.B Click to download

File Size   1037.79 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPA2188 0.03-μV/°C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers

OPA2188AID.B Datasheet (HTML) - Texas Instruments


OPA2188AID.B Product details

1 Features
1• Low Offset Voltage: 25 μV (Maximum)
• Zerø-Drift: 0.03 μV/°C
• Low Noise: 8.8 nV/√Hz
0.1-Hz to 10-Hz Noise: 0.25 μVPP
• Excellent DC Precision:
PSRR: 142 dB
CMRR: 146 dB
Open-Loop Gain: 136 dB
• Gain Bandwidth: 2 MHz
• Quiescent Current: 475 μA (Maximum)
• Wide Supply Range: ±2 V to ±18 V
• Rail-to-Rail Output:
Input Includes Negative Rail
• RFI Filtered Inputs
• MicroSIZE Packages

2 Applications
• Bridge Amplifiers
• Strain Gauges
• Test Equipment
• Transducer Applications
• Temperature Measurement
• Electronic Scales
• Medical Instrumentation
• Resistance Temperature Detectors
• Precision Active Filters

3 Description
The OPA2188 operational amplifier uses TI
proprietary auto-zeroing techniques to provide low
offset voltage (25 μV, maximum), and near zero-drift
over time and temperature. This miniature, highprecision,
low quiescent current amplifier offers high
input impedance and rail-to-rail output swing within 15
mV of the rails. The input common-mode range
includes the negative rail. Either single or dual
supplies can be used in the range of 4 V to 36 V (±2
V to ±18 V).
The OPA2188 device is available in MSOP-8 and
SO-8 packages. The device is specified for operation
from –40°C to +105°C.




Similar Part No. - OPA2188AID.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2188AID.B TI2-OPA2188AID.B Datasheet
1Mb / 39P
OPA2188 0.03-μV/°C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
REVISED JUNE 2016
More results


Similar Description - OPA2188AID.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA188 TI1-OPA188 Datasheet
483Kb / 23P
0.03-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA2180 TI1-OPA2180 Datasheet
872Kb / 25P
0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA188 TI-OPA188_13 Datasheet
1Mb / 33P
Precision, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift Operational Amplifiers
OPA188 TI-OPA188_15 Datasheet
1Mb / 34P
Precision, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA2188 TI-OPA2188_15 Datasheet
1Mb / 28P
0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA4188 TI-OPA4188_15 Datasheet
1Mb / 28P
0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA180 TI-OPA180_15 Datasheet
1Mb / 38P
Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA187 TI1-OPA187 Datasheet
1Mb / 33P
Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA180-Q1 TI1-OPA180-Q1 Datasheet
1Mb / 32P
0.1-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA187 TI1-OPA187_17 Datasheet
1Mb / 35P
Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com