Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS3202 Datasheet (PDF) - Texas Instruments

THS3202 Datasheet PDF - Texas Instruments
Part # THS3202
Download  THS3202 Download
File Size   1048.18 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Triple, Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER with Disable

THS3202 Datasheet (PDF)

Go To PDF Page Download Datasheet
THS3202 Datasheet PDF - Texas Instruments

Part # THS3202
Download  THS3202 Click to download

File Size   1048.18 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Triple, Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER with Disable

THS3202 Datasheet (HTML) - Texas Instruments


THS3202 Product details

1FEATURES
2· 900MHz BANDWIDTH, GAIN = +2V/V
· 450MHz BANDWIDTH, GAIN = +8V/V
· WIDE OUTPUT VOLTAGE SWING: ±4V
· ULTRA-HIGH SLEW RATE: 4300V/ms
· 3RD-ORDER INTERCEPT: > 35dBm (f < 40MHz)
· LOW 1.8nV/√Hz VOLTAGE NOISE
· ±120mA OUTPUT CURRENT DRIVE
· 12.9mA/Ch SUPPLY CURRENT (±5V)
· LOW 0.1mA/Ch DISABLE CURRENT
· 3.5V to 12V SINGLE-SUPPLY OPERATION
· ±1.75V to ±6V SPLIT-SUPPLY OPERATION

APPLICATIONS
· BROADBAND VIDEO LINE DRIVERS
· VERY WIDEBAND ADC DRIVERS
· HIGH BANDWIDTH INSTRUMENTATION
AMPLIFIERS
· HIGH-SPEED IMAGING
· ACTIVE FILTERS
· ARB WAVEFORM OUTPUT DRIVERS

DESCRIPTION
The OPA3695 is a triple, very high bandwidth,
current-feedback op amp that combines an
exceptional 4300V/ms slew rate and a very high 900MHz bandwidth (G = +2V/V) to provide an
amplifier that is ideal for the most demanding video
applications. The device versatility is enhanced with a
low 1.8nV/√Hz input voltage noise and an output
stage that can swing within 1V from the supply rail to
deliver a high dynamic range signal, making it
well-suited for analog-to-digital converter (ADC)
front-ends or digital-to-analog converter (DAC) output
buffering. Optimized for high gain operation, the OPA3695 is also well-suited for buffering surface
acoustic wave (SAW) filters in an intermediate
frequency (IF) system.
The low 12.9mA/channel supply current is precisely
trimmed at +25°C. This trim, along with a low
temperature drift, gives low system power over
temperature. System power may be further reduced
using the Disable control pin. Leaving this pin open,
or holding it high, gives normal operation. If pulled
low, the OPA3695 supply current drops to 100mA/channel. This power-saving feature, along with
exceptional single +5V operation, makes the
OPA3695 a good fit for low-power applications that
require very high performance. The OPA3695 is
available in an SSOP-16 package.




Similar Part No. - THS3202

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3202 TI-THS3202 Datasheet
616Kb / 32P
2-GHZ, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIERS
THS3202 TI-THS3202 Datasheet
1Mb / 41P
LOW-DISTORTION HIGH-SPEED VOLTAGE FEEDBACK AMPLIFIER
THS3202 TI1-THS3202 Datasheet
1Mb / 37P
2-GHz, LOW DISTORTION, DUAL CURRENT-FEEDBACK AMPLIFIERS
THS3202D TI-THS3202D Datasheet
616Kb / 32P
2-GHZ, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIERS
THS3202D TI1-THS3202D Datasheet
1Mb / 37P
2-GHz, LOW DISTORTION, DUAL CURRENT-FEEDBACK AMPLIFIERS
More results


Similar Description - THS3202

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA3681 BURR-BROWN-OPA3681 Datasheet
234Kb / 21P
Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
OPA681 BURR-BROWN-OPA681 Datasheet
241Kb / 21P
Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
OPA685 BURR-BROWN-OPA685 Datasheet
283Kb / 28P
Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable TM
logo
Texas Instruments
OPA695 TI-OPA695 Datasheet
570Kb / 32P
Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA3691 BURR-BROWN-OPA3691 Datasheet
438Kb / 25P
Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA2695 TI-OPA2695 Datasheet
1Mb / 40P
Dual, Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER with Disable
OPA695IDGKR TI1-OPA695IDGKR Datasheet
1Mb / 41P
Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
OPA3695 TI1-OPA3695_14 Datasheet
1Mb / 39P
Triple, Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER with Disable
OPA695 TI1-OPA695 Datasheet
965Kb / 48P
Ultra-Wideband, Current-Feedback Operational Amplifier With Disable
OPA695 TI1-OPA695_16 Datasheet
1Mb / 58P
Ultra-Wideband, Current-Feedback Operational Amplifier With Disable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com