Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA348 Datasheet (PDF) - Texas Instruments

OPA348 Datasheet PDF - Texas Instruments
Part # OPA348
Download  OPA348 Download
File Size   1070.39 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx348-Q1 1-MHz 45-μA CMOS Rail-to-Rail Operational Amplifier

OPA348 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA348 Datasheet PDF - Texas Instruments

Part # OPA348
Download  OPA348 Click to download

File Size   1070.39 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx348-Q1 1-MHz 45-μA CMOS Rail-to-Rail Operational Amplifier

OPA348 Datasheet (HTML) - Texas Instruments


OPA348 Product details

1 Features
1• Qualified for Automotive Applications
• AEC-Q100 Qualified With the Following Results:
– Device Temperature Grade 1: –40°C to
+125°C Ambient Operating Temperature
Range
– Device HBM ESD Classification Level 2
– Device CDM ESD Classification Level C4B
• Low Quiescent Current (I Q): 45 μA (Typ)
• Low Cost
• Rail-to-Rail Input and Output
• Single Supply: 2.1 V to 5.5 V
• Input Bias Current: 0.5 pA (Typ)
• High Speed: Power With Bandwidth: 1 MHz

2 Applications
• Portable Equipment
• Battery-Powered Equipment
• Smoke Alarms
• CO Detectors
• HEV/EV and Power Train
• Infotainment and Cluster
• Medical Instrumentation

3 Description
The OPAx348-Q1 series of devices are single-supply,
low-power CMOS operational amplifiers. Featuring an extended bandwidth of 1 MHz and a supply current of
45 μA, the OPAx348-Q1 family of devices is useful
for low-power applications on single supplies of 2.1 V
to 5.5 V.
Low supply current of 45 μA and an input bias current
of 0.5 pA make the OPAx348-Q1 family of devices an
optimal candidate for low-power, high-impedance
applications such as smoke detectors and other
sensors.
The OPA348-Q1 device is available in both the
SOT23-5 (DBV) and the SOIC (D) packages. The
OPA2348-Q1 device is available in the SOIC-8 (D)
package. The OPA4348-Q1 device is available in the
TSSOP-14 (PW) package. The automotive
temperature range of –40°C to +125°C over all supply voltages offers additional design flexibility.




Similar Part No. - OPA348

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA348 TI-OPA348 Datasheet
318Kb / 14P
1MHz, 45UA, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA348 TI-OPA348 Datasheet
318Kb / 17P
1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA348 TI-OPA348 Datasheet
472Kb / 19P
1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA348 BURR-BROWN-OPA348 Datasheet
501Kb / 19P
1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA348 TI1-OPA348 Datasheet
1Mb / 24P
12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
More results


Similar Description - OPA348

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1704A ALD-ALD1704A Datasheet
47Kb / 6P
RAIL TO RAIL CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2348-Q1 TI1-OPA2348-Q1 Datasheet
685Kb / 18P
1-MHz 45-關A CMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIER
OPA2348-HIREL TI1-OPA2348-HIREL Datasheet
219Kb / 14P
1-MHz, 45-關A CMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIER
OPA348-Q1 TI-OPA348-Q1 Datasheet
1Mb / 30P
OPAx348-Q1 1-MHz 45-關A CMOS Rail-to-Rail Operational Amplifier
OPA2348-HIREL TI-OPA2348-HIREL_15 Datasheet
183Kb / 15P
1-MHz, 45-關A CMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIER
OPA348-Q1 TI1-OPA348-Q1_16 Datasheet
1Mb / 32P
CMOS Rail-to-Rail Operational Amplifier
OPA2607-Q1 TI-OPA2607-Q1 Datasheet
1Mb / 31P
OPAx607-Q1, Automotive, 50-MHz , Rail to Rail Output CMOS Operational Amplifier
OPA607-Q1 TI-OPA607-Q1 Datasheet
1Mb / 35P
OPAx607-Q1, Automotive, 50-MHz , Rail to Rail Output CMOS Operational Amplifier
OPA607-Q1 TI-OPA607-Q1_V01 Datasheet
2Mb / 37P
OPAx607-Q1, Automotive, 50-MHz , Rail to Rail Output CMOS Operational Amplifier
logo
ON Semiconductor
NCS20161 ONSEMI-NCS20161 Datasheet
321Kb / 22P
8 MHz, Rail-To-Rail, CMOS Operational Amplifier
October, 2022 - Rev. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com