Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM2704 Datasheet (PDF) - Texas Instruments

PCM2704 Datasheet PDF - Texas Instruments
Part # PCM2704
Download  PCM2704 Download
File Size   1013.17 Kbytes
Page   45 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description STEREO AUDIO DAC WITH USB INTERFACE, SINGLE-ENDED HEADPHONE OUTPUT AND S/PDIF OUTPUT

PCM2704 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCM2704 Datasheet PDF - Texas Instruments

Part # PCM2704
Download  PCM2704 Click to download

File Size   1013.17 Kbytes
Page   45 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description STEREO AUDIO DAC WITH USB INTERFACE, SINGLE-ENDED HEADPHONE OUTPUT AND S/PDIF OUTPUT

PCM2704 Datasheet (HTML) - Texas Instruments


PCM2704 Product details

1FEATURES
2345· On-Chip USB Interface:
– No Need of Dedicated Device Driver
– With Full-Speed Transceivers
– Fully Compliant With USB 1.1 Specification
– Certified by USB-IF
– Partially Programmable Descriptors
– Adaptive Isochronous Transfer for
Playback
– Bus-Powered or Self-Powered Operation
· Sampling Rate: 32, 44.1, 48 kHz
· On-Chip Clock Generator With Single 12-MHz
Clock Source
· Single Power Supply:
– Bus-Powered: 5 V, Typical (VBUS)
– Self-Powered: 3.3 V, Typical
· 16-Bit Delta-Sigma Stereo DAC
– Analog Performance at 5 V (Bus-Powered),
3.3 V (Self-Powered):
– THD+N: 0.006% RL > 10 kΩ,
Self-Powered
– THD+N: 0.025% RL = 32 Ω
– SNR = 98 dB
– Dynamic Range: 98 dB
– PO = 12 mW, RL = 32 Ω
– Oversampling Digital Filter
– Pass-Band Ripple = ±0.04 dB
– Stop-Band Attenuation = –50 dB
– Single-Ended Voltage Output
– Analog LPF Included
· Multiple Functions:
– Up to Eight Human Interface Device (HID)
Interfaces (Depending on Model and
Settings)
– Suspend Flag
– S/PDIF Out With SCMS
– External ROM Interface (PCM2704/6)
– Serial Programming Interface (PCM2705/7)
– I2S Interface (Selectable on PCM2706/7)
· Package:
– 28-Pin SSOP (PCM2704/5)
– 32-Pin TQFP (PCM2706/7)

APPLICATIONS
· USB Headphones
· USB Audio Speaker
· USB CRT/LCD Monitor
· USB Audio Interface Box
· USB-Featured Consumer Audio Product

DESCRIPTION
The PCM2704/5/6/7 is TI's single-chip USB stereo
audio DAC with USB-compliant full-speed protocol
controller and S/PDIF. The USB-protocol controller
works with no software code, but USB descriptors
can be modified in some parts (for example, vendor ID/product ID) through the use of an external ROM
(PCM2704/6), SPI (PCM2705/7), or on request. (1)
The PCM2704/5/6/7 employs SpAct™ architecture,
TI's unique system that recovers the audio clock from
USB packet data. On-chip analog PLLs with SpAct enable playback with low clock jitter.




Similar Part No. - PCM2704

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2704 TI-PCM2704 Datasheet
331Kb / 33P
STEREO AUDIO DAC WITH USB INTERFACE, SINGLE-ENDED HEADPHONE OUTPUT AND S/PDF OUTPUT
PCM2704 TI1-PCM2704 Datasheet
1Mb / 39P
SINGLE-ENDED HEADPHONE OUTPUT AND S/PDIF OUTPUT
PCM2704C TI1-PCM2704C Datasheet
969Kb / 40P
Stereo Audio DAC with USB Interface, Single-Ended Headphone Output and S/PDIF Output
PCM2704C TI1-PCM2704C Datasheet
1Mb / 41P
Stereo Audio DAC with USB Interface Single-Ended Headphone Output and S/PDIF Output
PCM2704C TI2-PCM2704C Datasheet
1Mb / 53P
PCM270xC Stereo Audio DAC With USB Interface, Single-Ended Headphone Output and S/PDIF Output
REVISED AUGUST 2015
More results


Similar Description - PCM2704

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2704 TI-PCM2704 Datasheet
331Kb / 33P
STEREO AUDIO DAC WITH USB INTERFACE, SINGLE-ENDED HEADPHONE OUTPUT AND S/PDF OUTPUT
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_07 Datasheet
372Kb / 33P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2704C TI1-PCM2704C Datasheet
969Kb / 40P
Stereo Audio DAC with USB Interface, Single-Ended Headphone Output and S/PDIF Output
PCM2900B TI1-PCM2900B Datasheet
996Kb / 34P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2900C TI1-PCM2900C Datasheet
1Mb / 32P
Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2901EG4 TI1-PCM2901EG4 Datasheet
618Kb / 37P
STEREO AUDIO CODEC WITH USB INTERFACE SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
PCM2704C TI1-PCM2704C_14 Datasheet
1Mb / 41P
Stereo Audio DAC with USB Interface Single-Ended Headphone Output and S/PDIF Output
PCM2704C TI-PCM2704C_15 Datasheet
1Mb / 47P
PCM270xC Stereo Audio DAC With USB Interface, Single-Ended Headphone Output andS/PDIF Output
PCM2707C TI-PCM2707C_15 Datasheet
1Mb / 47P
PCM270xC Stereo Audio DAC With USB Interface, Single-Ended Headphone Output and S/PDIF Output
PCM2903C TI1-PCM2903C_15 Datasheet
659Kb / 31P
Stereo Audio Codec With USB Interface Single-Ended Analog Input/Output, and S/PDIF
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com