Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRS20752LPBF Datasheet (PDF) - Infineon Technologies AG

IRS20752LPBF Datasheet PDF - Infineon Technologies AG
Part # IRS20752LPBF
Download  IRS20752LPBF Download
File Size   378.54 Kbytes
Page   13 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description SOT-23 High-Side Gate Driver IC

IRS20752LPBF Datasheet (PDF)

Go To PDF Page Download Datasheet
IRS20752LPBF Datasheet PDF - Infineon Technologies AG

Part # IRS20752LPBF
Download  IRS20752LPBF Click to download

File Size   378.54 Kbytes
Page   13 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description SOT-23 High-Side Gate Driver IC

IRS20752LPBF Datasheet (HTML) - Infineon Technologies AG


IRS20752LPBF Product details

Features
• Floating gate driver designed for bootstrap operation
• Fully operational to +200 V
• Excellent dv/dt immunity
• Excellent negative VS transient immunity
• Wide VCC range
• UVLO on low-side and high-side
• Schmitt-trigger input with internal pull-down
• Output in phase with input
• Excellent latch immunity on all inputs & outputs
• RoHS compliant
• 6-pin SOT-23 package

Applications
• High-side gate driver control
• Pulse transformer replacement
• General purpose switched mode power electronics

Description
The IRS20752 is a high-side, single-channel
gate driver IC with 200V blocking and levelshifting capability. This allows for the gate driver
to be connected directly to the gate of a high-side
power MOSFET, while being controlled by the
low-side, ground potential circuitry. The IRS20752
includes a wide VCC supply range, UVLO
protection, and excellent immunity to harsh dv/dt
or –VS switching environments. IR’s HVIC
technology allows for these functions and features
to be realized in a 6-pin SOT-23 package.




Similar Part No. - IRS20752LPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS20752LPBF IRF-IRS20752LPBF Datasheet
694Kb / 12P
SOT-23 High-Side Gate Driver IC
logo
Infineon Technologies A...
IRS20752LPBF INFINEON-IRS20752LPBF Datasheet
378Kb / 13P
SOT-23 High-Side Gate Driver IC
January 4, 2017
logo
International Rectifier
IRS20752LPBF IRF-IRS20752LPBF_15 Datasheet
694Kb / 12P
SOT-23 High-Side Gate Driver IC
More results


Similar Description - IRS20752LPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS10752LPBF IRF-IRS10752LPBF_15 Datasheet
694Kb / 12P
SOT-23 High-Side Gate Driver IC
IRS20752LPBF IRF-IRS20752LPBF_15 Datasheet
694Kb / 12P
SOT-23 High-Side Gate Driver IC
IRS25752LPBF IRF-IRS25752LPBF_15 Datasheet
691Kb / 12P
SOT-23 High-Side Gate Driver IC
IR44272LPBF IRF-IR44272LPBF Datasheet
741Kb / 14P
SOT-23 Gate Driver IC
logo
Infineon Technologies A...
IRS10752LPBF INFINEON-IRS10752LPBF Datasheet
374Kb / 13P
SOT-23 High-Side Gate Driver IC
January 4, 2017
IRS20752LPBF INFINEON-IRS20752LPBF Datasheet
378Kb / 13P
SOT-23 High-Side Gate Driver IC
January 4, 2017
IRS25752LPBF INFINEON-IRS25752LPBF Datasheet
374Kb / 13P
SOT-23 High-Side Gate Driver IC
January 4, 2017
IR44252LPBF INFINEON-IR44252LPBF Datasheet
1Mb / 14P
SOT-23 Single Low-Side Driver IC
June 30, 2015
IR44272LPBF INFINEON-IR44272LPBF Datasheet
734Kb / 14P
SOT-23 Gate Driver IC
June 30, 2015
IR44273LPBF INFINEON-IR44273LPBF Datasheet
514Kb / 14P
SOT-23 Single Low-Side Gate Driver IC
January 14, 2019
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com