Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC45S-Q Datasheet (PDF) - Comus International

AC45S-Q Datasheet PDF - Comus International
Part # AC45S-Q
Download  AC45S-Q Download
File Size   1257.58 Kbytes
Page   3 Pages
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International
Description AEC-Q101 Certified - 2 Form A - PhotoDMOS Relays

AC45S-Q Datasheet (PDF)

Go To PDF Page Download Datasheet
AC45S-Q Datasheet PDF - Comus International

Part # AC45S-Q
Download  AC45S-Q Click to download

File Size   1257.58 Kbytes
Page   3 Pages
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International
Description AEC-Q101 Certified - 2 Form A - PhotoDMOS Relays

AC45S-Q Datasheet (HTML) - Comus International


AC45S-Q Product details

FEATURES
• PhotoDMOS Relays
• AEC-Q101 Certification for Automotive Applications
• 60 Volt, 200 mA
• On-Resistance 3 Ω (Typical)
• I/O Breakdown Voltage: SOP 1500 Vrms Min.
• Max LED Current 3.0 mA
• Tape and Reel, add R1 (Example: AC45S-Q-R1)




Similar Part No. - AC45S-Q

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AC45 ALLIED-AC45 Datasheet
263Kb / 1P
Axial Coated Inductor
AC45-100K-RC ALLIED-AC45-100K-RC Datasheet
263Kb / 1P
Axial Coated Inductor
AC45-101K-RC ALLIED-AC45-101K-RC Datasheet
263Kb / 1P
Axial Coated Inductor
AC45-471K-RC ALLIED-AC45-471K-RC Datasheet
263Kb / 1P
Axial Coated Inductor
logo
3M Electronics
AC452 3M-AC452 Datasheet
244Kb / 3P
3M Scotch-Weld??Instant Adhesive Activators and Primers
More results


Similar Description - AC45S-Q

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
LH1525AT INFINEON-LH1525AT Datasheet
187Kb / 7P
1 Form A Solid-State Relays
March 21, 2001-14
logo
Rohm
YFZVFH18B ROHM-YFZVFH18B Datasheet
1Mb / 9P
Zener Diode (AEC-Q101 qualified)
YFZVFH27B ROHM-YFZVFH27B Datasheet
1Mb / 9P
Zener Diode (AEC-Q101 qualified)
logo
TT Electronics.
HA65A TTELEC-HA65A Datasheet
473Kb / 2P
AEC-Q200 certified
logo
STMicroelectronics
STB100NF04T4 STMICROELECTRONICS-STB100NF04T4 Datasheet
1Mb / 20P
AEC-Q101 qualified
21-Nov-2016
STH275N8F7-2AG STMICROELECTRONICS-STH275N8F7-2AG Datasheet
889Kb / 18P
AEC-Q101 qualified
January 2017 Rev 4
TN3050H-12WY STMICROELECTRONICS-TN3050H-12WY Datasheet
394Kb / 9P
AEC-Q101 qualified
03-Oct-2016
logo
Littelfuse
AQ1006 LITTELFUSE-AQ1006 Datasheet
2Mb / 4P
AEC-Q101 qualified
AQ1026 LITTELFUSE-AQ1026 Datasheet
2Mb / 4P
AEC-Q101 qualified
logo
Shanghai Leiditech Elec...
LM1206 LEIDITECH-LM1206 Datasheet
763Kb / 3P
AEC-Q200 Automotive Grade Certified
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com