Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3FTV7AN Datasheet (PDF) - Amphenol PCD, Inc

USB3FTV7AN Datasheet PDF - Amphenol PCD, Inc
Part # USB3FTV7AN
Download  USB3FTV7AN Download
File Size   4243.45 Kbytes
Page   11 Pages
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc
Description USB connection system for harsh environment

USB3FTV7AN Datasheet (PDF)

Go To PDF Page Download Datasheet
USB3FTV7AN Datasheet PDF - Amphenol PCD, Inc

Part # USB3FTV7AN
Download  USB3FTV7AN Click to download

File Size   4243.45 Kbytes
Page   11 Pages
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc
Description USB connection system for harsh environment

USB3FTV7AN Datasheet (HTML) - Amphenol PCD, Inc


USB3FTV7AN Product details

Main characteristics
n Sealed against fluids and dusts (IP68)
n Shock, vibration and traction resistant
n No cabling operation in field and no tools required
n Improved EMI protection
n Tri Start Thread coupling mechanism (MIL-DTL-38999 series III type) with
anti-decoupling device - Shell size 15
n 2 mechanical coding / polarization possibilities (receptacle insert rotation)
n USB3F TV plug retention in the receptacle: 100 N in the axis
n Mating cycles: 500 minimum

Environmental protection
n Sealing (when mated): IP68 (temporary immersion)
n Salt spray: 48 h with nickel plating
> 500 h with olive drab cadmium
500 h with marine bronze shell
n Fire retardant / low smoke: UL94 V0 and NF F 16 101 & 16 102
n Vibrations: 10 – 500 Hz, 10 g, 3 axes: no discontinuity > 1micro s
n Shocks: IK06: weight of 250 g drop from 40 cm [15.75 in] onto connectors (mated
pair)
n Humidity: 21 days, 43°C, 98% humidity
n Temperature range: - 40°C / +85°C

Applications
n Embedded computers
n Data acquisition and transmission in harsh
environment
n Railways
n Battelfield communication systems
n Navy systems




Similar Part No. - USB3FTV7AN

ManufacturerPart #DatasheetDescription
logo
Amphenol Aerospace Oper...
USB3FTVKEY6A128G AAO-USB3FTVKEY6A128G Datasheet
255Kb / 2P
Derived from MIL-DTL-38999 series III specification • from 2 GB to 256 GB
USB3FTVKEY6A128GCAP AAO-USB3FTVKEY6A128GCAP Datasheet
255Kb / 2P
Derived from MIL-DTL-38999 series III specification • from 2 GB to 256 GB
USB3FTVKEY6A128N AAO-USB3FTVKEY6A128N Datasheet
255Kb / 2P
Derived from MIL-DTL-38999 series III specification • from 2 GB to 256 GB
USB3FTVKEY6A128NCAP AAO-USB3FTVKEY6A128NCAP Datasheet
255Kb / 2P
Derived from MIL-DTL-38999 series III specification • from 2 GB to 256 GB
USB3FTVKEY6A16G AAO-USB3FTVKEY6A16G Datasheet
255Kb / 2P
Derived from MIL-DTL-38999 series III specification • from 2 GB to 256 GB
More results


Similar Description - USB3FTV7AN

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
USBFTV22G AMPHENOL-USBFTV22G Datasheet
361Kb / 4P
USB conectionSystem for Harsh Environment
RJF21BSCC AMPHENOL-RJF21BSCC Datasheet
249Kb / 4P
RJ FieldRJ Field Ethernet Connection System for Harsh Environment ?밒ndustrial EthernetTransform
RJF22B03100BTX AMPHENOL-RJF22B03100BTX Datasheet
249Kb / 4P
Ethernet Connection System for Harsh Environment ?밒ndustrial EthernetTransform
RJFTV6MG AMPHENOL-RJFTV6MG Datasheet
260Kb / 4P
Ethernet ConnectionSystem for Harsh Environment
RJFC7B AMPHENOL-RJFC7B Datasheet
249Kb / 4P
Ethernet Connection System for Harsh Environment ?밒ndustrial Ethernet
RJFTV2PEM1G AMPHENOL-RJFTV2PEM1G Datasheet
356Kb / 4P
Ethernet ConnectionSystem for Harsh Environment
RJFTV71G AMPHENOL-RJFTV71G Datasheet
260Kb / 4P
2004Ethernet ConnectionSystem for Harsh Environment
RJFC7G AMPHENOL-RJFC7G Datasheet
249Kb / 4P
Ethernet Connection System for Harsh Environment - Industrial EthernetTransform
logo
Abracon Corporation
ASTMUPLP ABRACON-ASTMUPLP Datasheet
2Mb / 6P
Harsh environment
07.22.15
logo
Neutrik AG
NE8MC NEUTRIK-NE8MC Datasheet
92Kb / 2P
The RJ45 system for harsh and demanding environment
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com