Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CUPC2A2B106 Datasheet (PDF) - Comus International

CUPC2A2B106 Datasheet PDF - Comus International
Part # CUPC2A2B106
Download  CUPC2A2B106 Download
File Size   344.97 Kbytes
Page   1 Pages
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International
Description Magnetic Reed Relay - Two Form A - Two Form B - 6 VDC

CUPC2A2B106 Datasheet (PDF)

Go To PDF Page Download Datasheet
CUPC2A2B106 Datasheet PDF - Comus International

Part # CUPC2A2B106
Download  CUPC2A2B106 Click to download

File Size   344.97 Kbytes
Page   1 Pages
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International
Description Magnetic Reed Relay - Two Form A - Two Form B - 6 VDC

CUPC2A2B106 Datasheet (HTML) - Comus International


CUPC2A2B106 Product details

FEATURES
• Resistant to Ambient Environmental Conditions
• Material : Plastic
• Mechanical Stress Resistant
• Antivibration Feature
• Internal Magnetic Shield




Similar Part No. - CUPC2A2B106

ManufacturerPart #DatasheetDescription
logo
Macromatic Industrial C...
CUP01A22 MACROMATIC-CUP01A22 Datasheet
237Kb / 3P
SOCKETS & ACCESSORIES
3/14
CUP01A28 MACROMATIC-CUP01A28 Datasheet
237Kb / 3P
SOCKETS & ACCESSORIES
3/14
CUP01A62 MACROMATIC-CUP01A62 Datasheet
237Kb / 3P
SOCKETS & ACCESSORIES
3/14
CUP01A68 MACROMATIC-CUP01A68 Datasheet
237Kb / 3P
SOCKETS & ACCESSORIES
3/14
CUP05A22 MACROMATIC-CUP05A22 Datasheet
237Kb / 3P
SOCKETS & ACCESSORIES
3/14
More results


Similar Description - CUPC2A2B106

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
AD4C113 SSOUSA-AD4C113 Datasheet
220Kb / 6P
1 Form A/1 Form B Solid State Relay
AD4C213 SSOUSA-AD4C213 Datasheet
175Kb / 5P
1 Form A/1 Form B Solid State Relay
AD4C333 SSOUSA-AD4C333 Datasheet
175Kb / 5P
1 Form A/1 Form B Solid State Relay
M222 SSOUSA-M222 Datasheet
136Kb / 4P
1 Form B Solid State Relay
logo
Vishay Siliconix
LH1501BAB VISHAY-LH1501BAB_11 Datasheet
120Kb / 4P
1 Form B Solid State Relay
20-May-11
logo
List of Unclassifed Man...
SMRR1-5-150C ETC2-SMRR1-5-150C Datasheet
2Mb / 3P
REED RELAY, 1 FORM A
logo
Adam Technologies, Inc.
RG5-1A-P-24-VDC ADAM-TECH-RG5-1A-P-24-VDC Datasheet
91Kb / 1P
RELAY 24 VDC FORM
RG6-1A-P-24-VDC ADAM-TECH-RG6-1A-P-24-VDC Datasheet
91Kb / 1P
RELAY 24 VDC FORM A PCB TYPE
logo
Standex Electronics, In...
4305180075 STANDEX-4305180075 Datasheet
125Kb / 1P
REED RELAY 1 FORM A SPST-NO, 5V SIL
Version: 04
8824185100 STANDEX-8824185100 Datasheet
79Kb / 2P
Reed Relays REED RELAY 1 FORM A SPST-NO, 24V
Version: 01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com