Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3084 Datasheet (PDF) - Adafruit Industries

3084 Datasheet PDF - Adafruit Industries
Part # 3084
Download  3084 Download
File Size   246.28 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Mini Aluminum Heat Sink for Raspberry Pi - 13 x 13 x 3mm

3084 Datasheet (PDF)

Go To PDF Page Download Datasheet
3084 Datasheet PDF - Adafruit Industries

Part # 3084
Download  3084 Click to download

File Size   246.28 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Mini Aluminum Heat Sink for Raspberry Pi - 13 x 13 x 3mm

3084 Datasheet (HTML) - Adafruit Industries




Similar Part No. - 3084

ManufacturerPart #DatasheetDescription
logo
Heyco.
3084 HEYCO-3084 Datasheet
117Kb / 1P
Pry Out Plugs
logo
Abbatron All Rights Res...
3084 ABBATRON-3084 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Keystone Electronics Co...
3084 KEYSTONE-3084 Datasheet
392Kb / 1P
THRU HOLE (THM) & SURFACE MOUNT (SMT) COIN CELL RETAINERS
31-07 20th
logo
List of Unclassifed Man...
3084-E ETC2-3084-E Datasheet
99Kb / 1P
ADJUSTMENT KNOB
3084A ETC2-3084A Datasheet
89Kb / 3P
22 and 24 AWG stranded tinned copper conductors, PVC insulation
More results


Similar Description - 3084

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
AFB0612HC DELTA-AFB0612HC Datasheet
181Kb / 1P
60 x 60 x 13 MM SERIES
logo
Abracon Corporation
APAE1575R1340ABDD6-T ABRACON-APAE1575R1340ABDD6-T Datasheet
2Mb / 3P
1575.42MHZ; 13 x 13 x 4mm GPS Patch Antenna
01.19.14
logo
SparkFun Electronics
PRT-15773 SPARKFUN-PRT-15773 Datasheet
481Kb / 6P
Aluminum Heatsink Case for Raspberry Pi 4 ??Black
11??1??9
PRT-15774 SPARKFUN-PRT-15774 Datasheet
413Kb / 5P
Aluminum Heatsink Case for Raspberry Pi 4 ??Gold
11??2??9
PRT-15893 SPARKFUN-PRT-15893 Datasheet
222Kb / 2P
Aluminum Heatsink Case for Raspberry Pi 4 - Red
1????0
PRT-15894 SPARKFUN-PRT-15894 Datasheet
228Kb / 2P
Aluminum Heatsink Case for Raspberry Pi 4 - Purple
1????0
PRT-15895 SPARKFUN-PRT-15895 Datasheet
229Kb / 2P
Aluminum Heatsink Case for Raspberry Pi 4 - Green
1????0
PRT-15896 SPARKFUN-PRT-15896 Datasheet
221Kb / 2P
Aluminum Heatsink Case for Raspberry Pi 4 - Blue
1????0
logo
List of Unclassifed Man...
RASPBERRY-PI3-CASE ETC-RASPBERRY-PI3-CASE Datasheet
215Kb / 1P
Raspberry Pi Enclosure For the Raspberry Pi 3 Model B
logo
Abracon Corporation
APAE1590R1340AKDB2-T ABRACON-APAE1590R1340AKDB2-T Datasheet
1Mb / 3P
1575.42MHZ/1598~1606MHz, 13 x 13 x 4mm GPSGLONASS Patch Antenna
02.08.16
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com