Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7148 Datasheet (PDF) - Analog Devices

AD7148 Datasheet PDF - Analog Devices
Part # AD7148
Download  AD7148 Download
File Size   1242.7 Kbytes
Page   56 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Programmable Touch Controller for Single Electrode Capacitance Sensors

AD7148 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7148 Datasheet PDF - Analog Devices

Part # AD7148
Download  AD7148 Click to download

File Size   1242.7 Kbytes
Page   56 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Programmable Touch Controller for Single Electrode Capacitance Sensors

AD7148 Datasheet (HTML) - Analog Devices


AD7148 Product details

GENERAL DESCRIPTION
The AD7148 is designed for use with capacitance sensors implementing functions such as buttons, scroll bars, and wheels. The sensors need only one PCB layer, enabling ultrathin applications.

FEATURES
   Programmable capacitance-to-digital converter (CDC)
      Femtofarad (fF) resolution
      8 capacitance sensor inputs
      25 ms update rate, all 8 sensor inputs
      No external RC components required
      Automatic conversion sequencer
   On-chip automatic calibration logic
      Automatic compensation for environmental changes
      Automatic adaptive threshold and sensitivity levels
   Register map compatible with AD7143
   On-chip RAM to store calibration data
   I2C-compatible serial interface
   Separate VDRIVE level for serial interface
   Interrupt output
   16-lead, 4 mm × 4 mm LFCSP
   2.6 V to 3.3 V supply voltage
   Low operating current
      Full power mode: 1 mA
      Low power mode: 21.5 μA
  
APPLICATIONS
   Cell phones
   Personal music and multimedia players
   Smart handheld devices
   Television, A/V, and remote controls
   Gaming consoles
   Digital still cameras




Similar Part No. - AD7148

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7142 AD-AD7142 Datasheet
1Mb / 68P
Programmable Capacitance-to-Digital Converter with Environmental Compensation
6/06-Revision 0
AD7142 AD-AD7142 Datasheet
844Kb / 73P
Programmable Controller for Capacitance Touch Sensors
REV. A
AD7142 AD-AD7142 Datasheet
1Mb / 70P
Programmable Controller for Capacitance Touch Sensors
Rev. B
AD7142ACPZ-1500RL7 AD-AD7142ACPZ-1500RL7 Datasheet
1Mb / 70P
Programmable Controller for Capacitance Touch Sensors
Rev. B
AD7142ACPZ-1500RL71 AD-AD7142ACPZ-1500RL71 Datasheet
844Kb / 73P
Programmable Controller for Capacitance Touch Sensors
REV. A
More results


Similar Description - AD7148

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7143 AD-AD7143 Datasheet
1,006Kb / 56P
Programmable Controller for Capacitance Touch Sensors
REV. 0
AD7147 AD-AD7147 Datasheet
1Mb / 68P
CapTouch??Programmable Controller for Single-Electrode Capacitance Sensors
09/07-Revision 0
AD7142ACPZ-500RL7 AD-AD7142ACPZ-500RL7 Datasheet
844Kb / 73P
Programmable Controller for Capacitance Touch Sensors
REV. A
AD7142 AD-AD7142_15 Datasheet
958Kb / 73P
Programmable Controller for Capacitance Touch Sensors
REV. A
AD7143 AD-AD7143_15 Datasheet
784Kb / 57P
Programmable Controller for Capacitance Touch Sensors
REV. 0
AD7147 AD-AD7147_15 Datasheet
889Kb / 73P
CapTouch Programmable Controller for Single-Electrode Capacitance Sensors
REV. D
logo
Texas Instruments
TSC2301 TI1-TSC2301_15 Datasheet
1Mb / 94P
PROGRAMMABLE TOUCH SCREEN CONTROLLER
logo
Analog Devices
AD7142 AD-AD7142_17 Datasheet
1Mb / 70P
Programmable Controller for Capacitance Touch Sensors
Rev. B
AD7143 AD-AD7143_17 Datasheet
589Kb / 57P
Programmable Controller for Capacitance Touch Sensors
Rev. 0
logo
ON Semiconductor
LC717A30UR ONSEMI-LC717A30UR Datasheet
241Kb / 14P
Capacitance?륞igital?륝onverter LSI for Electrostatic Capacitive Touch Sensors
November, 2018 ??Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com