Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3165 Datasheet (PDF) - Adafruit Industries

3165 Datasheet PDF - Adafruit Industries
Part # 3165
Download  3165 Download
File Size   151.55 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Silicone Cover Stranded-Core Wire - 50ft 30AWG Red

3165 Datasheet (PDF)

Go To PDF Page Download Datasheet
3165 Datasheet PDF - Adafruit Industries

Part # 3165
Download  3165 Click to download

File Size   151.55 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Silicone Cover Stranded-Core Wire - 50ft 30AWG Red

3165 Datasheet (HTML) - Adafruit Industries




Similar Part No. - 3165

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3165 ETC2-3165 Datasheet
113Kb / 2P
FLAT WASHERS NYLON FIBRE
logo
KR Electronics, Inc.
3165 KR-3165 Datasheet
57Kb / 3P
189 MHz Bandpass Filter
logo
List of Unclassifed Man...
3165 ETC2-3165 Datasheet
68Kb / 1P
WASHERS
logo
Heyco.
3165 HEYCO-3165 Datasheet
120Kb / 1P
Nylon Locknuts
logo
Keystone Electronics Co...
3165 KEYSTONE-3165 Datasheet
423Kb / 1P
WASHERS
31-07 20th
More results


Similar Description - 3165

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
114A ETC2-114A Datasheet
56Kb / 2P
Silicone Insulated Equipment Wire
BU-2929-M-20-0 ETC2-BU-2929-M-20-0 Datasheet
56Kb / 1P
Testlead, 4mm Stackable Bananas on Silicone Wire
BU-2929-M-39-0 ETC2-BU-2929-M-39-0 Datasheet
56Kb / 1P
Testlead, 4mm Stackable Bananas on Silicone Wire
BU-2929-M-72-0 ETC2-BU-2929-M-72-0 Datasheet
56Kb / 1P
Testlead, 4mm Stackable Bananas on Silicone Wire
WI-M-18-0 ETC2-WI-M-18-0 Datasheet
84Kb / 1P
18AWG Silicone Wire Specifications
PP001104 ETC2-PP001104 Datasheet
281Kb / 3P
High Temperature Silicone Wire SIAF/GL
logo
Japan Aviation Electron...
IL-Y-C3-A-10000 JAE-IL-Y-C3-A-10000 Datasheet
127Kb / 1P
APPLICABLE WIRE:#26~$30AWG, STRANDED
logo
Molex Electronics Ltd.
0349961902 MOLEX1-0349961902 Datasheet
48Kb / 1P
MXP120 Cavity Plug Seal, Silicone, Rust Red
logo
SparkFun Electronics
PRT-08865 SPARKFUN-PRT-08865 Datasheet
97Kb / 1P
Hook-up Stranded Wire - Red (22 AWG)
3/28/2017
TOL-14762 SPARKFUN-TOL-14762 Datasheet
912Kb / 2P
Wire Strippers - 22-30AWG
9??7??8
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com