Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3238 Datasheet (PDF) - Adafruit Industries

3238 Datasheet PDF - Adafruit Industries
Part # 3238
Download  3238 Download
File Size   102.49 Kbytes
Page   1 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description 802.3af PoE Output Data & Power Splitter - 12V 1A

3238 Datasheet (PDF)

Go To PDF Page Download Datasheet
3238 Datasheet PDF - Adafruit Industries

Part # 3238
Download  3238 Click to download

File Size   102.49 Kbytes
Page   1 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description 802.3af PoE Output Data & Power Splitter - 12V 1A

3238 Datasheet (HTML) - Adafruit Industries




Similar Part No. - 3238

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
3238 ASM-SENSOR-3238 Datasheet
3Mb / 8P
DIGITAL HiTESTER
logo
List of Unclassifed Man...
3238 ETC2-3238 Datasheet
92Kb / 2P
WASHERS AND NUTS
logo
Heyco.
3238 HEYCO-3238 Datasheet
233Kb / 1P
Heyco® Original Series-35 Liquid Tight Cordgrips
logo
Peregrine Semiconductor...
3238-00 PEREGRINE-3238-00 Datasheet
273Kb / 15P
1500 MHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
3238-21 PEREGRINE-3238-21 Datasheet
273Kb / 15P
1500 MHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
More results


Similar Description - 3238

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2376-H TI-TPS2376-H Datasheet
590Kb / 22P
IEEE 802.3af PoE HIGH POWER PD CONTROLLER
logo
Level One
POS-1001 LVL1-POS-1001 Datasheet
559Kb / 3P
5-12V DC Gigabit PoE Splitter
POS-1002 LVL1-POS-1002 Datasheet
707Kb / 3P
5-12V DC PoE Splitter
POS-3000 LVL1-POS-3000 Datasheet
632Kb / 3P
5-12V DC Gigabit PoE-Plus Splitter
POS-4000 LVL1-POS-4000 Datasheet
1Mb / 3P
High Power PoE Splitter 12V
POS-4001 LVL1-POS-4001 Datasheet
473Kb / 2P
Outdoor High Power PoE Splitter (12V)
logo
Red Lion Controls. Inc
100_POE_SPL REDLION-100_POE_SPL Datasheet
357Kb / 2P
PoE Splitter
logo
Murata Manufacturing Co...
MPD7K046S MURATA-MPD7K046S Datasheet
543Kb / 5P
12V main output and 5V,1A Aux output
logo
Shaanxi Reactor Micro...
RM6322D REACTOR-RM6322D Datasheet
292Kb / 3P
12V/1A power adapter application
logo
Coolgear Inc.
CG-POEIJ12V COOLGEAR-CG-POEIJ12V Datasheet
367Kb / 1P
Gigabit IEEE 802.3af/at PoE Injector (12v)
5/03/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com