Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1201358 Datasheet (PDF) - PHOENIX CONTACT

1201358 Datasheet PDF - PHOENIX CONTACT
Part # 1201358
Download  1201358 Download
File Size   227.83 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description NS 32 CU/35QMM UNPERF 2000MM-VPE 10 - DIN rail, unperforated

1201358 Datasheet (PDF)

Go To PDF Page Download Datasheet
1201358 Datasheet PDF - PHOENIX CONTACT

Part # 1201358
Download  1201358 Click to download

File Size   227.83 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description NS 32 CU/35QMM UNPERF 2000MM-VPE 10 - DIN rail, unperforated

1201358 Datasheet (HTML) - PHOENIX CONTACT


1201358 Product details

DIN rail, unperforated, Pack of 10 (20 m), acc. to EN 60715, material: Copper, uncoated, G
profile, color: copper-colored




Similar Part No. - 1201358

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
12013 POWERDYNAMICS-12013 Datasheet
56Kb / 1P
EUROPEAN CORD SET; 250cm LONG CEE 7/7 R/A TO IEC 60320 C13
logo
Aries Electronics, Inc.
12013 ARIES-12013 Datasheet
543Kb / 1P
Series 0513 Pin-Line??Socket Strips w/Collet Contacts & Solder Pin Tails
logo
Evolt
12013 EKTOR-12013 Datasheet
306Kb / 3P
HOVER CORE
3rd of February 2025 04:55:40
logo
Weidmuller
1201300000 WEIDMULLER-1201300000 Datasheet
31Mb / 340P
HDC-KIT-HA 03.300
logo
PHOENIX CONTACT
1201336 PHOENIX-1201336 Datasheet
449Kb / 14P
WMS 12,7 (EX20)R - Shrink sleeve
Oct 17, 2023,
More results


Similar Description - 1201358

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0205200000 WEIDMULLER-0205200000 Datasheet
487Kb / 1P
Cable Lug 32/35 mm DIN-Rail Terminals
logo
PHOENIX CONTACT
2906364 PHOENIX-2906364 Datasheet
45Kb / 2P
Foot element, for mounting on DIN rail NS 32 or DIN rail NS 35/7.5, can be inserted between basic and side element, packing unit: 500
2955564 PHOENIX-2955564 Datasheet
123Kb / 4P
Base element with snap-on foot, for mounting on NS 32 or NS 35/7.5 DIN rail, with ribs, L = 35 mm
2956660 PHOENIX-2956660 Datasheet
50Kb / 2P
Base element with snap-on foot, for mounting on NS 32 or NS 35/7.5 DIN rail, without ribs, L = 35mm
2970031 PHOENIX-2970031 Datasheet
84Kb / 3P
Foot element, for mounting on DIN rail NS 32 or DIN rail NS 35/7.5, can be inserted between base and side element
logo
Skynet Electronic Copyr...
SNP-D249 SKYNET-SNP-D249 Datasheet
333Kb / 4P
Din Rail
SNP-D489 SKYNET-SNP-D489 Datasheet
335Kb / 4P
Din Rail
logo
PHOENIX CONTACT
0807012 PHOENIX-0807012 Datasheet
62Kb / 3P
DIN rail perforated - NS 35/ 7,5 PERF 1000MM
09/11/2020
1207658 PHOENIX-1207658 Datasheet
66Kb / 3P
DIN rail perforated - NS 35/15 PERF 1000MM
09/11/2020
0402006 PHOENIX-0402006 Datasheet
45Kb / 2P
Neutral busbar - NLS-CU 3/10 SN 2000MM
14.05.2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com