Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SCR579D3 Datasheet (PDF) - Rohm

2SCR579D3 Datasheet PDF - Rohm
Part # 2SCR579D3
Download  2SCR579D3 Download
File Size   1568.95 Kbytes
Page   9 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description NPN 1.5A 160V Power Transistor

2SCR579D3 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SCR579D3 Datasheet PDF - Rohm

Part # 2SCR579D3
Download  2SCR579D3 Click to download

File Size   1568.95 Kbytes
Page   9 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description NPN 1.5A 160V Power Transistor

2SCR579D3 Datasheet (HTML) - Rohm


2SCR579D3 Product details

lFeatures
1) Suitable for Power Driver.
2) Complementary PNP Types : 2SAR579D3
3) Low VCE(sat)
VCE(sat)=400mV(Max.).
(IC/IB=1A/100mA)

lApplication
LOW FREQUENCY AMPLIFIER




Similar Part No. - 2SCR579D3

ManufacturerPart #DatasheetDescription
logo
Rohm
2SCR579D3 ROHM-2SCR579D3 Datasheet
1Mb / 9P
NPN 1.5A 160V Power Transistor
20250203 - Rev.001
2SCR579D3FRA ROHM-2SCR579D3FRA Datasheet
1Mb / 9P
NPN 1.5A 160V Power Transistor
20250203 - Rev.002
More results


Similar Description - 2SCR579D3

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SA1011 MOSPEC-2SA1011 Datasheet
109Kb / 3P
POWER TRANSISTORS(1.5A,160V,25W)
logo
Rohm
2SD2211 ROHM-2SD2211 Datasheet
138Kb / 4P
Power Transistor (160V , 1.5A)
2SB1275 ROHM-2SB1275 Datasheet
84Kb / 4P
Power Transistor (-160V , -1.5A)
2SB1275 ROHM-2SB1275_09 Datasheet
175Kb / 4P
Power Transistor (-160V, -1.5A)
2SD1918 ROHM-2SD1918_09 Datasheet
170Kb / 3P
Power Transistor (160V , 1.5A)
2SD1918 ROHM-2SD1918_10 Datasheet
149Kb / 3P
Power Transistor (160V , 1.5A)
logo
Sanyo Semicon Device
2SA1507 SANYO-2SA1507_12 Datasheet
437Kb / 7P
160V / 1.5A Switching Applications
logo
Rohm
2SD1918TLQ ROHM-2SD1918TLQ Datasheet
110Kb / 3P
Power Transistor (160V , 1.5A)
2SB1275 ROHM-2SB1275_13 Datasheet
471Kb / 7P
PNP -1.5A -160V Middle Power Transistor
logo
Diodes Incorporated
DXT5551 DIODES-DXT5551_17 Datasheet
372Kb / 6P
160V NPN TRANSISTOR
Rev 4
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com