Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTSR1260 Datasheet (PDF) - Shenzhen Luguang Electronic Technology Co., Ltd

MTSR1260 Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd
Part # MTSR1260
Download  MTSR1260 Download
File Size   1277.12 Kbytes
Page   4 Pages
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description Super-Fast Recovery Diodes 12A FRD Pt

MTSR1260 Datasheet (PDF)

Go To PDF Page Download Datasheet
MTSR1260 Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd

Part # MTSR1260
Download  MTSR1260 Click to download

File Size   1277.12 Kbytes
Page   4 Pages
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description Super-Fast Recovery Diodes 12A FRD Pt

MTSR1260 Datasheet (HTML) - Shenzhen Luguang Electronic Technology Co., Ltd


MTSR1260 Product details

Features
● Adopt FRD chip
● Low forward Voltage drop
● Fast reverse recovery time
● High frequency operation
● High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
● Guard ring for enhanced ruggedness and long term reliability
Typical Applications
Typical applications are in switching power supplies, converters,
freewheeling diodes, and reverse battery protection.




Similar Part No. - MTSR1260

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
MTSR1260 LUGUANG-MTSR1260 Datasheet
1Mb / 4P
Super-Fast Recovery Diodes 12A FRD Pt
Revision:20230407-P1
MTSR1260F LUGUANG-MTSR1260F Datasheet
1Mb / 4P
Super-Fast Recovery Diodes 12A FRD Pt
Revision:20230407-P1
More results


Similar Description - MTSR1260

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
MUR1640 LUGUANG-MUR1640 Datasheet
1Mb / 3P
Ultra-Fast Recovery Diodes 16A FRD Pt
Revision:20170701-P1
MUR2020CT LUGUANG-MUR2020CT Datasheet
2Mb / 4P
Super-Fast Recovery Diodes 20A FRD Pt
Revision:20170701-P1
MUR860D LUGUANG-MUR860D Datasheet
2Mb / 4P
Super-Fast Recovery Diodes 8A FRD Pt
Revision:20170701-P1
MSTR1260 LUGUANG-MSTR1260 Datasheet
1Mb / 4P
Super-Fast Recovery Diodes 12A FRD Pt
Revision:20230407-P1
MTSR15120 LUGUANG-MTSR15120 Datasheet
1Mb / 4P
Super-Fast Recovery Diodes 15A FRD Pt
Revision:20170701-P1
MTSR1560 LUGUANG-MTSR1560 Datasheet
2Mb / 4P
Super-Fast Recovery Diodes 15A FRD Pt
Revision:20170701-P1
MTSR30120 LUGUANG-MTSR30120 Datasheet
1Mb / 4P
Super-Fast Recovery Diodes 30A FRD Pt
Revision:20170701-P1
MTSR3060 LUGUANG-MTSR3060 Datasheet
1Mb / 3P
Super-Fast Recovery Diodes 30A FRD Pt
Revision:20170701-P1
MTSR860 LUGUANG-MTSR860 Datasheet
867Kb / 4P
Super-Fast Recovery Diodes 8A FRD Pt
Revision:20220701-P1
MUR2060 LUGUANG-MUR2060 Datasheet
1Mb / 4P
Super-Fast Recovery Diodes 20A FRD Pt
Revision:20220701-P1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com