Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CUPE002A612 Datasheet (PDF) - Comus International

CUPE002A612 Datasheet PDF - Comus International
Part # CUPE002A612
Download  CUPE002A612 Download
File Size   312.05 Kbytes
Page   1 Pages
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International
Description Magnetic Reed Relay - Two pole - Form A - Mercury Wetted

CUPE002A612 Datasheet (PDF)

Go To PDF Page Download Datasheet
CUPE002A612 Datasheet PDF - Comus International

Part # CUPE002A612
Download  CUPE002A612 Click to download

File Size   312.05 Kbytes
Page   1 Pages
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International
Description Magnetic Reed Relay - Two pole - Form A - Mercury Wetted

CUPE002A612 Datasheet (HTML) - Comus International


CUPE002A612 Product details

FEATURES
• Resistant to Ambient Environmental Conditions
• Material : Plastic
• Mechanical Stress Resistant
• Antivibration Feature
• Magnetic Shield




Similar Part No. - CUPE002A612

ManufacturerPart #DatasheetDescription
logo
Macromatic Industrial C...
CUP01A22 MACROMATIC-CUP01A22 Datasheet
237Kb / 3P
SOCKETS & ACCESSORIES
3/14
CUP01A28 MACROMATIC-CUP01A28 Datasheet
237Kb / 3P
SOCKETS & ACCESSORIES
3/14
CUP01A62 MACROMATIC-CUP01A62 Datasheet
237Kb / 3P
SOCKETS & ACCESSORIES
3/14
CUP01A68 MACROMATIC-CUP01A68 Datasheet
237Kb / 3P
SOCKETS & ACCESSORIES
3/14
CUP05A22 MACROMATIC-CUP05A22 Datasheet
237Kb / 3P
SOCKETS & ACCESSORIES
3/14
More results


Similar Description - CUPE002A612

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
50W-1A11 DBLECTRO-50W-1A11 Datasheet
984Kb / 2P
MERCURY WETTED RELAYS FOR MOUNTING ON P.C. BOARDS.
60W-1E10 DBLECTRO-60W-1E10 Datasheet
846Kb / 2P
MERCURY WETTED RELAYS FOR MOUNTING ON P.C. BOARDS.
logo
celduc-relais
F72C CELDUC-F72C Datasheet
144Kb / 2P
REED RELAY / 2 CHANGE OVER MERCURY CONTACTS
F81A CELDUC-F81A Datasheet
137Kb / 2P
REED RELAY / MERCURY CONTACT
R072 CELDUC-R072 Datasheet
91Kb / 2P
REED RELAY / 2 CHANGE OVER MERCURY CONTACTS
R0861 CELDUC-R0861 Datasheet
147Kb / 2P
REED RELAY / 1 CHANGE OVER MERCURY CONTACT
logo
IXYS Corporation
LCA210 IXYS-LCA210 Datasheet
122Kb / 7P
Dual-Pole, 2-Form-A OptoMOS Relay
logo
Tyco Electronics
159-117G00 MACOM-159-117G00 Datasheet
294Kb / 6P
Mercury-Wetted Reed Relays
logo
List of Unclassifed Man...
SMRR1-5-150C ETC2-SMRR1-5-150C Datasheet
2Mb / 3P
REED RELAY, 1 FORM A
logo
Standex Electronics, In...
8824185100 STANDEX-8824185100 Datasheet
79Kb / 2P
Reed Relays REED RELAY 1 FORM A SPST-NO, 24V
Version: 01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com