Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

217841 Datasheet (PDF) - Molex Electronics Ltd.

217841 Datasheet PDF - Molex Electronics Ltd.
Part # 217841
Download  217841 Download
File Size   659.04 Kbytes
Page   3 Pages
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.
Description Pre-Crimped Leads

217841 Datasheet (PDF)

Go To PDF Page Download Datasheet
217841 Datasheet PDF - Molex Electronics Ltd.

Part # 217841
Download  217841 Click to download

File Size   659.04 Kbytes
Page   3 Pages
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.
Description Pre-Crimped Leads

217841 Datasheet (HTML) - Molex Electronics Ltd.


217841 Product details

Molex’s range of pre-crimped leads offers a
simple, cost-effective solution for prototyping,
pre-production and mass production requirements.
These leads are offered in female-to-female and
male-to-male configurations in lengths of
75.00 to 600.00mm




Similar Part No. - 217841

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
217841 MOLEX-217841 Datasheet
659Kb / 3P
Pre-Crimped Leads
2022.07 Rev. 13
2178411121 MOLEX-2178411121 Datasheet
76Kb / 1P
MIZU-P25 F-S 300MM 20 AWG LEAD UL BK Sn
2021/01/19
2178411122 MOLEX-2178411122 Datasheet
76Kb / 1P
MIZU-P25 F-S 300MM 20 AWG LEAD UL BK Sn
2021/01/19
2178411123 MOLEX-2178411123 Datasheet
76Kb / 1P
MIZU-P25 F-S 300MM 20 AWG LEAD UL BK Sn
2021/01/19
2178411124 MOLEX-2178411124 Datasheet
76Kb / 1P
MIZU-P25 F-S 300MM 20 AWG LEAD UL BK Sn
2021/01/19
More results


Similar Description - 217841

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0797580001 MOLEX11-0797580001 Datasheet
119Kb / 1P
PRE-CRIMPED LEADS AMERICAS DISTRIBUTION CHANNEL REV A
logo
Harwin Plc
M30-900009 HARWIN-M30-900009 Datasheet
55Kb / 1P
PRE-CRIMPED CONTACT
M30-9040099 HARWIN-M30-9040099 Datasheet
59Kb / 1P
PRE-CRIMPED CONTACT
M40-9000099 HARWIN-M40-9000099 Datasheet
50Kb / 1P
PRE-CRIMPED CONTACT
M40-9040099 HARWIN-M40-9040099 Datasheet
47Kb / 1P
PRE-CRIMPED CONTACT
M80-9100099 HARWIN-M80-9100099 Datasheet
98Kb / 1P
PRE-CRIMPED CONTACT
M80-9180099 HARWIN-M80-9180099 Datasheet
101Kb / 1P
PRE-CRIMPED CONTACT
logo
Molex Electronics Ltd.
0797582027 MOLEX1-0797582027 Datasheet
40Kb / 1P
Pre-Crimped Lead .062
797580001 MOLEX-797580001 Datasheet
118Kb / 1P
PRE-CRIMPED LEADS AMERICAS DISTRIBUTION CHANNEL REV : A
2010/01/12
PRE-CRIMPED MOLEX-PRE-CRIMPED Datasheet
539Kb / 3P
Pre-Crimped Leads
2019.09
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com