Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B82498F Datasheet (PDF) - EPCOS

B82498F Datasheet PDF - EPCOS
Part # B82498F
Download  B82498F Download
File Size   78.95 Kbytes
Page   7 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SMT Inductors, SIMID Series SIMID 0805-F

B82498F Datasheet (PDF)

Go To PDF Page Download Datasheet
B82498F Datasheet PDF - EPCOS

Part # B82498F
Download  B82498F Click to download

File Size   78.95 Kbytes
Page   7 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SMT Inductors, SIMID Series SIMID 0805-F

B82498F Datasheet (HTML) - EPCOS


B82498F Product details

SMT Inductors, SIMID Series
SIMID 0805–F

Size 0805 (EIA) or 2012 (IEC)
Rated inductance ceramic 2.7nH to 820nH
Rated inductance ferrite 1000nH to 6800nH
Rated current from 90 to 1000 mA

Features
    High resonance frequency
    Close inductance tolerance
    Suitable for reflow (IR and vapor phase) and wave soldering

Applications
    Antenna amplifiers
    DECT systems
    Mobile phones
    Keyless entry
    GPS (Global Positioning System)




Similar Part No. - B82498F

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82498F EPCOS-B82498F Datasheet
172Kb / 10P
SMT inductors
B82498F1102J000 EPCOS-B82498F1102J000 Datasheet
172Kb / 10P
SMT inductors
logo
TDK Electronics
B82498F1102J000 TDK-B82498F1102J000 Datasheet
247Kb / 2P
Inductors (Coils)
logo
EPCOS
B82498F1122J000 EPCOS-B82498F1122J000 Datasheet
172Kb / 10P
SMT inductors
logo
TDK Electronics
B82498F1122J000 TDK-B82498F1122J000 Datasheet
247Kb / 2P
Inductors (Coils)
More results


Similar Description - B82498F

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82499A EPCOS-B82499A Datasheet
58Kb / 4P
SMT Inductors, SIMID Series
B82496-A EPCOS-B82496-A Datasheet
57Kb / 4P
SMT Inductors, SIMID Series
B82496-C EPCOS-B82496-C Datasheet
130Kb / 6P
SMT Inductors, SIMID Series
B82494-A1100-K EPCOS-B82494-A1100-K Datasheet
62Kb / 5P
SMT Inductors, SIMID Series
B32496-C EPCOS-B32496-C Datasheet
74Kb / 6P
SMT Inductors, SIMID Series SIMID 0603-C
B82496C3109 EPCOS-B82496C3109 Datasheet
125Kb / 8P
SMT inductors, SIMID series
B82498F3820J EPCOS-B82498F3820J Datasheet
490Kb / 10P
SIMID series, SIMID 0805-F
B82496C3159A EPCOS-B82496C3159A Datasheet
81Kb / 6P
SMT Inductors, SIMID Series
B82422H1223K EPCOS-B82422H1223K Datasheet
276Kb / 5P
SMT Inductors, SIMID Series SIMID 1210?묱
B82422H1474K EPCOS-B82422H1474K Datasheet
484Kb / 8P
SMT inductors SIMID series, SIMID 1210-H
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com