Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75ALS191 Datasheet (PDF) - Texas Instruments

SN75ALS191 Datasheet PDF - Texas Instruments
Part # SN75ALS191
Download  SN75ALS191 Download
File Size   1009.35 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN75ALS191 Dual Differential Line Driver

SN75ALS191 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN75ALS191 Datasheet PDF - Texas Instruments

Part # SN75ALS191
Download  SN75ALS191 Click to download

File Size   1009.35 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN75ALS191 Dual Differential Line Driver

SN75ALS191 Datasheet (HTML) - Texas Instruments


SN75ALS191 Product details

1 Features
• Meets or exceeds the requirements of ANSI
standard EIA/TIA-422-B and ITU recommendation
V.11
• Designed to operate at 20 Mbaud or higher
• TTL-and CMOS-input compatibility
• Single 5V supply operation
• Output short-circuit protection
• Improved replacement for the μA9638

2 Applications
• Factory automation
• ATM and cash counters
• Smart grid
• AC and servo motor drives

3 Description
The SN75ALS191 is a dual, high-speed, differential
line driver designed to meet ANSI Standard EIA/
TIA-422-B and ITU Recommendation V.11. The inputs
are TTL- and CMOS-compatible and have input clamp
diodes. Schottky-diode-clamped transistors minimize
propagation delay time. This device operates from a
single 5V power supply and is supplied in eight-pin
packages.
The SN75ALS191 is characterized for operation from
0°C to 70°C.




Similar Part No. - SN75ALS191

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS191 TI-SN75ALS191 Datasheet
76Kb / 5P
DUAL DIFFERENTIAL LINE DRIVER
SN75ALS191 TI-SN75ALS191 Datasheet
652Kb / 14P
DUAL DIFFERENTIAL LINE DRIVER
SN75ALS191 TI-SN75ALS191 Datasheet
1Mb / 15P
DUAL DIFFERENTIAL LINE DRIVER
SN75ALS191D TI-SN75ALS191D Datasheet
76Kb / 5P
DUAL DIFFERENTIAL LINE DRIVER
SN75ALS191D TI-SN75ALS191D Datasheet
652Kb / 14P
DUAL DIFFERENTIAL LINE DRIVER
More results


Similar Description - SN75ALS191

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS7830 NSC-DS7830 Datasheet
181Kb / 7P
Dual Differential Line Driver
logo
Texas Instruments
SN75158 TI-SN75158 Datasheet
122Kb / 8P
DUAL DIFFERENTIAL LINE DRIVER
SN75ALS191 TI-SN75ALS191 Datasheet
76Kb / 5P
DUAL DIFFERENTIAL LINE DRIVER
UA9638C TI-UA9638C Datasheet
78Kb / 5P
DUAL HIGH-SPEED DIFFERENTIAL LINE DRIVER
logo
Fairchild Semiconductor
MM88C29 FAIRCHILD-MM88C29 Datasheet
101Kb / 8P
Quad Single-Ended Line Driver . Dual Differential Line Driver
logo
Intersil Corporation
ISL1532 INTERSIL-ISL1532 Datasheet
58Kb / 2P
Dual Channel Differential DSL Line Driver
October 10, 2006
logo
Texas Instruments
SN75158 TI-SN75158_07 Datasheet
436Kb / 16P
DUAL DIFFERENTIAL LINE DRIVER
SN75ALS191DE4 TI-SN75ALS191DE4 Datasheet
652Kb / 14P
DUAL DIFFERENTIAL LINE DRIVER
THS6022 TI1-THS6022_16 Datasheet
1Mb / 44P
250-mA DUAL DIFFERENTIAL LINE DRIVER
SN75ALS191 TI-SN75ALS191_V01 Datasheet
1Mb / 15P
DUAL DIFFERENTIAL LINE DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com