Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75DP118 Datasheet (PDF) - Texas Instruments

SN75DP118 Datasheet PDF - Texas Instruments
Part # SN75DP118
Download  SN75DP118 Download
File Size   1006.17 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DisplayPort 1:1 Buffer

SN75DP118 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN75DP118 Datasheet PDF - Texas Instruments

Part # SN75DP118
Download  SN75DP118 Click to download

File Size   1006.17 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DisplayPort 1:1 Buffer

SN75DP118 Datasheet (HTML) - Texas Instruments


SN75DP118 Product details

1FEATURES
· Supports Data Rates up to 2.7 Gbps
· Supports Dual-Mode DisplayPort
· Output Waveform Mimics Input Waveform
Characteristics
· Enhanced ESD: 12 KV on all pins
· Enhanced Commercial Temperature Range:
0°C to 85°C
· 36 Pin 6 × 6 QFN Package

APPLICATIONS
· Personal Computer Market
– Desktop PC
– Notebook PC
– Docking Station
– Standalone Video Card

DESCRIPTION
The SN75DP118 is a one Dual-Mode DisplayPort input to one Dual-Mode DisplayPort output. The output follows
the input signal in a manner that provides the highest level of signal integrity while supporting the EMI benefits of
spread spectrum clocking. The SN75DP118 data rates of up to 2.7 Gbps through each link for a total throughput
of up to 10.8 Gbps can be realized.
In addition to the DisplayPort high speed signal lines, the SN75DP118 also supports the Hot Plug Detect (HPD)
and Cable Adapter Detect (CAD) channels.
The SN75DP118 is characterized for operation over ambient air temperature of 0°C to 85°C.




Similar Part No. - SN75DP118

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75DP118 TI-SN75DP118 Datasheet
540Kb / 15P
DisplayPort 1:1 Repeater
SN75DP118RHHR TI-SN75DP118RHHR Datasheet
540Kb / 15P
DisplayPort 1:1 Repeater
SN75DP118RHHR TI-SN75DP118RHHR Datasheet
717Kb / 18P
DisplayPort 1:1 Repeater
SN75DP118RHHRG4 TI-SN75DP118RHHRG4 Datasheet
717Kb / 18P
DisplayPort 1:1 Repeater
SN75DP118RHHT TI-SN75DP118RHHT Datasheet
540Kb / 15P
DisplayPort 1:1 Repeater
More results


Similar Description - SN75DP118

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75DP128 TI-SN75DP128 Datasheet
674Kb / 25P
DisplayPort 1:2 Switch
SN75DP118 TI-SN75DP118 Datasheet
540Kb / 15P
DisplayPort 1:1 Repeater
SN75DP118 TI-SN75DP118_1 Datasheet
717Kb / 18P
DisplayPort 1:1 Repeater
SN75DP128A TI-SN75DP128A Datasheet
739Kb / 26P
DisplayPort 1:2 Switch
SN75DP120 TI-SN75DP120 Datasheet
1Mb / 27P
DisplayPort 1:1 Dual-Mode Repeater
logo
NXP Semiconductors
CBTL06DP211 NXP-CBTL06DP211 Datasheet
153Kb / 18P
DisplayPort Gen1 2 : 1 multiplexer
Rev. 1-21 February 2011
CBTL04DP211 PHILIPS-CBTL04DP211 Datasheet
465Kb / 17P
DisplayPort 2 : 1 multiplexer
Rev. 1-30 March 2011
CBTL04DP211BS-518 NXP-CBTL04DP211BS-518 Datasheet
256Kb / 18P
DisplayPort 2 : 1 multiplexer
Rev. 2-13 April 2012
logo
Pericom Semiconductor C...
PI2EQXDP101-A PERICOM-PI2EQXDP101-A Datasheet
828Kb / 11P
1 to 1 DisplayPort ReDriver
logo
Texas Instruments
SN75DP119 TI1-SN75DP119_14 Datasheet
1Mb / 28P
DisplayPort 1:1 Signal Repeater and Signal Conditioner
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com