Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5122 Datasheet (PDF) - Texas Instruments

TAS5122 Datasheet PDF - Texas Instruments
Part # TAS5122
Download  TAS5122 Download
File Size   1030.06 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 30-W STEREO DIGITAL AMPLIFIER POWER STAGE

TAS5122 Datasheet (PDF)

Go To PDF Page Download Datasheet
TAS5122 Datasheet PDF - Texas Instruments

Part # TAS5122
Download  TAS5122 Click to download

File Size   1030.06 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 30-W STEREO DIGITAL AMPLIFIER POWER STAGE

TAS5122 Datasheet (HTML) - Texas Instruments


TAS5122 Product details

FEATURES
2 × 30 W (BTL) Into 6 Ω at 1 kHz
95-dB Dynamic Range (in System With
TAS5026)
< 0.2% THD+N (in System – 30 W RMS Into
6-Ω Resistive Load)
Device Power Efficiency Typical >90% Into
6-Ω Load
Self-Protection Design (Including
Undervoltage, Overtemperature, and Short
Conditions) With Error Reports
Internal Gate Drive Supply Voltage Regulator
EMI Compliant When Used With
Recommended System Design

APPLICATIONS
DVD Receiver
Home Theatre
Mini/Micro Component Systems
Internet Music Appliance

DESCRIPTION
The TAS5122 is a high-performance, integrated stereo
digital amplifier power stage designed to drive 6-Ω
speakers at up to 30 W per channel. The device
incorporates TI’s PurePath Digital technology and is
used with a digital audio PWM processor (TAS50XX) and
a simple, passive demodulation filter to deliver
high-quality, high-efficiency, true-digital audio
amplification.
The efficiency of this digital amplifier is typically greater
than 90%. Overcurrent protection, overtemperature
protection, and undervoltage protection are built into the
TAS5122, safeguarding the device and speakers against
fault conditions that could damage the system.




Similar Part No. - TAS5122

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5122 TI-TAS5122 Datasheet
363Kb / 20P
30W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5122 TI-TAS5122 Datasheet
555Kb / 22P
30-W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5122 TI-TAS5122 Datasheet
240Kb / 20P
PurePath Digital™ 5.1 Channel Evaluation Module for the TAS5508 Digital Audio PWM processor and TAS5122DCA Digital Amplifier Power Output Stage in Both Bridge-Tied-Load and Single-Ended Configuration
October 2004
TAS5122DCA TI-TAS5122DCA Datasheet
363Kb / 20P
30W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5122DCA TI-TAS5122DCA Datasheet
555Kb / 22P
30-W STEREO DIGITAL AMPLIFIER POWER STAGE
More results


Similar Description - TAS5122

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5122 TI-TAS5122_07 Datasheet
555Kb / 22P
30-W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5352 TI-TAS5352 Datasheet
827Kb / 27P
125 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342A TI-TAS5342A Datasheet
851Kb / 27P
100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342LA TI-TAS5342LA Datasheet
840Kb / 27P
100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342 TI1-TAS5342 Datasheet
1Mb / 29P
100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342DDVRG4 TI-TAS5342DDVRG4 Datasheet
974Kb / 29P
100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5122 TI-TAS5122_15 Datasheet
768Kb / 25P
30-W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342A TI1-TAS5342A_13 Datasheet
1Mb / 27P
100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5352 TI1-TAS5352_16 Datasheet
1Mb / 29P
125 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5352A TI1-TAS5352A_12 Datasheet
960Kb / 27P
125 W STEREO DIGITAL AMPLIFIER POWER STAGE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com