Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5622A Datasheet (PDF) - Texas Instruments

TAS5622A Datasheet PDF - Texas Instruments
Part # TAS5622A
Download  TAS5622A Download
File Size   1007.6 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TAS5622A 125-W Stereo and 250-W Stereo PurePath™ HD Digital-Input Class-D Power Stage

TAS5622A Datasheet (PDF)

Go To PDF Page Download Datasheet
TAS5622A Datasheet PDF - Texas Instruments

Part # TAS5622A
Download  TAS5622A Click to download

File Size   1007.6 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TAS5622A 125-W Stereo and 250-W Stereo PurePath™ HD Digital-Input Class-D Power Stage

TAS5622A Datasheet (HTML) - Texas Instruments


TAS5622A Product details

1 Features
1• PurePath™ HD Integrated Feedback Provides:
– 0.025% THD at 1 W into 4 Ω
– > 65-dB PSRR (No Input Signal)
– > 105 dB (A weighted) SNR
• Preclipping Output for Control of a Class-G Power
Supply
• Reduced Heat Sink Size Due to Use of 40mΩ
Output MOSFET With > 90% Efficiency at Full
Output Power
• Output Power at 10%THD+N
– 125-W and 4-Ω BTL Stereo Configuration
– 250-W and 2-Ω PBTL Mono Configuration
• Output Power at 1%THD+N
– 105-W and 4-Ω BTL Stereo Configuration
– 210-W and 2-Ω PBTL Mono Configuration
• Click and Pop Free Start-up
• Error Reporting Self-Protected Design With UVP,
Overtemperature, and Short-Circuit Protection
• EMI Compliant When Used With Recommended
System Design
• 44-Pin HTSSOP (DDV) Package for Reduced
Board Size

2 Applications
• Blu-ray™ and DVD Receivers
• High-Power Sound Bars
• Powered Subwoofer and Active Speakers
• Mini Combo Systems

3 Description
The TAS5622A device is a thermally enhanced
version of the class-D power amplifier based on the TAS5612A using large MOSFETs for improved power
efficiency and a novel gate drive scheme for reduced
losses in idle and at low output signals leading to
reduced heat sink size.
The unique preclipping output signal can be used to
control a class-G power supply. This combined with
the low idle loss and high power efficiency of the
TAS5622A leads to industry-leading levels of efficiency ensuring a super “green” system.
The TAS5622A uses constant voltage gain. The internally matched gain resistors ensure a high Power
Supply Rejection Ratio giving an output voltage only
dependent on the audio input voltage and free from
any power supply artifacts.
The high integration of the TAS5622A makes the
amplifier easy to use; and, using TI’s reference schematics and PCB layouts leads to fast design in
time. The TAS5622A is available in the space-saving,
surface-mount, 44-pin HTSSOP package.




Similar Part No. - TAS5622A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5622A TI1-TAS5622A Datasheet
965Kb / 31P
125-W Stereo / 250-W Stereo PurePath??HD Digital-Input Class-D Power Stage
TAS5622A TI1-TAS5622A Datasheet
3Mb / 33P
TAS5622-TAS5624DDVEVM
TAS5622ADDV TI1-TAS5622ADDV Datasheet
965Kb / 31P
125-W Stereo / 250-W Stereo PurePath??HD Digital-Input Class-D Power Stage
TAS5622ADDV TI1-TAS5622ADDV Datasheet
1Mb / 42P
125-W Stereo and 250-W Stereo PurePath HD Digital-Input Class-D Power Stage
TAS5622ADDVR TI1-TAS5622ADDVR Datasheet
965Kb / 31P
125-W Stereo / 250-W Stereo PurePath??HD Digital-Input Class-D Power Stage
More results


Similar Description - TAS5622A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5612LA TI1-TAS5612LA Datasheet
962Kb / 31P
125-W Stereo / 250-W Mono PurePath??HD Digital-Input Class-D Power Stage
TAS5614LA TI1-TAS5614LA Datasheet
952Kb / 31P
150-W Stereo / 300-W Mono PurePath??HD Digital-Input Class-D Power Stage
TAS5622A TI1-TAS5622A Datasheet
965Kb / 31P
125-W Stereo / 250-W Stereo PurePath??HD Digital-Input Class-D Power Stage
TAS5614LA TI1-TAS5614LA_14 Datasheet
942Kb / 32P
150-W Stereo / 300-W Mono PurePath??HD Digital-Input Class-D Power Stage
TAS5612LA TI-TAS5612LA_15 Datasheet
1Mb / 41P
TAS5612LA 125-W Stereo and 250-W Mono PurePath??HD Digital-Input Class-D Power Stage
TAS5622A TI-TAS5622A_15 Datasheet
1Mb / 42P
TAS5622A 125-W Stereo and 250-W Stereo PurePath??HD Digital-Input Class-D Power Stage
TAS5612LA TI1-TAS5612LA_15 Datasheet
1Mb / 41P
125-W Stereo and 250-W Mono PurePath HD Digital-Input Class-D Power Stage
TAS5614LA TI1-TAS5614LA_15 Datasheet
1Mb / 42P
150-W Stereo and 300-W Mono PurePath HD Digital-Input Class-D Power Stage
TAS5622A TI1-TAS5622A_15 Datasheet
1Mb / 42P
125-W Stereo and 250-W Stereo PurePath HD Digital-Input Class-D Power Stage
TAS5624A TI1-TAS5624A_16 Datasheet
1Mb / 39P
150-W Stereo and 300-W Mono PurePath HD Digital-Input Class-D Power Stage
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com