Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75468 Datasheet (PDF) - Texas Instruments

SN75468 Datasheet PDF - Texas Instruments
Part # SN75468
Download  SN75468 Download
File Size   1062.86 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN7546x Darlington Transistor Arrays

SN75468 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN75468 Datasheet PDF - Texas Instruments

Part # SN75468
Download  SN75468 Click to download

File Size   1062.86 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN7546x Darlington Transistor Arrays

SN75468 Datasheet (HTML) - Texas Instruments


SN75468 Product details

1 Features
1• 500-mA Rated Collector Current (Single Output)
• High-Voltage Output 100 V
• Output Clamp Diodes
• Inputs Compatible With Various Types of Logic
• Relay Driver Applications
• Higher-Voltage Versions of ULN2003A and
ULN2004A, for Commercial Temperature range

2 Applications
• Relay Drivers
• Hammer Drivers
• Lamp Drivers
• Display Drivers (LED and Gas Discharge)
• Line Drivers
• Logic Buffers

3 Description
The SN75468 and SN75469 are high-voltage, high-
current Darlington transistor arrays. Each consists of seven NPN Darlington pairs that feature high-voltage
outputs with common-cathode clamp diodes for
switching inductive loads. The collector-current rating
of each Darlington pair is 500 mA. The Darlington pairs may be paralleled for higher current capability.
Applications include relay drivers, hammer drivers,
lamp drivers, display drivers (LED and gas
discharge), line drivers, and logic buffers.
The SN75468 has a 2700-Ω series base resistor for
each Darlington pair for operation directly with TTL or
5-V CMOS. The SN75469 has a 10.5-kΩ series base
resistor to allow its operation directly with CMOS or PMOS that use supply voltages of 6 to 15 V. The
required input current is below that of the SN75468.




Similar Part No. - SN75468

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75468 TI-SN75468 Datasheet
159Kb / 9P
DARLINGTON TRANSISTOR ARRAYS
SN75468 TI-SN75468 Datasheet
433Kb / 8P
DARLINGTON TRANSISTOR ARRAYS
SN75468D TI-SN75468D Datasheet
159Kb / 9P
DARLINGTON TRANSISTOR ARRAYS
SN75468D TI-SN75468D Datasheet
938Kb / 18P
DARLINGTON TRANSISTOR ARRAYS
SN75468DE4 TI-SN75468DE4 Datasheet
938Kb / 18P
DARLINGTON TRANSISTOR ARRAYS
More results


Similar Description - SN75468

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L601-L603 STMICROELECTRONICS-L601-L603 Datasheet
59Kb / 5P
DARLINGTON ARRAYS
Oct-1991
ULQ2801A STMICROELECTRONICS-ULQ2801A Datasheet
140Kb / 8P
EIGHT DARLINGTON ARRAYS
Apr-1993
logo
Texas Instruments
SN75468 TI-SN75468 Datasheet
159Kb / 9P
DARLINGTON TRANSISTOR ARRAYS
logo
Unisonic Technologies
UTCULN2003 UTC-UTCULN2003 Datasheet
485Kb / 7P
SEVEN DARLINGTON ARRAYS
logo
STMicroelectronics
ULQ2001 STMICROELECTRONICS-ULQ2001 Datasheet
300Kb / 7P
SEVEN DARLINGTON ARRAYS
Feb-2002
logo
Texas Instruments
ULN2003ADR TI-ULN2003ADR Datasheet
164Kb / 9P
DARLINGTON TRANSISTOR ARRAYS
SN75466 TI-SN75466 Datasheet
433Kb / 8P
DARLINGTON TRANSISTOR ARRAYS
logo
STMicroelectronics
L603 STMICROELECTRONICS-L603 Datasheet
63Kb / 4P
DARLINGTON ARRAYS
Sep-2003
logo
Unisonic Technologies
ULN2803 UTC-ULN2803_11 Datasheet
208Kb / 6P
EIGHT DARLINGTON ARRAYS
logo
Texas Instruments
SN75469NE4 TI-SN75469NE4 Datasheet
938Kb / 18P
DARLINGTON TRANSISTOR ARRAYS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com