Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75C3223 Datasheet (PDF) - Texas Instruments

SN75C3223 Datasheet PDF - Texas Instruments
Part # SN75C3223
Download  SN75C3223 Download
File Size   1013.54 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3-V to 5.5-V Single-channel RS-232 1-Mbits Line Driver and Receiver with ±15-kV IEC ESD Protection

SN75C3223 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN75C3223 Datasheet PDF - Texas Instruments

Part # SN75C3223
Download  SN75C3223 Click to download

File Size   1013.54 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3-V to 5.5-V Single-channel RS-232 1-Mbits Line Driver and Receiver with ±15-kV IEC ESD Protection

SN75C3223 Datasheet (HTML) - Texas Instruments


SN75C3223 Product details

1 Features
• ESD Protection for RS-232 pins
– ±15-kV Human-body model (HBM)
– ±8-kV IEC 61000-4-2 Contact discharge
– ±15-kV IEC 61000-4-2 Air-gap discharge
• Operate with 3-V to 5.5-V VCC supply
• Operate up to 1 Mbit/s
• Low Standby Current . . . 1 μA Typical
• External capacitors . . . 4 × 0.1 μF
• Accepts 5-V logic input with 3.3-V supply
• RS-232 Bus-pin esd protection exceeds ±15 kv
using human-body model (HBM)
• Auto-powerdown feature automatically disables
drivers for power savings

2 Applications
• Industrial PCs
• Wired networking
• Data center and enterprise computing
• Battery-powered systems
• PDAs
• Notebooks
• Laptops
• Palmtop PCs
• Hand-held equipment

3 Description
The SN65C3221E and SN75C3221E consist of one
line driver, one line receiver, and a dual charge-pump
circuit with ±15-kV IEC ESD protection pin to pin
(serial-port connection pins, including GND). These
devices provide the electrical interface between
an asynchronous communication controller and the
serial-port connector. The charge pump and four small
external capacitors allow operation from a single
3-V to 5.5-V supply. These devices operate at data
signaling rates up to 1 Mbit/s and a driver output slew
rate of 24 V/μs to 150 V/μs.
Flexible control options for power management are
available when the serial port is inactive. The autopowerdown
feature functions when FORCEON is
low and FORCEOFF is high. During this mode of
operation, if the devices do not sense a valid RS-232
signal on the receiver input, the driver output is
disabled. If FORCEOFF is set low and EN is high,
both the driver and receiver are shut off, and the
supply current is reduced to 1 μA. Disconnecting
the serial port or turning off the peripheral drivers
causes the auto-powerdown condition to occur. Autopowerdown
can be disabled when FORCEON and
FORCEOFF are high. With auto-powerdown enabled,
the device is activated automatically when a valid
signal is applied to the receiver input. The INVALID
output notifies the user if an RS-232 signal is present
at the receiver input. INVALID is high (valid data) if
the receiver input voltage is greater than 2.7 V or less
than –2.7 V, or has been between –0.3 V and 0.3 V
for less than 30 μs. INVALID is low (invalid data) if
the receiver input voltage is between –0.3 V and 0.3 V
for more than 30 μs. See Figure 8-5 for receiver input
levels.




Similar Part No. - SN75C3223

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75C3223 TI-SN75C3223 Datasheet
289Kb / 14P
3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN75C3223 TI-SN75C3223 Datasheet
281Kb / 15P
3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN75C3223 TI-SN75C3223 Datasheet
459Kb / 18P
3-V TO 5.5-V TWO-CHANNEL RS-232 1-MBIT/S LINE DRIVERS/RECEIVERS WITH 짹15-kV IEC ESD PROTECTION
SN75C3223 TI1-SN75C3223 Datasheet
926Kb / 20P
3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN75C3223 TI2-SN75C3223 Datasheet
881Kb / 24P
3-VTO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
REVISED OCTOBER 2004
More results


Similar Description - SN75C3223

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3232 TI-MAX3232 Datasheet
331Kb / 14P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH -15-kV ESD PROTECTION
MAX3221E TI-MAX3221E_06 Datasheet
166Kb / 15P
3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 15-kV IEC ESD PROTECTION
MAX3227E TI-MAX3227E Datasheet
164Kb / 13P
3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3221E TI-TRS3221E Datasheet
344Kb / 16P
3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3221E TI-MAX3221E_07 Datasheet
357Kb / 17P
3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 15-kV IEC ESD PROTECTION
TRS3221E TI-TRS3221E_1 Datasheet
376Kb / 17P
3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3227E TI-TRS3227E Datasheet
350Kb / 15P
3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3221E TI1-TRS3221E_17 Datasheet
574Kb / 18P
3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 15-kV IEC ESD PROTECTION
TRS3221E TI-TRS3221E_V01 Datasheet
883Kb / 19P
3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3221 TI-MAX3221_V01 Datasheet
1Mb / 27P
MAX3221 3-V to 5.5-V RS-232 Line Driver and Receiver With ±15-kV ESD Protection
REVISED JULY 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com