Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS7316 Datasheet (PDF) - Texas Instruments

THS7316 Datasheet PDF - Texas Instruments
Part # THS7316
Download  THS7316 Download
File Size   1048.1 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain

THS7316 Datasheet (PDF)

Go To PDF Page Download Datasheet
THS7316 Datasheet PDF - Texas Instruments

Part # THS7316
Download  THS7316 Click to download

File Size   1048.1 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain

THS7316 Datasheet (HTML) - Texas Instruments


THS7316 Product details

1FEATURES
· 3 HDTV Video Amplifiers for Y'P'BP'R 720p and
1080i, G'B'R' (R'G'B'), VGA/SVGA/XGA
· Integrated Low-Pass Filters
– 5th-Order 36-MHz (–3 dB) Butterworth Filter
– –1 dB Passband Bandwidth at 31 MHz
– 30 dB Attenuation at 74 MHz
· Versatile Input Biasing
– DC-Coupled With 140-mV Input Shift
– AC-Coupled with Sync-Tip Clamp
– Allows AC-Coupled With Biasing
· Built-in 6-dB Gain (2V/V)
· 3-V to 5-V Single Supply Operation
· Rail-to-Rail Output:
– Output Swings Within 100 mV From the
Rails Allowing AC or DC Output Coupling
– Supports Driving 2 Lines per Channel
· Low 18.3-mA at 3.3-V Total Quiescent Current
· Low Differential Gain/Phase of 0.1% / 0.1°
· SOIC-8 Package

APPLICATIONS
· Set Top Box Output Video Buffering
· PVR/DVDR Output Buffering
· USB/Portable Low Power Video Buffering

DESCRIPTION
Fabricated using the Silicon-Germanium (SiGe)
BiCom-III process, the THS7316 is a low power
single-supply 3-V to 5-V, 3-channel integrated video buffer. It incorporates a 5th-order modified
Butterworth filter which is useful as a DAC
reconstruction filter or an ADC anti-aliasing filter. The
36-MHz filter is a perfect choice for HDTV video
which includes Y'P'BP'R 720p/1080i, G'B'R' (R'G'B'),
and VGA/SVGA/XGA signals.
As part of the THS7316 flexibility, the input can be
configured for ac or dc coupled inputs. The DC +
140-mV input offset shift to allow for a full sync
dynamic range at the output with 0-V input. The AC
coupled modes include a transparent sync-tip clamp
option for signals with sync such as Y’ or Green with
sync. AC-coupled biasing for P’B/P’R/Non-sync
channels can be achieved by adding an external
resistor.
The THS7316 is the perfect choice for all output
buffer applications. Its rail-to-rail output stage with
6-dB gain allows for both ac and dc line driving. The
ability to drive 2 video lines per channel, or 75-Ω
loads, allows for maximum flexibility as a video line
driver. The 18.3-mA total quiescent current makes it
an excellent choice for USB powered, portable, or
other power sensitive video applications.
The THS7316 is available in a small SOIC-8 package
that is RoHS compliant.




Similar Part No. - THS7316

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7316 TI-THS7316 Datasheet
813Kb / 28P
3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316 TI-THS7316 Datasheet
859Kb / 30P
3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316 TI1-THS7316 Datasheet
1Mb / 29P
3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316 TI1-THS7316 Datasheet
1Mb / 31P
3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316D TI-THS7316D Datasheet
813Kb / 28P
3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
More results


Similar Description - THS7316

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7314 TI-THS7314 Datasheet
616Kb / 23P
3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316 TI-THS7316 Datasheet
813Kb / 28P
3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316 TI-THS7316_07 Datasheet
859Kb / 30P
3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7315 TI-THS7315 Datasheet
2Mb / 26P
3-Channel SDTV Video Amplifier with 5th-Order Filters and 5.2-V/V Gain
THS7365 TI-THS7365 Datasheet
1Mb / 53P
6-Channel Video Amplifier with 3-SD and 3-HD Sixth-Order Filters and 6-dB Gain
THS7314EVM TI1-THS7314EVM Datasheet
973Kb / 31P
3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314 TI1-THS7314_14 Datasheet
969Kb / 31P
3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316 TI1-THS7316_14 Datasheet
1Mb / 29P
3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314 TI1-THS7314_17 Datasheet
972Kb / 31P
3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316 TI1-THS7316_17 Datasheet
1Mb / 31P
3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com