Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS7360 Datasheet (PDF) - Texas Instruments

THS7360 Datasheet PDF - Texas Instruments
Part # THS7360
Download  THS7360 Download
File Size   1030.07 Kbytes
Page   47 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Filters and High Gain

THS7360 Datasheet (PDF)

Go To PDF Page Download Datasheet
THS7360 Datasheet PDF - Texas Instruments

Part # THS7360
Download  THS7360 Click to download

File Size   1030.07 Kbytes
Page   47 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Filters and High Gain

THS7360 Datasheet (HTML) - Texas Instruments


THS7360 Product details

1FEATURES
2345• Three SDTV Video Amplifiers for CVBS,
S-Video, Y’/P’B/P’R, 480i/576i, Y’U’V’, or G'B'R'
• Three SD/ED/HD/Full-HD Selectable Filters for
Y’/P’B/P’R, G’B’R’, or Computer RGB
• Bypassable Sixth-Order Low-Pass Filters:
– Fixed SD Channels: 9.5-MHz
– Selectable Filter (SF) Channels:
9.2-MHz/17-MHz/35-MHz/70-MHz
• Versatile Input Biasing:
– DC-Coupled with 120-mV Output Shift
– AC-Coupled with Sync-Tip Clamp or Bias
• Gain of 5.6 V/V (SD Channels) and
4.5 V/V (SF Channels)
• +2.7-V to +5-V Single-Supply Operation
• Rail-to-Rail Output:
– Output Swings Within 100 mV from the
Rails: Allows AC or DC Output Coupling
– Supports Driving Two Video Lines/Channel
• Low Total Quiescent Current: 24.5 mA at 3.3 V
• Disabled Supply Current Function: 0.1 mA
• Low Differential Gain/Phase: 0.15%/0.35°
• RoHS-Compliant TSSOP-20 Package

APPLICATIONS
• Set Top Box Output Video Buffering
• PVR/DVDR Output Buffering
• BluRay™ Output Video Buffering

DESCRIPTION
Fabricated using the revolutionary, complementary
Silicon-Germanium (SiGe) BiCom3X process, the
THS7360 is a low-power, single-supply, 2.7-V to 5-V,
six-channel integrated video buffer. It incorporates
three SDTV filter channels and three selectable filter
(SF) channels with SD/ED/HD/Full-HD (also known
as True-HD) HDTV filtering. All filters feature
sixth-order Butterworth characteristics that are useful
as digital-to-analog converter (DAC) reconstruction
filters or as analog-to-digital converter (ADC)
anti-aliasing filters.
The THS7360 also has flexible input coupling
capabilities that can be configured for either ac- or
dc-coupled inputs. The 120-mV output level shift
allows for a full sync dynamic range at the output with
0-V input. The ac-coupled modes include a
transparent sync-tip clamp option for CVBS, Y', and
G'B'R' signals. AC-coupled biasing for C'/P'B/P'R
channels can easily be achieved by adding an
external resistor to VS+.
The THS7360 is an ideal choice for all video buffer
applications. Its rail-to-rail output stage with 5.6-V/V
gain (for SD channels) and 4.5-V/V gain (for SF
channels) allows for both ac and dc line driving. The
ability to drive two lines, or 75-Ω loads, allows for
maximum flexibility as a video line driver. The
24.5-mA total quiescent current at 3.3 V and 0.1 mA
(disabled mode) makes it a good choice for systems
that must meet power-sensitive Energy Star®
standards.
The THS7360 is available in a TSSOP-20 package
that is lead-free and green (RoHS-compliant).




Similar Part No. - THS7360

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7360 TI-THS7360 Datasheet
802Kb / 41P
6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Filters and High Gain
THS7360 TI-THS7360 Datasheet
967Kb / 43P
6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Fiters and High Gain
THS7360IPW TI-THS7360IPW Datasheet
802Kb / 41P
6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Filters and High Gain
THS7360IPW TI-THS7360IPW Datasheet
967Kb / 43P
6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Fiters and High Gain
THS7360IPWR TI-THS7360IPWR Datasheet
802Kb / 41P
6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Filters and High Gain
More results


Similar Description - THS7360

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7365 TI-THS7365 Datasheet
1Mb / 53P
6-Channel Video Amplifier with 3-SD and 3-HD Sixth-Order Filters and 6-dB Gain
THS7368 TI-THS7368 Datasheet
978Kb / 39P
6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Filters and 6-dB Gain
THS7373 TI-THS7373 Datasheet
1Mb / 49P
4-Channel Video Amplifier with 1-SD and 3-HD Sixth-Order Filters and 6-dB Gain
THS7360 TI-THS7360 Datasheet
802Kb / 41P
6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Filters and High Gain
THS7360 TI-THS7360_1 Datasheet
967Kb / 43P
6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Fiters and High Gain
THS7373 TI-THS7373_10 Datasheet
1Mb / 50P
4-Channel Video Amplifier with 1-SD and 3-HD Sixth-Order Filters and 6-dB Gain
THS7364 TI-THS7364_10 Datasheet
1Mb / 47P
6-Channel Video Amplifier with 3 SD and 3 Full-HD Filters with 6-dB Gain
THS7364 TI1-THS7364_14 Datasheet
1Mb / 49P
6-Channel Video Amplifier with 3 SD and 3 Full-HD Filters with 6-dB Gain
THS7368 TI1-THS7368_14 Datasheet
1,010Kb / 41P
6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Filters and 6-dB Gain
logo
3PEAK INC.
TPF134A 3PEAK-TPF134A Datasheet
538Kb / 11P
4-Channel Video Amplifier with 1-SD and 3-HD 6th-order Filters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com