Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS7002 Datasheet (PDF) - Texas Instruments

THS7002 Datasheet PDF - Texas Instruments
Part # THS7002
Download  THS7002 Download
File Size   1054.37 Kbytes
Page   47 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ‘DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS

THS7002 Datasheet (PDF)

Go To PDF Page Download Datasheet
THS7002 Datasheet PDF - Texas Instruments

Part # THS7002
Download  THS7002 Click to download

File Size   1054.37 Kbytes
Page   47 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ‘DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS

THS7002 Datasheet (HTML) - Texas Instruments


THS7002 Product details

ADSL Differential Line Driver and Receiver
Driver Features
− 140 MHz Bandwidth (−3dB) With
25-Ω Load
− 315 MHz Bandwidth (−3dB) With
100-Ω Load
− 1000 V/μs Slew Rate, G = 2
− 400 mA Output Current Minimum Into
25-Ω Load
− −72 dB 3rd Order Harmonic Distortion at
f = 1 MHz, 25-Ω Load, and 20 VO(PP)
Receiver Features
− 330 MHz Bandwidth (−3dB)
− 900 V/μs Slew Rate at G = 2
− −76 dB 3rd Order Harmonic Distortion at
f = 1 MHz, 150-Ω Load, and 20 VO(PP)
Wide Supply Range ±4.5 V to ±16 V
Available in the PowerPAD Package
Improved Replacement for AD816 or
EL1501
Evaluation Module Available

description
The THS6002 contains two high-current, high-speed drivers and two high-speed receivers. These drivers and
receivers can be configured differentially for driving and receiving signals over low-impedance lines. The
THS6002 is ideally suited for asymmetrical digital subscriber line (ADSL) applications where it supports the
high-peak voltage and current requirements of that application. Both the drivers and the receivers are current
feedback amplifiers designed for the high slew rates necessary to support low total harmonic distortion (THD)
in ADSL applications. Separate power supply connections for each driver are provided to minimize crosstalk.




Similar Part No. - THS7002

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7002 TI-THS7002 Datasheet
718Kb / 40P
DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
THS7002 TI-THS7002 Datasheet
597Kb / 32P
70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
THS7002 TI1-THS7002 Datasheet
1Mb / 35P
LOW-POWER ADSL CENTRAL-OFFICE LINE DRIVER
THS7002 TI1-THS7002 Datasheet
1Mb / 44P
250-mA DUAL DIFFERENTIAL LINE DRIVER
THS7002 TI1-THS7002 Datasheet
1Mb / 37P
500-mA DUAL DIFFERENTIAL LINE DRIVER
More results


Similar Description - THS7002

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6002 TI-THS6002 Datasheet
718Kb / 40P
DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167 Datasheet
288Kb / 14P
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
THS6007 TI-THS6007 Datasheet
679Kb / 36P
DUAL DIFFERENTIAL LINE DRIVERS AND LOW-POWER RECEIVERS
SN65C1167 TI-SN65C1167_06 Datasheet
353Kb / 16P
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_07 Datasheet
485Kb / 16P
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_08 Datasheet
514Kb / 16P
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN751177 TI1-SN751177_08 Datasheet
497Kb / 16P
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN751178NSR TI-SN751178NSR Datasheet
497Kb / 16P
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
THS6002 TI1-THS6002_16 Datasheet
1Mb / 46P
DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_V01 Datasheet
921Kb / 26P
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
REVISED NOVEMBER 2009
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com