Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS6072 Datasheet (PDF) - Texas Instruments

THS6072 Datasheet PDF - Texas Instruments
Part # THS6072
Download  THS6072 Download
File Size   996.56 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOW-POWER ADSL CENTRAL-OFFICE LINE DRIVER

THS6072 Datasheet (PDF)

Go To PDF Page Download Datasheet
THS6072 Datasheet PDF - Texas Instruments

Part # THS6072
Download  THS6072 Click to download

File Size   996.56 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOW-POWER ADSL CENTRAL-OFFICE LINE DRIVER

THS6072 Datasheet (HTML) - Texas Instruments


THS6072 Product details

1FEATURES
23• Low-Power ADSL Line Driver Ideal for Central
Office
– 1.35-W Total Power Dissipation for
Full-Rate ADSL Into a 25-Ω Load
• Low-Impedance Shutdown Mode
– Allows Reception of Incoming Signal
During Standby
• Two Modes of Operation
– Class-G Mode: 4 Power Supplies, 1.35 W
Power Dissipation
– Class-AB Mode: 2 Power Supplies, 2 W
Power Dissipation
• Low Distortion
– THD = –62 dBc at f = 1 MHz,
VO(PP) = 20 V, 25-Ω Load
– THD = –69 dBc at f = 1 MHz,
VO(PP) = 2 V, 25-Ω Load
• 400-mA Minimum Output Current Into a 25-Ω
Load
• High-Speed:
– 65-MHz Bandwidth (–3dB) , 25-Ω Load
– 100-MHz Bandwidth (–3dB) , 100-Ω Load
– 1200-V/μs Slew Rate
• Thermal Shutdown and Short-Circuit
Protection
• Evaluation Module Available

DESCRIPTION
The THS6032 is a low-power line driver ideal for asymmetrical digital subscriber line (ADSL) applications. This
device contains two high-current, high-speed current-feedback drivers, which can be configured differentially for
driving ADSL signals at the central office. The THS6032 features a unique class-G architecture to lower power
consumption to 1.35 W. The THS6032 can also be operated in a traditional class-AB mode to reduce the number
of power supplies to two.
The class-G architecture supplies current to the load from four supplies. For low output voltages (typically –2.5 <
VO < +2.5), some of the output current is supplied from the +VCC(L) and –VCC(L) supplies (typically ±5 V). For large
output voltages (typically VO < –2.5 and VO > +2.5), the output current is supplied from +VCC(H) and –VCC(H)
(typically ±15 V). This current sharing between VCC(L) and VCC(H) minimizes power dissipation within the THS6032
output stages for high crest factor ADSL signals.
The THS6032 features a low-impedance shutdown mode, which allows the central office to receive incoming
calls even after the device has been shut down. The THS6032 is available packaged in the patented
PowerPAD ™ package. This package provides outstanding thermal characteristics in a small-footprint
surface-mount package, which is fully compatible with automated surface-mount assembly procedures. It is also
available in the new MicroStar Junior ™ BGA package. This package is only 25 mm2 in area, allowing for
high-density PCB designs.
Shutdown (SHDN1 and SHDN2) allows for powering down the internal circuitry for power conservation or for
multiplexing. Separate shutdown controls are available for each channel on the THS6032. The control levels are
TTL compatible. When turned off, each driver output is placed in a low impedance state which is determined by
the voltage at DGND. This virtual ground at the outputs allows proper termination of a transmission line.




Similar Part No. - THS6072

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6072 TI-THS6072 Datasheet
385Kb / 24P
LOW-POWER ADSL DIFFERENTIAL RECEIVER
logo
National Semiconductor ...
THS6072 NSC-THS6072 Datasheet
971Kb / 31P
LOW-POWER ADSL DIFFERENTIAL RECEIVER
logo
Texas Instruments
THS6072 TI1-THS6072 Datasheet
1Mb / 35P
LOW-POWER ADSL CENTRAL-OFFICE LINE DRIVER
THS6072CD TI-THS6072CD Datasheet
385Kb / 24P
LOW-POWER ADSL DIFFERENTIAL RECEIVER
logo
National Semiconductor ...
THS6072CD NSC-THS6072CD Datasheet
971Kb / 31P
LOW-POWER ADSL DIFFERENTIAL RECEIVER
More results


Similar Description - THS6072

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6032 TI-THS6032 Datasheet
496Kb / 31P
LOW-POWER ADSL CENTRAL-OFFICE LINE DRIVER
logo
SCHOTT CORPORATION
31250 SCHOTT-31250 Datasheet
14Kb / 1P
TRANSFORMER, ADSL CENTRAL OFFICE
31427 SCHOTT-31427 Datasheet
15Kb / 1P
TRANSFORMER, ADSL, CENTRAL OFFICE
31429 SCHOTT-31429 Datasheet
17Kb / 1P
TRANSFORMER, ADSL CENTRAL OFFICE
31441 SCHOTT-31441 Datasheet
13Kb / 1P
TRANSFORMER, ADSL CENTRAL OFFICE
31530 SCHOTT-31530 Datasheet
13Kb / 1P
TRANSFORMER, ADSL CENTRAL OFFICE
31642 SCHOTT-31642 Datasheet
14Kb / 1P
TRANSFORMER, ADSL CENTRAL OFFICE
logo
Texas Instruments
THS7102 TI1-THS7102 Datasheet
163Kb / 10P
ADSL (POTS) CENTRAL OFFICE LINE INTERFACE DRIVER/RECEIVER
THS7103 TI1-THS7103 Datasheet
150Kb / 9P
ADSL (ISDN) CENTRAL OFFICE LINE INTERFACE DRIVER/RECEIVER
THS6032 TI1-THS6032_14 Datasheet
1Mb / 35P
LOW-POWER ADSL CENTRAL-OFFICE LINE DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com