Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL331B-Q1 Datasheet (PDF) - Texas Instruments

TL331B-Q1 Datasheet PDF - Texas Instruments
Part # TL331B-Q1
Download  TL331B-Q1 Download
File Size   1070.14 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TL331B-Q1, TL391B-Q1 and TL331-Q1 Automotive Single Comparators

TL331B-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TL331B-Q1 Datasheet PDF - Texas Instruments

Part # TL331B-Q1
Download  TL331B-Q1 Click to download

File Size   1070.14 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TL331B-Q1, TL391B-Q1 and TL331-Q1 Automotive Single Comparators

TL331B-Q1 Datasheet (HTML) - Texas Instruments


TL331B-Q1 Product details

1 Features
• Qualified for automotive applications
• AEC-Q100 qualified with the following results:
– Device temperature grade 0: –40°C to 150°C
ambient operating temperature range (E
version)
– Device temperature grade 1: –40°C to 125°C
ambient operating temperature range (B and Q
versions)
– Device temperature grade 3: –40°C to
85°C ambient operating temperature range (I
version)
– Device HBM ESD classification level 2
– Device CDM ESD classification level C5
• NEW TL331B-Q1 and TL391B-Q1
• Wide range of supply voltage, 2V to 36V
• Low supply-current drain independent of supply
voltage:
0.43mA Typ (B version)
• Low input bias current, 3.5nA typ (B version)
• Low input offset voltage, 0.37mV typ (B Version)
• Differential input voltage range equal to maximumrated
supply voltage, ±36V
• Input range includes ground
• TL391B-Q1 provides an alternate pinout
• Output compatible With TTL, MOS and CMOS

2 Applications
• Automotive
• HEV/EV and power train
• Infotainment and cluster
• Body control module

3 Description
The TL331B-Q1 and TL391B-Q1 devices are the
next generation versions of the industry-standard
TL331-Q1 comparator. These next generation
devices provide outstanding value for cost-sensitive
applications, with features including lower offset
voltage, higher supply voltage capability, lower supply
current, lower input bias current, lower propagation
delay, dedicated ESD protection cells with improved
negative input voltage handling. The TL331B-Q1
can drop-in replace both the TL331-Q1 "I" and
"Q" versions. The TL391B-Q1 provides an alternate
pinout of the TL331B-Q1. The TL331E-Q1 extends
the temp range up to 150ºC, meeting AEC-Q100
Grade 0 temperature requirements.
This device consists of a single voltage comparator
designed to operate from a single power supply
over a wide range of voltages. Operation from dual
supplies also is possible if the difference between the
two supplies is 2V to 36V and VCC is at least 1.5V
more positive than the input common-mode voltage.
Current drain is independent of the supply voltage. To
achieve wired-AND relationships, one can connect the
output to other open-collector outputs.




Similar Part No. - TL331B-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL331B-Q1 TI-TL331B-Q1 Datasheet
1Mb / 27P
TL331B-Q1, TL391B-Q1 and TL331-Q1 Automotive Single Comparators
TL331B-Q1 TI1-TL331B-Q1 Datasheet
1Mb / 27P
TL331B-Q1, TL391B-Q1 and TL331-Q1 Automotive Single Comparators
JANUARY 2025
TL331B-Q1 TI2-TL331B-Q1 Datasheet
1Mb / 27P
TL331B, TL391B and TL331 Single Comparators
REVISED NOVEMBER 2024
TL331B-Q1 TI2-TL331B-Q1 Datasheet
1Mb / 27P
TL331B, TL391B and TL331 Single Comparators
REVISED NOVEMBER 2024
More results


Similar Description - TL331B-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2903-Q1 TI1-LM2903-Q1_V01 Datasheet
1Mb / 32P
LM2903-Q1 and LM2903B-Q1 Automotive Dual Comparators
TL331 TI1-TL331_V01 Datasheet
995Kb / 21P
TL331B, TL391B and TL331 Single Comparators
TLV9022-Q1 TI1-TLV9022-Q1 Datasheet
888Kb / 32P
TLV902x-Q1 and TLV903x-Q1 Precision Dual and Quad Automotive Comparators
LM2903-Q1 TI-LM2903-Q1_V02 Datasheet
1Mb / 33P
LM2903-Q1 and LM2903B-Q1 Automotive Dual Comparators
LM2903-Q1 TI-LM2903-Q1_V03 Datasheet
2Mb / 37P
LM2903-Q1 and LM2903B-Q1 Automotive Dual Comparators
LM2903-Q1 TI-LM2903-Q1_V04 Datasheet
3Mb / 38P
LM2903-Q1 and LM2903B-Q1 Automotive Dual Comparators
TL331-Q1 TI-TL331-Q1_V01 Datasheet
1Mb / 27P
TL331B-Q1, TL391B-Q1 and TL331-Q1 Automotive Single Comparators
LM2903-Q1 TI-LM2903-Q1_V05 Datasheet
3Mb / 44P
LM2903-Q1 and LM2903B-Q1 Automotive Dual Comparators
REVISED AUGUST 2022
LM2903-Q1 TI-LM2903-Q1_V06 Datasheet
3Mb / 44P
LM2903-Q1 and LM2903B-Q1 Automotive Dual Comparators
REVISED AUGUST 2022
TL331LV-Q1 TI-TL331LV-Q1 Datasheet
2Mb / 55P
TL331LV-Q1, TL391LV-Q1, LM393LV-Q1 and LM339LV-Q1 Low Voltage Automotive Rail to Rail Input Comparators
REVISED MARCH 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com