Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCAN0603E1000FST1 Datasheet (PDF) - Vishay Siliconix

PCAN0603E1000FST1 Datasheet PDF - Vishay Siliconix
Part # PCAN0603E1000FST1
Download  PCAN0603E1000FST1 Download
File Size   113.54 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Power Aluminum Nitride, Wraparound Surface Mount, Precision Thin Film Chip Resistor (up to 6 W)

PCAN0603E1000FST1 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCAN0603E1000FST1 Datasheet PDF - Vishay Siliconix

Part # PCAN0603E1000FST1
Download  PCAN0603E1000FST1 Click to download

File Size   113.54 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Power Aluminum Nitride, Wraparound Surface Mount, Precision Thin Film Chip Resistor (up to 6 W)

PCAN0603E1000FST1 Datasheet (HTML) - Vishay Siliconix


PCAN0603E1000FST1 Product details

FEATURES
• High thermal conductivity aluminum nitride
substrate
• Power rating up to 6.0 W
• Resistance range 2  to 30.1 k
• Resistor tolerance to ± 0.1 %
• TCR to ± 25 ppm/°C
• Flame resistant UL 94 V-0
• Material categorization: for definitions of
compliance please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and / or parts that are non-RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information / tables in this datasheet for details.
APPLICATIONS
• Power supplies
• Power switching
• Braking system




Similar Part No. - PCAN0603E1000FST1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PCAN0603E1000FST1 VISHAY-PCAN0603E1000FST1 Datasheet
119Kb / 5P
High Power Aluminum Nitride, Wraparound Surface Mount, Precision Thin Film Chip Resistor (up to 6 W)
23-Oct-2019
More results


Similar Description - PCAN0603E1000FST1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PHP VISHAY-PHP Datasheet
132Kb / 4P
High Power Thin Film Wraparound Chip Resistor
24-Feb-11
VSMP VISHAY-VSMP_10 Datasheet
393Kb / 4P
Ultra High Precision Foil Wraparound Surface Mount Chip Resistor
25-Mar-10
Y40625K00000Q0R VISHAY-Y40625K00000Q0R Datasheet
1Mb / 7P
Ultra High Precision Foil Wraparound Surface Mount Chip Resistor
20-Mar-12
PRAHT100 VISHAY-PRAHT100 Datasheet
97Kb / 4P
High Temperature (230 °C) High Precision Thin Film Wraparound Chip Resistor Arrays
20-Nov-12
PCAN VISHAY-PCAN Datasheet
94Kb / 5P
High Power Aluminum Nitride, Wraparound Surface Mount,Precision Thin Film Chip Resistor (up to 6 W)
07-Aug-14
PHP VISHAY-PHP_15 Datasheet
135Kb / 5P
High Power Thin Film Wraparound Chip Resistor
07-Aug-14
PCNM VISHAY-PCNM Datasheet
102Kb / 5P
High Power Aluminum Nitride, Wraparound Surface Mount, Precision Thin Film Non-Magnetic Chip Resistor (up to 6 W)
15-Jun-16
PHPA VISHAY-PHPA Datasheet
123Kb / 5P
High Power Thin Film Wraparound Chip Resistor AEC-Q200 Qualified
27-May-2021
RV VISHAY-RV_V01 Datasheet
103Kb / 5P
High Precision Wraparound Thin Film Chip Resistors
04-Oct-2021
logo
Stackpole Electronics, ...
RTAN SEI-RTAN Datasheet
351Kb / 6P
Tantalum Nitride Thin Film Chip Resistor
7/1/2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com