Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAL16R4 Datasheet (PDF) - Texas Instruments

PAL16R4 Datasheet PDF - Texas Instruments
Part # PAL16R4
Download  PAL16R4 Download
File Size   1012.99 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HIGH-PERFORMANCE IMPACT E PAL) CIRCUITS

PAL16R4 Datasheet (PDF)

Go To PDF Page Download Datasheet
PAL16R4 Datasheet PDF - Texas Instruments

Part # PAL16R4
Download  PAL16R4 Click to download

File Size   1012.99 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HIGH-PERFORMANCE IMPACT E PAL) CIRCUITS

PAL16R4 Datasheet (HTML) - Texas Instruments


PAL16R4 Product details

High-Performance Operation:
Propagation Delay
C Suffix . . . 15 ns Max
M Suffix . . . 20 ns Max
Functionally Equivalent, but Faster Than
PAL16L8A, PAL16R4A, PAL16R6A, and
PAL16R8A
Power-Up Clear on Registered Devices (All
Register Outputs Are Set High, but Voltage
Levels at the Output Pins Go Low)
Package Options Include Both Plastic and
Ceramic Chip Carriers in Addition to
Plastic and Ceramic DIPs
Dependable Texas Instruments Quality and
Reliability

description
These programmable array logic devices feature
high speed and functional equivalency when
compared with currently available devices. These
IMPACTE circuits combine the latest Advanced
Low-Power Schottky technology with proven
titanium-tungsten fuses to provide reliable,
high-performance substitutes for conventional
TTL logic. Their easy programmability allows for
quick design of custom functions and typically
results in a more compact circuit board. In
addition, chip carriers are available for further
reduction in board space.
The TIBPAL16’ C series is characterized from 0°C
to 75°C. The TIBPAL16’ M series is characterized
for operation over the full military temperature
range of –55°C to 125°C.




Similar Part No. - PAL16R4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PAL16R4 TI-PAL16R4 Datasheet
357Kb / 18P
STANDARD HIGH-SPEED PAL CIRCUITS
logo
Advanced Micro Devices
PAL16R4 AMD-PAL16R4 Datasheet
1Mb / 33P
20-PIN TTL PROGRAMMABLE ARRAY LOGIC
logo
National Semiconductor ...
PAL16R4 NSC-PAL16R4 Datasheet
448Kb / 14P
Progammable Array Logic Series 24 (PAL Series 24)
logo
Advanced Micro Devices
PAL16R4 AMD-PAL16R4 Datasheet
271Kb / 33P
20-Pin TTL Programmable Array Logic
logo
Texas Instruments
PAL16R4 TI-PAL16R4 Datasheet
645Kb / 27P
LOW-POWER HIGH-PERFORMANCE IMPACT
More results


Similar Description - PAL16R4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIBPAL16L8-15C TI-TIBPAL16L8-15C Datasheet
287Kb / 17P
HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL16L8-15M TI-TIBPAL16L8-15M Datasheet
249Kb / 13P
HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL16L8-25C TI-TIBPAL16L8-25C Datasheet
287Kb / 19P
LOW-POWER HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL16L8-5C TI-TIBPAL16L8-5C Datasheet
295Kb / 30P
HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8-7C TI-TIBPAL16L8-7C Datasheet
240Kb / 23P
HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8 TI-TIBPAL16L8 Datasheet
234Kb / 23P
HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL20L8-15C TI-TIBPAL20L8-15C Datasheet
184Kb / 17P
HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL20L8-7C TI-TIBPAL20L8-7C Datasheet
210Kb / 20P
HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8-15C TI-TIBPAL16L8-15C_07 Datasheet
589Kb / 24P
HIGH-PERFORMANCE IMPACT E PAL) CIRCUITS
TIBPAL20L8-15C TI1-TIBPAL20L8-15C_15 Datasheet
396Kb / 24P
HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com