Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D01498 Datasheet (PDF) - Premier Farnell Limited.

D01498 Datasheet PDF - Premier Farnell Limited.
Part # D01498
Download  D01498 Download
File Size   143.56 Kbytes
Page   2 Pages
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.
Description Spacer

D01498 Datasheet (PDF)

Go To PDF Page Download Datasheet
D01498 Datasheet PDF - Premier Farnell Limited.

Part # D01498
Download  D01498 Click to download

File Size   143.56 Kbytes
Page   2 Pages
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.
Description Spacer

D01498 Datasheet (HTML) - Premier Farnell Limited.


D01498 Product details

Features:
• Material Designation : 101(+)(f1), 101F(+)(f1), 101L(+)(f1), E101(+)(f1), E101L(f1), 132F(+)(f1), 135F(+)(f1)
• Product Description : Polyamide 66 (PA 66), designated "zytel" furnished as pallets
• Dielectric Strength : 13kV/mm
• Volume Resistivity : 14 (10k
Ω-cm)
• CTI : 0
• HVTR : 0
• D495 : 6




Similar Part No. - D01498

ManufacturerPart #DatasheetDescription
logo
Premier Farnell Limited...
D01490 DURATOOL-D01490 Datasheet
230Kb / 2P
Duratool Spacer
29/04/13 V1.0
D01491 DURATOOL-D01491 Datasheet
198Kb / 2P
Spacer
29/04/13 V1.0
D01492 DURATOOL-D01492 Datasheet
198Kb / 1P
Spacer
02/04/13 V1.0
D01493 DURATOOL-D01493 Datasheet
133Kb / 1P
Threaded Spacer
27/11/23 V1.1
D01494 DURATOOL-D01494 Datasheet
168Kb / 1P
Threaded Spacer
27/11/23 V1.1
More results


Similar Description - D01498

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
LEDS2M-.120-01 RICHCO-LEDS2M-.120-01 Datasheet
63Kb / 1P
LED SPACER
logo
Molex Electronics Ltd.
0011172140 MOLEX1-0011172140 Datasheet
24Kb / 1P
Punch Spacer
logo
Visual Communications C...
SPC040-E VCC-SPC040-E Datasheet
62Kb / 1P
LENS SPACER
logo
List of Unclassifed Man...
PS-6-01 ETC2-PS-6-01 Datasheet
60Kb / 1P
PUSH SPACER
logo
Wurth Elektronik GmbH &...
709656000 WURTH-709656000 Datasheet
104Kb / 1P
SPACER SUPPORT
709670020 WURTH-709670020 Datasheet
114Kb / 1P
SPACER SUPPORT
709670050 WURTH-709670050 Datasheet
114Kb / 1P
SPACER SUPPORT
709670070 WURTH-709670070 Datasheet
114Kb / 1P
SPACER SUPPORT
709670100 WURTH-709670100 Datasheet
114Kb / 1P
SPACER SUPPORT
709670110 WURTH-709670110 Datasheet
114Kb / 1P
SPACER SUPPORT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com