Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ1017 Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ1017 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ1017
Download  AOZ1017 Download
File Size   615.19 Kbytes
Page   16 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description EZBuck??3A Simple Regulator

AOZ1017 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ1017 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ1017
Download  AOZ1017 Click to download

File Size   615.19 Kbytes
Page   16 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description EZBuck??3A Simple Regulator

AOZ1017 Datasheet (HTML) - Alpha & Omega Semiconductors


AOZ1017 Product details

General Description

The AOZ1017 is a high efficiency, simple to use, 3A buck regulator. The AOZ1017 works from a 4.5V to 16V input voltage range, and provides up to 3A of continuous output current with an output voltage adjustable down to 0.8V.

The AOZ1017 comes in an SO-8 package and is rated over a -40°C to +85°C ambient temperature range.



Features

● 4.5V to 16V operating input voltage range

● 50mΩ internal PFET switch for high efficiency: up to 95%

● Internal soft start

● Output voltage adjustable to 0.8V

● 3A continuous output current

● Fixed 500kHz PWM operation

● Cycle-by-cycle current limit

● Short-circuit protection

● Output over voltage protection

● Thermal shutdown

● Small size SO-8 packages



Applications

● Point of load DC/DC conversion

● PCIe graphics cards

● Set top boxes

● DVD drives and HDD

● LCD panels

● Cable modems

● Telecom/Networking/Datacom equipment



 




Similar Part No. - AOZ1017

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1017-EVA AOSMD-AOZ1017-EVA Datasheet
215Kb / 4P
EZBuck??3A Simple Buck Regulator Evaluation Board Note
AOZ1017A AOSMD-AOZ1017A Datasheet
569Kb / 15P
EZBuck™ 3A Simple Regulator
Rev. 1.2 April 2009
AOZ1017AI AOSMD-AOZ1017AI Datasheet
430Kb / 15P
EZBuck??3A Simple Regulator
AOZ1017AI AOSMD-AOZ1017AI Datasheet
569Kb / 15P
EZBuck™ 3A Simple Regulator
Rev. 1.2 April 2009
AOZ1017AIL AOSMD-AOZ1017AIL Datasheet
569Kb / 15P
EZBuck™ 3A Simple Regulator
Rev. 1.2 April 2009
More results


Similar Description - AOZ1017

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1012D AOSMD-AOZ1012D Datasheet
795Kb / 17P
EZBuck??3A Simple Buck Regulator
AOZ1013AI AOSMD-AOZ1013AI_09 Datasheet
393Kb / 14P
EZBuck??3A Simple Regulator
AOZ1017AI AOSMD-AOZ1017AI Datasheet
430Kb / 15P
EZBuck??3A Simple Regulator
AOZ1017DI AOSMD-AOZ1017DI Datasheet
517Kb / 16P
EZBuck??3A Simple Regulator
AOZ1057AI AOSMD-AOZ1057AI Datasheet
708Kb / 15P
EZBuck??3A Simple Buck Regulator
AOZ1212DI AOSMD-AOZ1212DI Datasheet
571Kb / 18P
EZBuck??3A Simple Buck Regulator
AOZ1242AI AOSMD-AOZ1242AI Datasheet
663Kb / 18P
EZBuck??3A Simple Buck Regulator
AOZ1242DI AOSMD-AOZ1242DI Datasheet
663Kb / 18P
EZBuck??3A Simple Buck Regulator
AOZ1212 AOSMD-AOZ1212 Datasheet
571Kb / 18P
EZBuck??3A Simple Buck Regulator
AOZ1017A AOSMD-AOZ1017A Datasheet
569Kb / 15P
EZBuck™ 3A Simple Regulator
Rev. 1.2 April 2009
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com