Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2917 Datasheet (PDF) - NXP Semiconductors

LPC2917 Datasheet PDF - NXP Semiconductors
Part # LPC2917_V01
Download  LPC2917 Download
File Size   575.92 Kbytes
Page   86 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description ARM9 microcontroller with CAN and LIN

LPC2917 Datasheet (PDF)

Go To PDF Page Download Datasheet
LPC2917 Datasheet PDF - NXP Semiconductors

Part # LPC2917_V01
Download  LPC2917 Click to download

File Size   575.92 Kbytes
Page   86 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description ARM9 microcontroller with CAN and LIN

LPC2917 Datasheet (HTML) - NXP Semiconductors


LPC2917 Product details

General description
The LPC2917/2919/01 combine an ARM968E-S CPU core with two integrated TCM blocks operating at frequencies of up to 125 MHz, CAN and LIN, 56 kB SRAM, up to 768 kB flash memory, external memory interface, two 10-bit ADCs, and multiple serial and parallel interfaces in a single chip targeted at consumer, industrial, medical, and communication markets. To optimize system power consumption, the LPC2917/2919/01 has a very flexible Clock Generation Unit (CGU) that provides dynamic clock gating and scaling.

Features
ARM968E-S processor running at frequencies of up to 125 MHz maximum.
Multi-layer AHB system bus at 125 MHz with three separate layers.
On-chip memory:
Two Tightly Coupled Memories (TCM), 16 kB Instruction TCM (ITCM), 16 kB Data TCM (DTCM).
Two separate internal Static RAM (SRAM) instances; 32 kB SRAM and 16 kB SRAM.
8 kB ETB SRAM also available for code execution and data.
Up to 768 kB high-speed flash-program memory.
16 kB true EEPROM, byte-erasable and programmable.
Dual-master, eight-channel GPDMA controller on the AHB multi-layer matrix which can be used with the SPI interfaces and the UARTs, as well as for memory-to-memory transfers including the TCM memories.
External Static Memory Controller (SMC) with eight memory banks; up to 32-bit data bus; up to 24-bit address bus.
Serial interfaces:
Two-channel CAN controller supporting FullCAN and extensive message filtering
Two LIN master controllers with full hardware support for LIN communication. The LIN interface can be configured as UART to provide two additional UART interfaces.
Two 550 UARTs with 16-byte Tx and Rx FIFO depths, DMA support, and RS485/EIA-485 (9 bit) support.
Three full-duplex Q-SPIs with four slave-select lines; 16 bits wide; 8 locations deep;Tx FIFO and Rx FIFO.
Two I2C-bus interfaces.
Other peripherals:
Two 10-bit ADCs, 8 channels each, with 3.3 V measurement range and conversion times as low as 2.44 μs per channel. Each channel provides a compare function to minimize interrupts.
Multiple trigger-start option for all ADCs: timer, PWM, other ADC, and external signal input.
Four 32-bit timers each containing four capture-and-compare registers linked to I/Os.
Four six-channel PWMs (Pulse-Width Modulators) with capture and trap functionality.
Two dedicated 32-bit timers to schedule and synchronize PWM and ADC.
Quadrature encoder interface that can monitor one external quadrature encoder.
32-bit watchdog with timer change protection, running on safe clock.
Up to 108 general-purpose I/O pins with programmable pull-up, pull-down, or bus keeper.
Vectored Interrupt Controller (VIC) with 16 priority levels.
Up to 19 level-sensitive external interrupt pins, including CAN and LIN wake-up features.
Configurable clock-out pin for driving external system clocks.
Processor wake-up from power-down via external interrupt pins; CAN or LIN activity.
Flexible Reset Generator Unit (RGU) able to control resets of individual modules.
Flexible Clock-Generation Unit (CGU0) able to control clock frequency of individual modules:
On-chip very low-power ring oscillator; fixed frequency of 0.4 MHz; always on to provide a Safe_Clock source for system monitoring.
On-chip crystal oscillator with a recommended operating range from 10 MHz to 25 MHz. PLL input range 10 MHz to 25 MHz.
On-chip PLL allows CPU operation up to a maximum CPU rate of 125 MHz.
Generation of up to 11 base clocks.
Seven fractional dividers.
Second CGU (CGU1) with its own PLL generates a configurable clock output.
Highly configurable system Power Management Unit (PMU):
clock control of individual modules.
allows minimization of system operating power consumption in any configuration.
Standard ARM test and debug interface with real-time in-circuit emulator.
Boundary-scan test supported.
ETM/ETB debug functions with 8 kB of dedicated SRAM also accessible for application code and data storage.
Dual power supply:
CPU operating voltage: 1.8 V ± 5 %.
I/O operating voltage: 2.7 V to 3.6 V; inputs tolerant up to 5.5 V.
144-pin LQFP package.
−40 °C to +85 °C ambient operating temperature range.




Similar Part No. - LPC2917_V01

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2917/01 NXP-LPC2917/01 Datasheet
411Kb / 86P
ARM9 microcontroller with CAN and LIN
Rev. 02-17 June 2009
LPC2917/01 NXP-LPC2917/01 Datasheet
4Mb / 12P
NXP Microcontrollers Selection Guide
November 2012
LPC2917FBD144 PHILIPS-LPC2917FBD144 Datasheet
1Mb / 68P
ARM9 microcontroller with CAN and LIN
Rev.1.01-15 November 2007
LPC2917FBD144/01 NXP-LPC2917FBD144/01 Datasheet
411Kb / 86P
ARM9 microcontroller with CAN and LIN
Rev. 02-17 June 2009
More results


Similar Description - LPC2917_V01

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2917 PHILIPS-LPC2917 Datasheet
1Mb / 68P
ARM9 microcontroller with CAN and LIN
Rev.1.01-15 November 2007
LPC2921 PHILIPS-LPC2921 Datasheet
458Kb / 81P
ARM9 microcontroller with CAN, LIN, and USB device
Rev.00.01-24 October 2008
LPC2917 NXP-LPC2917 Datasheet
411Kb / 86P
ARM9 microcontroller with CAN and LIN
Rev. 02-17 June 2009
LPC2921 NXP-LPC2921 Datasheet
391Kb / 83P
ARM9 microcontroller with CAN, LIN, and USB
Rev. 01-15 June 2009
LPC2927 NXP-LPC2927 Datasheet
445Kb / 95P
ARM9 microcontroller with CAN, LIN, and USB
Rev. 02-22 June 2009
LPC2921 NXP-LPC2921_10 Datasheet
571Kb / 84P
ARM9 microcontroller with CAN, LIN, and USB
Rev. 03-14 April 2010
LPC2927 NXP-LPC2927_10 Datasheet
637Kb / 95P
ARM9 microcontroller with CAN, LIN, and USB
Rev. 04-14 April 2010
LPC2930 NXP-LPC2930 Datasheet
670Kb / 98P
ARM9 flashless microcontroller with CAN, LIN, and USB
Rev. 03-16 April 2010
LPC2939 NXP-LPC2939 Datasheet
2Mb / 99P
ARM9 microcontroller with CAN, LIN, and USB
Rev. 03-7 April 2010
LPC2926 NXP-LPC2926 Datasheet
1Mb / 95P
ARM9 microcontroller with CAN, LIN, and USB
Rev. 5-28 September 2010
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com