Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL145406 Datasheet (PDF) - Texas Instruments

TL145406 Datasheet PDF - Texas Instruments
Part # TL145406
Download  TL145406 Download
File Size   1029.79 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TRIPLE RS-232 DRIVERS/RECEIVERS

TL145406 Datasheet (PDF)

Go To PDF Page Download Datasheet
TL145406 Datasheet PDF - Texas Instruments

Part # TL145406
Download  TL145406 Click to download

File Size   1029.79 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TRIPLE RS-232 DRIVERS/RECEIVERS

TL145406 Datasheet (HTML) - Texas Instruments


TL145406 Product details

Meets or Exceeds the Requirements of
ANSI TIA/EIA-232-F and ITU V.28
Designed to Support Data Rates up to
120 kbit/s Over 3-m Cable
ESD Protection Exceeds 5 kV on All Pins
Flow-Through Design
Wide-Driver Supply Voltage . . . ±7.5 V to
±15 V
Functionally Interchangeable With Motorola
MC145406 and Texas Instruments
SN75C1406

description
The TL145406 is a bipolar device containing three independent drivers and receivers that are used to interface
data terminal equipment (DTE) with data circuit-terminating equipment (DCE). The drivers and receivers of the
TL145406 are similar to those of the SN75188 quadruple driver and SN75189A quadruple receiver,
respectively. The pinout matches the flow-through design of the SN75C1406 to reduce the board space required
and to allow easy interconnection. The bipolar circuits and processing of the TL145406 provide a rugged
low-cost solution for this function at the expense of quiescent power and external passive components relative
to the SN75C1406.
The TL145406 complies with the requirements of TIA/EIA-232-F and ITU (formerly CCITT) V.28 standards.
These standards are for data interchange between a host computer and peripheral at signaling rates up to
20kbit/s. The switching speeds of the TL145406 are fast enough to support rates up to 120 kbit/s with lower
capacitive loads (shorter cables). Interoperability at the higher signaling rates cannot be assured unless the
designer has design control of the cable and of the interface circuits at both ends. For interoperability at signaling
rates to 120 kbit/s, use of TIA/EIA-423-B (ITU V.10) and TIA/EIA-422-B (ITU V.11) standards is recommended.
The TL145406 is characterized for operation from 0°C to 70°C.




Similar Part No. - TL145406

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL145406 TI-TL145406 Datasheet
165Kb / 10P
TRIPLE RS-232 DRIVERS/RECEIVERS
TL145406 TI1-TL145406 Datasheet
675Kb / 18P
TRIPLE RS-232 DRIVERS/RECEIVERS
TL145406DW TI-TL145406DW Datasheet
165Kb / 10P
TRIPLE RS-232 DRIVERS/RECEIVERS
TL145406DW TI-TL145406DW Datasheet
345Kb / 14P
TRIPLE RS-232 DRIVERS/RECEIVERS
TL145406DW TI1-TL145406DW Datasheet
675Kb / 18P
TRIPLE RS-232 DRIVERS/RECEIVERS
More results


Similar Description - TL145406

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL145406 TI-TL145406 Datasheet
165Kb / 10P
TRIPLE RS-232 DRIVERS/RECEIVERS
TL145406 TI-TL145406_06 Datasheet
345Kb / 14P
TRIPLE RS-232 DRIVERS/RECEIVERS
logo
Analog Devices
ADM231L AD-ADM231L_15 Datasheet
304Kb / 20P
CMOS RS-232 Drivers/Receivers
REV. C
ADM232A AD-ADM232A_15 Datasheet
183Kb / 11P
CMOS RS-232 Drivers/Receivers
REV. B
ADM232L AD-ADM232L_15 Datasheet
304Kb / 20P
CMOS RS-232 Drivers/Receivers
REV. C
ADM233L AD-ADM233L_15 Datasheet
304Kb / 20P
CMOS RS-232 Drivers/Receivers
REV. C
ADM234L AD-ADM234L_15 Datasheet
304Kb / 20P
CMOS RS-232 Drivers/Receivers
REV. C
ADM238L AD-ADM238L_15 Datasheet
304Kb / 20P
CMOS RS-232 Drivers/Receivers
REV. C
ADM1181A AD-ADM1181A_15 Datasheet
255Kb / 16P
RS-232 Line Drivers/Receivers
REV. C
logo
Texas Instruments
TL145406 TI1-TL145406_14 Datasheet
675Kb / 18P
TRIPLE RS-232 DRIVERS/RECEIVERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com